Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F6QG2G140P2KA Datasheet(PDF) 2 Page - Taiyo Yuden (U.S.A.), Inc

Part # F6QG2G140P2KA
Description  SAW Filter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

F6QG2G140P2KA Datasheet(HTML) 2 Page - Taiyo Yuden (U.S.A.), Inc

  F6QG2G140P2KA Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc F6QG2G140P2KA Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc F6QG2G140P2KA Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc F6QG2G140P2KA Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc F6QG2G140P2KA Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc F6QG2G140P2KA Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc F6QG2G140P2KA Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc F6QG2G140P2KA Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc F6QG2G140P2KA Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
*Pb Free part
Customer Name
Standard specification
System
W-CDMA I & IV Rx
DATE
Nov. 17, 2011
Part Number
F6QG2G140P2KA
Version 1.1a
Final
Pb-free
Pb
MSL1
Table 1 Electrical Specification
Passband: 2110 - 2170MHz
Parameter
Condition
(MHz)
Specification
Unit
Remarks
Min.
Typ.
Max.
Insertion Loss
2110 - 2170
-
1.7
2.2
dB(*)
2110 - 2155
Amplitude ripple
2110 - 2170
-
0.6
1.5
dB
2110 - 2155
Input VSWR
2110 - 2170
-
1.9
2.2
-
2110 - 2155
Output VSWR
2110 - 2170
-
1.9
2.2
-
2110 - 2155
Attenuation
10 - 1920
40
48
-
dB
824 - 849
50
61
-
dB
1710 - 1755
45
54
-
dB
1920 - 1980
50
55
-
dB
2300 - 2500
25
35
-
dB
4220 - 4340
35
50
-
dB
Amplitude balance
(|S21/S31|)
2110 - 2170
-1.5
-0.3~ +0.8
+1.5
dB
2110 - 2155
Phase balance
((
ΦS21-ΦS31)+180)
2110 - 2170
-10
-3~+6
+10
deg
2110 - 2155
Operating temperature range
-30 ~ +85
o
C
Input Impedance (Unbalanced)
50
ohm
Output Impedance
(Balanced / differential)
100
ohm
Device size
1.1typ. x 0.9typ. x 0.5max.
mm
(*) Specification of insertion loss includes loss that comes from the test board. (0.15dB)


Similar Part No. - F6QG2G140P2KA

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
F6QG2G140P2KA TAIYO-YUDEN-F6QG2G140P2KA Datasheet
300Kb / 2P
   FBAR/SAW DEVICES for COMMUNICATIONS (SAW Type)
2022.03.21
More results

Similar Description - F6QG2G140P2KA

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
   SAW Components SAW Filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
   SAW Components SAW Filter
B39431B3732H110 TDK-B39431B3732H110 Datasheet
109Kb / 10P
   SAW Components SAW filter
B39321B3722U410 TDK-B39321B3722U410 Datasheet
91Kb / 8P
   SAW Components SAW filter
B39431B3935H110 TDK-B39431B3935H110 Datasheet
114Kb / 10P
   SAW Components SAW filter
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
   SAW Components SAW filter
B39272B4329P810 TDK-B39272B4329P810 Datasheet
94Kb / 8P
   SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
   SAW Components SAW filter
B39311B3739H110 TDK-B39311B3739H110 Datasheet
114Kb / 11P
   SAW Components SAW filter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com