Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1730-4.2 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1730-4.2
Description  Lithium-Ion Battery Pulse Charger with Overcurrent Protection
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1730-4.2 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1730-4.2_15 Datasheet HTML 4Page - Linear Technology LTC1730-4.2_15 Datasheet HTML 5Page - Linear Technology LTC1730-4.2_15 Datasheet HTML 6Page - Linear Technology LTC1730-4.2_15 Datasheet HTML 7Page - Linear Technology LTC1730-4.2_15 Datasheet HTML 8Page - Linear Technology LTC1730-4.2_15 Datasheet HTML 9Page - Linear Technology LTC1730-4.2_15 Datasheet HTML 10Page - Linear Technology LTC1730-4.2_15 Datasheet HTML 11Page - Linear Technology LTC1730-4.2_15 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
LTC1730-4/LTC1730-4.2
10
sn1730 1730fs
Surface mount packages rely primarily on the copper leads
(pins) to conduct the heat from the package to the sur-
rounding PC board copper which is acting as a heat sink.
The ground pin is especially important for conducting heat
as well as providing an electrical connection. Use gener-
ous amounts of copper around the ground pin and also
consider feedthrough vias (plated through holes) to back-
side or inner copper layers to maximize power dissipation.
Table 1 lists the thermal resistance for the SO-8 package.
Measured values of thermal resistance for several differ-
ent board sizes and copper areas are listed. All measure-
ments were taken in still air on 0.062" FR-4 board with one
ounce copper.
Calculating Junction Temperature
Example: Find the maximum junction temperature for a
battery voltage of 4V (VCC will collapse to approximately
VBAT in the fast charge mode), charge current of 1A and a
maximum ambient temperature of 75
°C.
The power dissipated by the IC is:
P= (IBAT • IBAT • RDS(ON)) + (VCC • ICC)
= (1A • 1A • 0.35
Ω) + (4V • 1mA)
= 0.35 + 0.004
= 0.354W
The SO-8 package for the LTC1730 features a special lead
frame with a lower thermal resistance and higher allow-
able power dissipation. The junction-to-ambient thermal
resistance of this package when soldered to a PC board is
approximately 80
°C/W depending on the copper area. So
the junction temperature rise above ambient will be
approximately:
(0.354W)(80
°C/W) = 28.3°C
The maximum junction temperature is equal to the maxi-
mum junction temperature rise above ambient plus the
maximum ambient temperature or:
TJMAX = 75°C + 28.3°C = 103.3°C
Table 1. SO-8 Package Thermal Resistance
COPPER AREA
TOTAL
THERMAL RESISTANCE
TOPSIDE
BACKSIDE
BOARD AREA
(JUNCTION-TO-AMBIENT)
2500mm2
2500mm2
2500mm2
80
°C/W
1000mm2
2500mm2
2500mm2
80
°C/W
250mm2
2500mm2
2500mm2
85
°C/W
*Device is mounted on topside.
Output Voltage Selection (LTC1730EGN-4)
The float voltage at the BAT pin can be selected by the SEL
pin. Shorting the SEL pin to ground will set the float
voltage to 4.1V, while connecting it to VCC sets it to 4.2V.
This feature allows the charger to be used with different
types of Li-Ion cells.
ACPR Output Pin (LTC1730EGN-4)
When the input voltage is 40mV higher than the voltage at
the BAT pin, the ACPR pin is pulled low to ground to
indicate that the input supply (wall adapter) is applied.
After the input supply is removed, this pin becomes high
impedance. An internal 80ms delay prevents the LTC1730
from turning off if the voltage at the VCC pin rings and gets
too close to VBAT because of the parasitic inductance.
FAULT Output Pin (LTC1730EGN-4)
The FAULT pin is pulled to ground when either one of the
following conditions is detected:
1. The voltage at the NTC/SHDN pin is out of the operation
range. With a 10k negative temperature coefficient
thermistor placed near the battery pack, this pin indi-
cates that the temperature of the pack is either too cold
or too hot and the charger is suspended. Once the
temperature is back to the operational range, the FAULT
pin becomes high impedance and the charging re-
sumes.
2. The voltage at the BAT pin stays below 2.45V for 1/4 of
the programmed charge time. If VBAT remains low even
with 35mA of trickle charge current for 1/4 of the total
APPLICATIO S I FOR ATIO


Similar Part No. - LTC1730-4.2_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1730-4.2 LINER-LTC1730-4.2 Datasheet
157Kb / 12P
   Lithium-Ion Battery Pulse Charger with Overcurrent Protection
More results

Similar Description - LTC1730-4.2_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1730-4 LINER-LTC1730-4_15 Datasheet
169Kb / 12P
   Lithium-Ion Battery Pulse Charger with Overcurrent Protection
LTC1730-4 LINER-LTC1730-4 Datasheet
157Kb / 12P
   Lithium-Ion Battery Pulse Charger with Overcurrent Protection
logo
Linear Integrated Syste...
LTC4052-42 LINEAR-LTC4052-42 Datasheet
162Kb / 8P
   Lithium-Ion Battery Pulse Charger with Overcurrent Protection
logo
Linear Technology
LTC4052-4.2 LINER-LTC4052-4.2 Datasheet
171Kb / 12P
   Lithium-Ion Battery Pulse Charger with Overcurrent Protection
LTC4052-4.2 LINER-LTC4052-4.2_15 Datasheet
176Kb / 12P
   Lithium-Ion Battery Pulse Charger with Overcurrent Protection
logo
Microchip Technology
TC3827 MICROCHIP-TC3827 Datasheet
142Kb / 10P
   Lithium-Ion Battery Charger
2001
logo
Shanghai awinic technol...
AW3210A AWINIC-AW3210A Datasheet
1Mb / 12P
   Lithium ion battery charger
logo
Analog Devices
ADP3820 AD-ADP3820 Datasheet
112Kb / 8P
   Lithium-Ion Battery Charger
REV. A
ADP3820 AD-ADP3820_15 Datasheet
635Kb / 8P
   Lithium-Ion Battery Charger
REV. A
logo
NXP Semiconductors
SA57608 PHILIPS-SA57608 Datasheet
111Kb / 10P
   One-cell Lithium-ion battery protection with over/undercharge and overcurrent protection
2003 Oct 29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com