Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KTA1225D Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KTA1225D
Description  EPITAXIAL PLANAR PNP TRANSISTOR (HIGH VOLTAGE)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTA1225D Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KTA1225D Datasheet HTML 1Page - KEC(Korea Electronics) KTA1225D Datasheet HTML 2Page - KEC(Korea Electronics) KTA1225D Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2003. 3. 27
2/3
KTA1225D/L
Revision No : 2
Pc - Ta
AMBIENT TEMPERATURE Ta ( C)
0
20
40
0
20
f
- I
TC
C
COLLECTOR CURRENT I (A)
-0.005
300
0
30
-0.01
-0.03
-0.1
-0.3
-1
50
100
COMMON EMITTER
V =-10V
Tc=25 C
CE
60
80 100 120 140 160 180
5
10
25
15
30
I
- V
CCE
CE
COLLECTOR-EMITTER VOLTAGE V
(V)
0-2
-4
-6
-0.2
0
V
- I
CE(sat)
C
C
COLLECTOR CURRENT I (A)
-1
-3
-0.003
-1
10
300
-0.003
-3
-1
COLLECTOR CURRENT I (A)
C
C
FE
h
- I
-0.2
0
-0.2
0
BASE-EMITTER VOLTAGE V
(V)
BE
BE
C
I
- V
-8
-10
-12
-14
-16
-0.4
-0.6
-0.8
-1.0
COMMON
EMITTER
Tc=25 C
I =-2mA
B
-4mA
-6mA
-8mA
-12mA
0mA
-0.01
-0.03
-0.1
-0.3
30
50
100
COMMON EMITTER
V =-5V
CE
Tc=100 C
Tc=25 C
Tc=-25 C
-0.01
-0.03
-0.1
-0.3
-0.03
-0.05
-0.1
-0.3
-0.5
COMMON EMITTER
I /I =10
C B
Tc=100
C
Tc=25 C
Tc=-25 C
-0.4
-0.6
-0.8
-1.0
-1.2
-1.4
-0.4
-0.6
-0.8
-1.0
COMMON
V =-5V
CE
EMITTER
Tc=25 C
Ta=25 C
1
2
1
2


Similar Part No. - KTA1225D

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTA1225D KEC-KTA1225D Datasheet
404Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR
More results

Similar Description - KTA1225D

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BTPA94A3 CYSTEKEC-BTPA94A3 Datasheet
156Kb / 4P
   High Voltage PNP Epitaxial Planar Transistor
BTP6520A3 CYSTEKEC-BTP6520A3 Datasheet
154Kb / 4P
   High Voltage PNP Epitaxial Planar Transistor
logo
KEC(Korea Electronics)
KTA1659 KEC-KTA1659 Datasheet
128Kb / 1P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH VOLTAGE)
KTA968A KEC-KTA968A Datasheet
120Kb / 1P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH VOLTAGE)
logo
Cystech Electonics Corp...
BTB9050N3 CYSTEKEC-BTB9050N3 Datasheet
278Kb / 7P
   High Voltage PNP Epitaxial Planar Transistor
BTP9050N3 CYSTEKEC-BTP9050N3 Datasheet
281Kb / 7P
   High Voltage PNP Epitaxial Planar Transistor
BTP6520N3 CYSTEKEC-BTP6520N3 Datasheet
151Kb / 4P
   High Voltage PNP Epitaxial Planar Transistor
BTA1727J3 CYSTEKEC-BTA1727J3 Datasheet
433Kb / 7P
   High Voltage PNP Epitaxial Planar Transistor
BTA1727M3 CYSTEKEC-BTA1727M3 Datasheet
432Kb / 8P
   High Voltage PNP Epitaxial Planar Transistor
logo
KEC(Korea Electronics)
KTA1023 KEC-KTA1023 Datasheet
334Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH VOLTAGE)
KTA1700 KEC-KTA1700 Datasheet
128Kb / 1P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH VOLTAGE)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com