Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1643L Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1643L
Description  PCI-Bus Hot Swap Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1643L Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1643L_15 Datasheet HTML 4Page - Linear Technology LTC1643L_15 Datasheet HTML 5Page - Linear Technology LTC1643L_15 Datasheet HTML 6Page - Linear Technology LTC1643L_15 Datasheet HTML 7Page - Linear Technology LTC1643L_15 Datasheet HTML 8Page - Linear Technology LTC1643L_15 Datasheet HTML 9Page - Linear Technology LTC1643L_15 Datasheet HTML 10Page - Linear Technology LTC1643L_15 Datasheet HTML 11Page - Linear Technology LTC1643L_15 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LTC1643L/LTC1643L-1/LTC1643H
BLOCK DIAGRAM
+
LOGIC
9.5V
UVL
5VOUT
+
3VOUT
12VIN
50
µA
200
µA
Q5
ON/ON
FAULT
20
µA
3VSENSE
GATE
5VIN 5VSENSE
12VIN
12VOUT
VEEIN
VEEOUT
TIMER
GND
12VIN
3VIN
5VOUT
3VOUT
2.5V
UVL
2.5V
UVL
REF
REF
REF
LTC1643H/LTC1643L
ONLY
LTC1643H/LTC1643L
ONLY
Q2
Q8
REF
1643 BD
CP3
CP4
CP5
CP7
Q3
Q4
5
13
1
16
4
2
15
8
12
11
10
9
3
14
6
7
PWRGD
Q7
Q1
Q9
Q10
Q6
APPLICATIONS INFORMATION
Hot Circuit Insertion
When a circuit board is inserted into a live PCI slot, the
supply bypass capacitors on the board can draw huge
transient currents from the PCI power bus as they charge
up. The transient currents can cause permanent damage
to the connector pins and cause glitches on the power bus,
causing other boards in the system to reset.
The LTC1643 is designed to turn a board’s supply voltages
on and off in a controlled manner, allowing the board to be
safely inserted or removed from a live PCI slot without
glitching the system power supplies. The chip also pro-
tects the PCI supplies from shorts and monitors the
supply voltages.
The LTC1643H is designed for motherboard applica-
tions, while the LTC1643L/LTC1643L-1 are designed for
CompactPCI applications where the chip resides on the
plug-in board.
VEEOUT (Pin 15): –12V Supply Output. A 1.2Ω switch is
connected between VEEIN and VEEOUT. VEEOUT must
exceed –10.8V before the PWRGD signal can go high on
the LTC1643H and LTC1643L.
12VOUT (Pin 16): 12V Supply Output. A 0.5Ω switch is
connected between 12VIN and 12VOUT. 12VOUT must
exceed 11.4V before the PWRGD signal can go high on the
LTC1643H and LTC1643L.
PIN FUNCTIONS


Similar Part No. - LTC1643L_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1643L-1 LINER-LTC1643L-1 Datasheet
225Kb / 16P
   PCI-Bus Hot Swap Controller
LTC1643L-1 LINER-LTC1643L-1 Datasheet
288Kb / 16P
   PCI-Bus Hot Swap Controller
LTC1643L-1CGN LINER-LTC1643L-1CGN Datasheet
225Kb / 16P
   PCI-Bus Hot Swap Controller
LTC1643L-1 LINER-LTC1643L-1_15 Datasheet
288Kb / 16P
   PCI-Bus Hot Swap Controller
More results

Similar Description - LTC1643L_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1643L-1 LINER-LTC1643L-1_15 Datasheet
288Kb / 16P
   PCI-Bus Hot Swap Controller
LTC1643AL LINER-LTC1643AL Datasheet
251Kb / 16P
   PCI-Bus Hot Swap Controller
LTC1643AH LINER-LTC1643AH_15 Datasheet
242Kb / 16P
   PCI-Bus Hot Swap Controller
LTC1643AL LINER-LTC1643AL_15 Datasheet
242Kb / 16P
   PCI-Bus Hot Swap Controller
LTC1643H LINER-LTC1643H_15 Datasheet
288Kb / 16P
   PCI-Bus Hot Swap Controller
LTC1643AL-1 LINER-LTC1643AL-1_15 Datasheet
242Kb / 16P
   PCI-Bus Hot Swap Controller
LTC1643L LINER-LTC1643L Datasheet
225Kb / 16P
   PCI-Bus Hot Swap Controller
LTC4241 LINER-LTC4241 Datasheet
279Kb / 16P
   PCI-Bus with 3.3V Auxiliary Hot Swap Controller
LTC4241 LINER-LTC4241_15 Datasheet
285Kb / 16P
   PCI-Bus with 3.3V Auxiliary Hot Swap Controller
logo
Micrel Semiconductor
MIC2580A MICREL-MIC2580A_05 Datasheet
258Kb / 21P
   Hot-Swap PCI Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com