Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1643H Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1643H
Description  PCI-Bus Hot Swap Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1643H Datasheet(HTML) 4 Page - Linear Technology

  LTC1643H_15 Datasheet HTML 1Page - Linear Technology LTC1643H_15 Datasheet HTML 2Page - Linear Technology LTC1643H_15 Datasheet HTML 3Page - Linear Technology LTC1643H_15 Datasheet HTML 4Page - Linear Technology LTC1643H_15 Datasheet HTML 5Page - Linear Technology LTC1643H_15 Datasheet HTML 6Page - Linear Technology LTC1643H_15 Datasheet HTML 7Page - Linear Technology LTC1643H_15 Datasheet HTML 8Page - Linear Technology LTC1643H_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LTC1643L/LTC1643L-1/LTC1643H
TYPICAL PERFORMANCE CHARACTERISTICS
TEMPERATURE (
°C)
–50
100
1643 G04
050
23.5
23.0
22.5
22.0
21.5
21.0
20.5
20.0
19.5
–25
25
75
125
Timer Current vs Temperature
TEMPERATURE (
°C)
–50
25.0
22.5
20.0
17.5
15.0
12.5
10.0
25
75
1643 G05
–25
0
50
100
125
FAULT = LOW
Gate ISINK vs Temperature
TEMPERATURE (
°C)
–50
90
80
70
60
50
40
0
50
75
1643 G06
–25
25
100
125
Gate Current vs Temperature
Power Good Threshold Voltage vs
Temperature (12VOUT)
TEMPERATURE (
°C)
–50
11.08
11.06
11.04
11.02
11.00
10.98
0
50
75
1643 G07
–25
25
100
125
Power Good Threshold Voltage vs
Temperature (5VOUT)
TEMPERATURE (
°C)
–50
4.64
4.63
4.62
4.61
4.60
4.59
4.58
25
75
1643 G08
–25
0
50
100
125
TEMPERATURE (
°C)
–50
100
1643 G09
050
2.904
2.903
2.902
2.901
2.900
2.899
2.898
2.897
2.896
–25
25
75
125
Power Good Threshold Voltage vs
Temperature (3VOUT)
Power Good Threshold Voltage
vs Temperature (VEEOUT)
TEMPERATURE (
°C)
–50
100
1643 G10
050
–10.50
–10.48
–10.46
–10.44
–10.42
–10.40
–10.38
–10.36
–10.34
–25
25
75
125
12V Internal Switch Voltage Drop
vs Temperature
TEMPERATURE (
°C)
325
300
275
250
225
200
175
150
LT1643 G11
–50
25
75
–25
0
50
100
125
I12VOUT = 500mA
VEE Internal Switch Voltage Drop
vs Temperature
TEMPERATURE (
°C)
–50
180
160
140
120
100
80
60
25
75
1643 G12
–25
0
50
100
125
IVEEIN = 100mA


Similar Part No. - LTC1643H_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1643HCGN LINER-LTC1643HCGN Datasheet
225Kb / 16P
   PCI-Bus Hot Swap Controller
LTC1643HIGN LINER-LTC1643HIGN Datasheet
225Kb / 16P
   PCI-Bus Hot Swap Controller
More results

Similar Description - LTC1643H_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1643L-1 LINER-LTC1643L-1_15 Datasheet
288Kb / 16P
   PCI-Bus Hot Swap Controller
LTC1643AL LINER-LTC1643AL Datasheet
251Kb / 16P
   PCI-Bus Hot Swap Controller
LTC1643L LINER-LTC1643L_15 Datasheet
288Kb / 16P
   PCI-Bus Hot Swap Controller
LTC1643AH LINER-LTC1643AH_15 Datasheet
242Kb / 16P
   PCI-Bus Hot Swap Controller
LTC1643AL LINER-LTC1643AL_15 Datasheet
242Kb / 16P
   PCI-Bus Hot Swap Controller
LTC1643AL-1 LINER-LTC1643AL-1_15 Datasheet
242Kb / 16P
   PCI-Bus Hot Swap Controller
LTC1643L LINER-LTC1643L Datasheet
225Kb / 16P
   PCI-Bus Hot Swap Controller
LTC4241 LINER-LTC4241 Datasheet
279Kb / 16P
   PCI-Bus with 3.3V Auxiliary Hot Swap Controller
LTC4241 LINER-LTC4241_15 Datasheet
285Kb / 16P
   PCI-Bus with 3.3V Auxiliary Hot Swap Controller
logo
Micrel Semiconductor
MIC2580A MICREL-MIC2580A_05 Datasheet
258Kb / 21P
   Hot-Swap PCI Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com