Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1564 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1564
Description  10kHz to 150kHz Digitally Controlled Antialiasing Filter and 4-Bit P.G.A
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1564 Datasheet(HTML) 5 Page - Linear Technology

  LTC1564 Datasheet HTML 1Page - Linear Technology LTC1564 Datasheet HTML 2Page - Linear Technology LTC1564 Datasheet HTML 3Page - Linear Technology LTC1564 Datasheet HTML 4Page - Linear Technology LTC1564 Datasheet HTML 5Page - Linear Technology LTC1564 Datasheet HTML 6Page - Linear Technology LTC1564 Datasheet HTML 7Page - Linear Technology LTC1564 Datasheet HTML 8Page - Linear Technology LTC1564 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LTC1564
1564fa
TYPICAL PERFOR A CE CHARACTERISTICS
PI FU CTIO S
OUT (Pin 1): Analog Output. In normal filtering, this is the
output of an internal operational amplifier and is capable
of swinging essentially to any voltage between the power
supply rails (that is, between V+ and V). This output is
designed to drive a nominal load of 5k and 50pF. For
lowest signal distortion it should be loaded as lightly as
possible. The output can drive lower resistances than 5k,
but distortion may increase, and the output current will
limit at approximately
±10mA. Capacitances higher than
50pF should be isolated by a series resistor of 500
Ω to
preserve AC stability. In the Mute state (F code 0000 or
RST = 0), the output operates as in normal filtering but the
gain from the IN pin becomes zero and the output noise is
reduced. In the shutdown state (EN = 1 or EN open
circuited), most of the circuitry in the LTC1564 shuts off
and the OUT pin assumes a high impedance state.
V, V+ (Pins 2, 14): Power Supply Pins. The V+ and V
pins should be bypassed with 0.1
µF capacitors to an
adequate analog ground plane using the shortest possible
wiring. Electrically clean supplies and a low impedance
ground are important for the high dynamic range and high
stopband suppression available from the LTC1564 (see
further details under AGND). Low noise linear power
supplies are recommended. Switching supplies are not
recommended because of the inevitable risk of their
switching noise coupling into the signal path, reducing
dynamic range.
EN (Pin 3): CMOS-Level Digital Chip Enable Input. Logic 1
or open circuiting this pin causes a shutdown mode with
reduced supply current. The active circuitry in the LTC1564
shuts off and its output assumes a high impedance state.
If F and G bits are latched (CS/HOLD = 1) during the
shutdown state, the latch will retain its contents.
A small pull-up current source at the EN input causes the
LTC1564 to be in shutdown state if the EN pin is left open.
Therefore, the user must connect the EN pin to logic 0 (V
or optionally 0V with
±5V supplies) for normal filter
operation.
CS/HOLD (Pin 4): CMOS-Level Digital Enable Input for the
Latch Holding F and G Bits. Logic 0 makes the latch
transparent so that the F and G inputs directly control the
filter’s cutoff frequency and gain. Logic 1 holds the last
values of these inputs prior to the transition. This pin floats
to logic 0 (V ) when open circuited because of a small
current source (see Electrical Characteristics, Note 5).
F3, F2, F1, F0 (Pins 5, 6, 7, 8): CMOS-Level Digital
Frequency Control (“F Code”) Inputs. F3 is the most
significant bit (MSB). These pins program the LTC1564’s
cutoff frequency fC through the internal latch, which
THD + Noise vs Input Voltage
(fC = 100kHz)
INPUT VOLTAGE (VP-P)
–80
–60
–50
–30
–20
0.001
0.1
1
10
1564 G12
–100
0.01
–40
–70
–90
3V SUPPLY
5V SUPPLY
±5V SUPPLY
fC = 100kHz
fIN = 10kHz
BASEBAND GAIN SETTING
2
1
10
100
4
8
1564 G13
1
16
fC = 100kHz
fC = 10kHz
FREQUENCY (Hz)
–60
–40
–30
–10
10
0.1k
10k
100k
1M
1564 G14
–80
1k
–20
–50
–70
0
fC = 10kHz
VS = ±2.5V
NEGATIVE SUPPLY
V+ SUPPLY BYPASS = 0.1
µF
VSUPPLY BYPASS = NONE
POSITIVE SUPPLY
V+ SUPPLY BYPASS = NONE
VSUPPLY BYPASS = 0.1
µF
Noise vs Frequency
and Gain Settings
Power Supply Rejection
vs Frequency


Similar Part No. - LTC1564

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1564 LINER-LTC1564 Datasheet
227Kb / 12P
   10kHz to 150kHz Digitally Controlled Antialiasing Filter and 4-Bit P.G.A
LTC1564CG LINER-LTC1564CG Datasheet
227Kb / 12P
   10kHz to 150kHz Digitally Controlled Antialiasing Filter and 4-Bit P.G.A
LTC1564IG LINER-LTC1564IG Datasheet
227Kb / 12P
   10kHz to 150kHz Digitally Controlled Antialiasing Filter and 4-Bit P.G.A
More results

Similar Description - LTC1564

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1564 LINER-LTC1564 Datasheet
227Kb / 12P
   10kHz to 150kHz Digitally Controlled Antialiasing Filter and 4-Bit P.G.A
logo
Faraday Technology
FL872 FARADAY-FL872 Datasheet
81Kb / 2P
   ANTIALIASING FILTER
TFT1350F FARADAY-TFT1350F Datasheet
61Kb / 2P
   ANTIALIASING AND RECONSTRUCTION FILTERS
logo
Analog Devices
AD7341 AD-AD7341_15 Datasheet
5Mb / 16P
   LC MOS VOICEVAND RECONSTRUCTION AND ANTIALIASING FILTER SET
REV. A
logo
Xicor Inc.
AN135 XICOR-AN135 Datasheet
51Kb / 5P
   Sensor Circuits and Digitally Controlled Potentiometers
logo
Faraday Technology
GFG1350F FARADAY-GFG1350F Datasheet
122Kb / 2P
   ANTIALIASING FILTERS
logo
EUROQUARTZ limited
CX1VSM EUROQUARTZ-CX1VSM Datasheet
296Kb / 2P
   Frequency Range 10kHz to 600kHz
logo
Intersil Corporation
X9319WS8Z INTERSIL-X9319WS8Z Datasheet
333Kb / 8P
   Digitally Controlled Potentiometer
July 31, 2014
X9C102P INTERSIL-X9C102P Datasheet
237Kb / 10P
   Digitally Controlled Potentiometer
July 20, 2009
X9C104SIZT1 INTERSIL-X9C104SIZT1 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com