Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1504A Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1504A
Description  500mA Low Voltage Step-Down Synchronous Switching Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1504A Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1504A_15 Datasheet HTML 4Page - Linear Technology LTC1504A_15 Datasheet HTML 5Page - Linear Technology LTC1504A_15 Datasheet HTML 6Page - Linear Technology LTC1504A_15 Datasheet HTML 7Page - Linear Technology LTC1504A_15 Datasheet HTML 8Page - Linear Technology LTC1504A_15 Datasheet HTML 9Page - Linear Technology LTC1504A_15 Datasheet HTML 10Page - Linear Technology LTC1504A_15 Datasheet HTML 11Page - Linear Technology LTC1504A_15 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LTC1504A
APPLICATIONS INFORMATION
phase margin. The typical applications in this data sheet
show compensation values that work with several combi-
nations of external components—use them as a starting
point. For complex cases or stubborn oscillations, contact
the LTC Applications Department.
External Schottky Diode
An external Schottky diode can be included across the
internal N-channel switch (Q2) to improve efficiency at
heavy loads. The diode carries the inductor current during
the nonoverlap time while the LTC1504A turns Q1 off and
Q2 on and prevents current from flowing in the intrinsic
body diode in parallel with Q2. This diode will improve
efficiency by a percentage point or two as output current
approaches 500mA and can help minimize erratic behav-
ior at very high peak current levels caused by excessive
parasitic current flow through Q2. A Motorola MBRS0530L
is usually adequate, with the cathode connected to SW and
the anode connected to GND. Note that this diode is not
required for normal operation and has a negligible effect
on efficiency at low (< 250mA) output currents.
COMP
FB
CC
*ADJUSTABLE PARTS ONLY
1504A • F04a
LTC1504A
RFB2*
RFB1*
VOUT
COMP
FB
CC
*ADJUSTABLE PARTS ONLY
1504A • F04b
LTC1504A
CF
CFF*
RC
RFB2*
RFB1*
VOUT
Figure 4a. Minimum Compensation Network
Figure 4b. Optimum Compensation Network
Soft Start and Current Limit
Soft start and current limit are linked in the LTC1504A. Soft
start works in a straightforward manner. An internal 12
µA
current source connected to the SS pin will pull up an
external capacitor connected from SS to GND at a rate
determined by the capacitor value. COMP is clamped to a
voltage one diode drop above SS; as SS rises, COMP will
rise at the same rate. When COMP reaches roughly 2V
below VCC, the duty cycle will slowly begin to increase until
the output comes into regulation. As SS continues to rise,
the feedback amplifier takes over at COMP, the clamp
releases and SS rises to VCC.
Current limit operates by pulling down on the soft start pin
when it senses an overload condition at the output. The
current limit amplifier (ILIM) compares the voltage drop
across the internal P-channel switch (Q1) during its on
time to the voltage at the IMAX pin. IMAX includes an internal
12
µA pull-down, allowing the voltage to be set by a single
resistor between VCC and IMAX . When the IR drop across
Q1 exceeds the drop across the IMAX resistor, ILIM pulls
current out of the external soft start capacitor, reducing
the voltage at SS. A soft start capacitor should always be
used if current limit is enabled. SS, in turn, pulls down on
COMP, limiting the output duty cycle and controlling the
output current. When the current overload is removed, the
ILIM amplifier lets go of SS and allows it to rise again as if
it were completing a soft start cycle. The size of the
external soft start capacitor controls both how fast the
current limit responds once an overload is detected and
how fast the output recovers once the overload is re-
moved. The soft start capacitor also compensates the
feedback loop created by the ILIM amplifier. Because the
ILIM loop is a current feedback loop, the additional phase
shift due to the output inductor and capacitor do not come
into play and the loop can be adequately compensated
with a single capacitor. Usually a 0.1
µF ceramic capacitor
from SS to GND provides adequate soft start behavior and
acceptable current limit response.
This type of current limit circuit works well with mild
current overloads and eliminates the need for an external
current sensing resistor, making it attractive for LTC1504A
applications. These same features also handicap the cur-
rent limit circuit under severe short circuits when the


Similar Part No. - LTC1504A_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1504AC LINER-LTC1504AC Datasheet
132Kb / 12P
   500mA Low Voltage Step-Down Synchronous Switching Regulator
LTC1504ACS8 LINER-LTC1504ACS8 Datasheet
132Kb / 12P
   500mA Low Voltage Step-Down Synchronous Switching Regulator
LTC1504ACS8 LINER-LTC1504ACS8 Datasheet
96Kb / 12P
   500mA Low Voltage Step-Down Synchronous
LTC1504ACS8-3.3 LINER-LTC1504ACS8-3.3 Datasheet
132Kb / 12P
   500mA Low Voltage Step-Down Synchronous Switching Regulator
LTC1504ACS8-3.3 LINER-LTC1504ACS8-3.3 Datasheet
96Kb / 12P
   500mA Low Voltage Step-Down Synchronous
More results

Similar Description - LTC1504A_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1504 LINER-LTC1504 Datasheet
249Kb / 12P
   500mA Low Voltage Step-Down Synchronous Switching Regulator
LTC1504 LINER-LTC1504_15 Datasheet
261Kb / 12P
   500mA Low Voltage Step-Down Synchronous Switching Regulator
LTC1504A LINER-LTC1504A Datasheet
132Kb / 12P
   500mA Low Voltage Step-Down Synchronous Switching Regulator
LTC1504IS8 LINER-LTC1504IS8 Datasheet
96Kb / 12P
   500mA Low Voltage Step-Down Synchronous
logo
FOSLINK SEMICONDUCTOR C...
FSP3127 FOSLINK-FSP3127 Datasheet
258Kb / 8P
   150KHZ 500MA STEP DOWN VOLTAGE REGULATOR
logo
Linear Technology
LTC1625 LINER-LTC1625_15 Datasheet
387Kb / 24P
   Synchronous Step-Down Switching Regulator
logo
Semtech Corporation
SC195B SEMTECH-SC195B Datasheet
614Kb / 19P
   3.5MHz, 500mA Synchronous Step Down DC-DC Regulator
SC195 SEMTECH-SC195 Datasheet
338Kb / 18P
   3.5MHz, 500mA Synchronous Step Down DC-DC Regulator
SC195 SEMTECH-SC195_10 Datasheet
497Kb / 20P
   3.5MHz, 500mA Synchronous Step Down DC-DC Regulator
logo
Monolithic Power System...
MP38115 MPS-MP38115 Datasheet
273Kb / 10P
   Ultra Low Voltage, 4A, 5.5V Synchronous Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com