Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1503-2 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1503-2
Description  High Efficiency Inductorless Step-Down DC/DC Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1503-2 Datasheet(HTML) 5 Page - Linear Technology

  LTC1503-2_15 Datasheet HTML 1Page - Linear Technology LTC1503-2_15 Datasheet HTML 2Page - Linear Technology LTC1503-2_15 Datasheet HTML 3Page - Linear Technology LTC1503-2_15 Datasheet HTML 4Page - Linear Technology LTC1503-2_15 Datasheet HTML 5Page - Linear Technology LTC1503-2_15 Datasheet HTML 6Page - Linear Technology LTC1503-2_15 Datasheet HTML 7Page - Linear Technology LTC1503-2_15 Datasheet HTML 8Page - Linear Technology LTC1503-2_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LTC1503-1.8/LTC1503-2
C1+
VIN
C1
C2 +
C2
150mV
800k
680k
330k
990k
1.2M
1.2V
VREF
COUT
CIN
VOUT
GND
1503-1.8/2 BD
SHDN/SS
+
+
+
350mV
+
10mV
COMP2
MODE SKIP
REG ENABLE
SOFT-START
LTC1503-2
SHORT CIRCUIT
VOUT
COMP1
350mV
VIN
SHDN
2
µA
VREF RAMP
+
STEP-DOWN
CHARGE
PUMP
MODE
CONTROL
600kHz
OSCILLATOR
turn-on (see Applications Information). If neither of the
two functions are desired, the pin may be floated or tied
to VIN.
C2+ (Pin 6): Flying Capacitor Two Positive Terminal.
GND (Pin 7): Ground. Connect to a ground plane for best
performance.
C2 (Pin 8): Flying Capacitor Two Negative Terminal.
PI FU CTIO S
BLOCK DIAGRA


Similar Part No. - LTC1503-2_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1503-1.8 LINER-LTC1503-1.8 Datasheet
196Kb / 12P
   High Efficiency Inductorless Step-Down DC/DC Converters
LTC1503-1.8 LINER-LTC1503-1.8 Datasheet
202Kb / 12P
   High Efficiency Inductorless Step-Down DC/DC Converters
LTC1503-1.8 LINER-LTC1503-1.8_15 Datasheet
202Kb / 12P
   High Efficiency Inductorless Step-Down DC/DC Converters
More results

Similar Description - LTC1503-2_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1503-1.8 LINER-LTC1503-1.8_15 Datasheet
202Kb / 12P
   High Efficiency Inductorless Step-Down DC/DC Converters
LTC1503-1.8 LINER-LTC1503-1.8 Datasheet
196Kb / 12P
   High Efficiency Inductorless Step-Down DC/DC Converters
LTC1911-15 LINER-LTC1911-15 Datasheet
194Kb / 12P
   Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter
LTC3250-1.5 LINER-LTC3250-1.5_15 Datasheet
331Kb / 12P
   High Efficiency, Low Noise, Inductorless Step-Down DC/DC Converter
LTC3250-1.2 LINER-LTC3250-1.2_15 Datasheet
331Kb / 12P
   High Efficiency, Low Noise, Inductorless Step-Down DC/DC Converter
LTC1911-1.5 LINER-LTC1911-1.5 Datasheet
209Kb / 12P
   Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter
LTC1911-1.5 LINER-LTC1911-1.5_15 Datasheet
215Kb / 12P
   Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter
LTC1911-1.8 LINER-LTC1911-1.8_15 Datasheet
215Kb / 12P
   Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter
LTC3250 LINER-LTC3250 Datasheet
326Kb / 12P
   High Efficiency, Low Noise, Inductorless Step-Down DC/DC Converter
LTC3251 LINER-LTC3251 Datasheet
439Kb / 16P
   500mA High Efficiency, Low Noise, Inductorless Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com