Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD6126AG Datasheet(PDF) 8 Page - NEC

Part # UPD6126AG
Description  4-BIT SINGLE CHIP MICROCONTROLLER FOR REMOTE CONTROL TRANSMISSION
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6126AG Datasheet(HTML) 8 Page - NEC

Back Button UPD6126AG Datasheet HTML 4Page - NEC UPD6126AG Datasheet HTML 5Page - NEC UPD6126AG Datasheet HTML 6Page - NEC UPD6126AG Datasheet HTML 7Page - NEC UPD6126AG Datasheet HTML 8Page - NEC UPD6126AG Datasheet HTML 9Page - NEC UPD6126AG Datasheet HTML 10Page - NEC UPD6126AG Datasheet HTML 11Page - NEC UPD6126AG Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
µPD6125A, 6126A
8
10. TIMER
The timer block determines the transmission output pattern. The timer consists of 10 bits, of which 9 bits serve
as the 9-bit down counter and the remaining 1 bit serves as the 1-bit latch, which determines the carrier output validity.
The 9-bit down counter is decremented (-1) every 8/fOSC(s) in synchronization with the machine cycle, after starting
down count operation. Down counting stops after all of the 9 bits become 0. When down counting is stopped, the
signal indicating that the timer operation has stopped, is output. If the CPU is at standby (HALT TIMER) for the timer
operation completion, the standby (HALT) condition is released and the next instruction will be executed. If the next
instruction again sets the value of the down counter, down counting continues without any error (the carrier output
of the REM pin is not affected).
Set the down count time according to the following calculation; (set value (HEX) + 1) x 8/fOSC. Setting the value
to the timer is done by the timer manipulation instruction.
When the down counter is operating, the remote control transmission carrier can be output to the REM pin. Whether
or not to output the carrier can be selected by the MSB for the timer register block. Set “1”, when outputting the carrier,
or “0”, when not outputting the carrier.
If all the down counter bits become “0”, when outputting the carrier, the carrier output will be stopped. When not
outputting the carrier, the REM pin output will become low level.
A signal in synchronization with the REM output is output to the S-OUT pin. However, the waveform for the S-
OUT pin is low, when the carrier is being output to the REM pin, or it is high, when the carrier is not being output to
the REM pin.
If the HALT instruction, which initiates the oscillation stop mode, is executed when the down counter is operating,
the oscillation stop mode is initiated after down counting is stopped (after 0).
Timer operation STOP/RUN is controlled by the control register (P1). (Refer to 13. CONTROL REGISTER (P1).)
When “all clear” is input or on reset, the REM pin goes low and S-OUT pin goes high. All 10 bits of the timer are
cleared to 000H.
Caution
Because the timer clock is not synchronized with the carrier output, the pulse width may be
shortened at the beginning and end of the carrier output.
Figure 10-1. Timer Block Organization
S–OUT
REM
Carrier
(fosc/12, fosc/8)
Selected by control register
Clear
Set by timer mainpulation instruction
9-bit down counter
Zero detection circuit
D of control register P
(Timer RUN/STOP)
21
1/0
MSB
fosc / 8


Similar Part No. - UPD6126AG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD6126AG-XXX RENESAS-UPD6126AG-XXX Datasheet
465Kb / 42P
   MOS INTEGRATED CIRCUIT
1989
More results

Similar Description - UPD6126AG

ManufacturerPart #DatasheetDescription
logo
NEC
UPD61P24 NEC-UPD61P24 Datasheet
252Kb / 36P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR REMOTE CONTROL TRANSMISSION
logo
Renesas Technology Corp
PD6124A RENESAS-PD6124A_15 Datasheet
312Kb / 38P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR REMOTE CONTROL TRANSMISSION
logo
NEC
UPD6124A NEC-UPD6124A Datasheet
172Kb / 36P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR REMOTE CONTROL TRANSMISSION
UPD62A NEC-UPD62A Datasheet
377Kb / 62P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD6132 NEC-UPD6132 Datasheet
264Kb / 64P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD6133 NEC-UPD6133 Datasheet
410Kb / 64P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD62 NEC-UPD62 Datasheet
300Kb / 64P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD6P5 NEC-UPD6P5 Datasheet
232Kb / 32P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
logo
Renesas Technology Corp
PD62 RENESAS-PD62_15 Datasheet
419Kb / 66P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
logo
NEC
UPD64A NEC-UPD64A Datasheet
399Kb / 64P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com