Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DIM200PLM33-F000 Datasheet(PDF) 1 Page - Dynex Semiconductor

Part # DIM200PLM33-F000
Description  IGBT Chopper Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DIM200PLM33-F000 Datasheet(HTML) 1 Page - Dynex Semiconductor

  DIM200PLM33-F000_15 Datasheet HTML 1Page - Dynex Semiconductor DIM200PLM33-F000_15 Datasheet HTML 2Page - Dynex Semiconductor DIM200PLM33-F000_15 Datasheet HTML 3Page - Dynex Semiconductor DIM200PLM33-F000_15 Datasheet HTML 4Page - Dynex Semiconductor DIM200PLM33-F000_15 Datasheet HTML 5Page - Dynex Semiconductor DIM200PLM33-F000_15 Datasheet HTML 6Page - Dynex Semiconductor DIM200PLM33-F000_15 Datasheet HTML 7Page - Dynex Semiconductor DIM200PLM33-F000_15 Datasheet HTML 8Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DIM200PLM33-F000
IGBT Chopper Module
Replaces DS5864-2
DS5864-3 October 2011 (LN28812)
Caution: This device is sensitive to electrostatic discharge. Users should follow ESD handling procedures
1/8
www.dynexsemi.com
FEATURES
10µs Short Circuit Withstand
High Thermal Cycling Capability
Soft Punch Through Silicon
Isolated AlSiC Base with AlN Substrates
Lead Free Construction
APPLICATIONS
Choppers
Motor Controllers
Power Supplies
Traction Auxiliaries
The Powerline range of high power modules includes
half bridge, chopper, dual, single and bi-directional
switch configurations covering voltages from 1200V to
6500V and currents up to 2400A.
The DIM200PLM33-F000 is a single switch 3300V, n-
channel enhancement mode, insulated gate bipolar
transistor (IGBT) chopper module configured with the
lower arm of the bridge controlled. The IGBT has a
wide reverse bias safe operating area (RBSOA). This
device is optimised for traction drives and other
applications requiring high thermal cycling capability.
The module incorporates an electrically isolated base
plate and low inductance construction enabling circuit
designers to optimise circuit layouts and utilise
grounded heat sinks for safety.
ORDERING INFORMATION
Order As:
DIM200PLM33-F000
Note: When ordering, please use the complete part
number
KEY PARAMETERS
VCES
3300V
VCE(sat) * (typ)
2.8V
IC
(max)
200A
IC(PK)
(max)
400A
* Measured at the auxiliary terminals
Fig. 1 Circuit configuration
Outline type code: P
(See Fig. 11 for further information)
Fig. 2 Package
6(G
2)
7(E
2)
3(E2)
8(C
2)
2(K)
1(A/C2)


Similar Part No. - DIM200PLM33-F000_15

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DIM200PLM33-F000 DYNEX-DIM200PLM33-F000_11 Datasheet
357Kb / 8P
   IGBT Chopper Module
More results

Similar Description - DIM200PLM33-F000_15

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DIM400DCM17-A000 DYNEX-DIM400DCM17-A000_11 Datasheet
328Kb / 8P
   IGBT Chopper Module
DIM800DCM12-A000 DYNEX-DIM800DCM12-A000 Datasheet
207Kb / 10P
   IGBT Chopper Module
DIM800DCS12-A000 DYNEX-DIM800DCS12-A000 Datasheet
824Kb / 9P
   IGBT Chopper Module
DIM250PKM33-TL000 DYNEX-DIM250PKM33-TL000 Datasheet
375Kb / 8P
   IGBT Chopper Module
DIM250PLM33-TS000 DYNEX-DIM250PLM33-TS000 Datasheet
410Kb / 8P
   IGBT Chopper Module
logo
Nihon Inter Electronics...
PCFMB75E6 NIEC-PCFMB75E6 Datasheet
255Kb / 4P
   IGBT Module-Chopper
PCHMB200E6 NIEC-PCHMB200E6 Datasheet
262Kb / 4P
   IGBT Module-Chopper
PCHMB75E6 NIEC-PCHMB75E6 Datasheet
255Kb / 4P
   IGBT Module-Chopper
PCHMB150E6 NIEC-PCHMB150E6 Datasheet
333Kb / 4P
   IGBT Module-Chopper
logo
Dynex Semiconductor
DIM800ECM33-F000 DYNEX-DIM800ECM33-F000 Datasheet
884Kb / 8P
   IGBT Chopper Module
DIM250PKM33-TS000 DYNEX-DIM250PKM33-TS000 Datasheet
411Kb / 8P
   IGBT Chopper Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com