Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DIM200PKM33-F000 Datasheet(PDF) 3 Page - Dynex Semiconductor

Part # DIM200PKM33-F000
Description  IGBT Chopper Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DIM200PKM33-F000 Datasheet(HTML) 3 Page - Dynex Semiconductor

  DIM200PKM33-F000_15 Datasheet HTML 1Page - Dynex Semiconductor DIM200PKM33-F000_15 Datasheet HTML 2Page - Dynex Semiconductor DIM200PKM33-F000_15 Datasheet HTML 3Page - Dynex Semiconductor DIM200PKM33-F000_15 Datasheet HTML 4Page - Dynex Semiconductor DIM200PKM33-F000_15 Datasheet HTML 5Page - Dynex Semiconductor DIM200PKM33-F000_15 Datasheet HTML 6Page - Dynex Semiconductor DIM200PKM33-F000_15 Datasheet HTML 7Page - Dynex Semiconductor DIM200PKM33-F000_15 Datasheet HTML 8Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DIM200PKM33-F000
Caution: This device is sensitive to electrostatic discharge. Users should follow ESD handling procedures
3/8
www.dynexsemi.com
ELECTRICAL CHARACTERISTICS
Tcase = 25°C unless stated otherwise.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
ICES
Collector cut-off current
VGE = 0V, VCE = VCES
1
mA
VGE = 0V, VCE = VCES, Tcase = 125°C
15
mA
IGES
Gate leakage current
VGE = ± 20V, VCE = 0V
1
μA
VGE(TH)
Gate threshold voltage
IC = 40mA, VGE = VCE
5.5
6.5
7.0
V
VCE(sat)
Collector-emitter
saturation voltage
VGE = 15V, IC = 200A
2.8
V
VGE = 15V, IC = 200A, Tj = 125°C
3.6
V
IF
Diode forward current
DC
200
200
A
IFM
Diode maximum forward
current
tp = 1ms
400
400
A
VF
Diode forward voltage
(IGBT arm)
IF = 200A
2.9
V
Diode forward voltage
(Diode arm)
3.0
V
Diode forward voltage
(IGBT arm)
IF = 200A, Tj = 125°C
3.0
V
Diode forward voltage
(Diode arm)
3.1
V
Cies
Input capacitance
VCE = 25V, VGE = 0V, f = 1MHz
36
nF
Qg
Gate charge
±15V
5
μC
Cres
Reverse transfer capacitance
VCE = 25V, VGE = 0V, f = 1MHz
0.45
nF
LM
Module inductance
40
nH
RINT
Internal transistor resistance
500
μ
SCData
Short circuit current, ISC
Tj = 125°C, VCC = 1000V
tp ≤ 10μs, VGE ≤ 15V
VCE (max) = VCES – L
* x dI/dt
IEC 60747-9
930
A
Note:
Measured at the auxiliary terminals
Measured at the power busbars
* L is the circuit inductance + LM


Similar Part No. - DIM200PKM33-F000_15

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DIM200PKM33-F000 DYNEX-DIM200PKM33-F000_11 Datasheet
357Kb / 8P
   IGBT Chopper Module
More results

Similar Description - DIM200PKM33-F000_15

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DIM400DCM17-A000 DYNEX-DIM400DCM17-A000_11 Datasheet
328Kb / 8P
   IGBT Chopper Module
DIM800DCM12-A000 DYNEX-DIM800DCM12-A000 Datasheet
207Kb / 10P
   IGBT Chopper Module
DIM800DCS12-A000 DYNEX-DIM800DCS12-A000 Datasheet
824Kb / 9P
   IGBT Chopper Module
DIM250PKM33-TL000 DYNEX-DIM250PKM33-TL000 Datasheet
375Kb / 8P
   IGBT Chopper Module
DIM250PLM33-TS000 DYNEX-DIM250PLM33-TS000 Datasheet
410Kb / 8P
   IGBT Chopper Module
logo
Nihon Inter Electronics...
PCFMB75E6 NIEC-PCFMB75E6 Datasheet
255Kb / 4P
   IGBT Module-Chopper
PCHMB200E6 NIEC-PCHMB200E6 Datasheet
262Kb / 4P
   IGBT Module-Chopper
PCHMB75E6 NIEC-PCHMB75E6 Datasheet
255Kb / 4P
   IGBT Module-Chopper
PCHMB150E6 NIEC-PCHMB150E6 Datasheet
333Kb / 4P
   IGBT Module-Chopper
logo
Dynex Semiconductor
DIM800ECM33-F000 DYNEX-DIM800ECM33-F000 Datasheet
884Kb / 8P
   IGBT Chopper Module
DIM250PKM33-TS000 DYNEX-DIM250PKM33-TS000 Datasheet
411Kb / 8P
   IGBT Chopper Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com