Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DIM200PHM33-F000 Datasheet(PDF) 4 Page - Dynex Semiconductor

Part # DIM200PHM33-F000
Description  Half Bridge IGBT Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DIM200PHM33-F000 Datasheet(HTML) 4 Page - Dynex Semiconductor

  DIM200PHM33-F000_15 Datasheet HTML 1Page - Dynex Semiconductor DIM200PHM33-F000_15 Datasheet HTML 2Page - Dynex Semiconductor DIM200PHM33-F000_15 Datasheet HTML 3Page - Dynex Semiconductor DIM200PHM33-F000_15 Datasheet HTML 4Page - Dynex Semiconductor DIM200PHM33-F000_15 Datasheet HTML 5Page - Dynex Semiconductor DIM200PHM33-F000_15 Datasheet HTML 6Page - Dynex Semiconductor DIM200PHM33-F000_15 Datasheet HTML 7Page - Dynex Semiconductor DIM200PHM33-F000_15 Datasheet HTML 8Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
DIM200PHM33-F000
4/8
Caution: This device is sensitive to electrostatic discharge. Users should follow ESD handling procedures.
www.dynexsemi.com
ELECTRICAL CHARACTERISTICS
Tcase = 25°C unless stated otherwise
Symbol
Parameter
Test Conditions
Min
Typ.
Max
Units
td(off)
Turn-off delay time
IC = 200A
VGE = ±15V
VCE = 1800V
Cge = 56nF
LS ~ 100nH
RG(ON) = 16.5
RG(OFF) = 16.5
1.95
μs
tf
Fall time
170
ns
EOFF
Turn-off energy loss
220
mJ
td(on)
Turn-on delay time
1180
ns
tr
Rise time
225
ns
EON
Turn-on energy loss
RG(ON) = 7.5,
RG(OFF) = 16.5
290
mJ
Qrr
Diode reverse recovery charge
IF = 200A
VCE = 1800V
dIF/dt = 1600A/μs
80
μC
Irr
Diode reverse recovery current
144
A
Erec
Diode reverse recovery energy
75
mJ
Tcase = 125°C unless stated otherwise
Symbol
Parameter
Test Conditions
Min
Typ.
Max
Units
td(off)
Turn-off delay time
IC = 200A
VGE = ±15V
VCE = 1800V
Cge = 56nF
LS ~ 100nH
RG(ON) = 16.5
RG(OFF) = 16.5
2.2
μs
tf
Fall time
190
ns
EOFF
Turn-off energy loss
265
mJ
td(on)
Turn-on delay time
1150
ns
tr
Rise time
280
ns
EON
Turn-on energy loss
RG(ON) = 7.5,
RG(OFF) = 16.5
390
mJ
Qrr
Diode reverse recovery charge
IF = 200A
VCE = 1800V
dIF/dt = 1600A/μs
125
μC
Irr
Diode reverse recovery current
155
A
Erec
Diode reverse recovery energy
130
mJ


Similar Part No. - DIM200PHM33-F000_15

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DIM200PHM33-F000 DYNEX-DIM200PHM33-F000_11 Datasheet
356Kb / 8P
   Half Bridge IGBT Module
More results

Similar Description - DIM200PHM33-F000_15

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
GP200MHS12 DYNEX-GP200MHS12 Datasheet
99Kb / 10P
   Half Bridge IGBT Module
DIM200WHS12-E000 DYNEX-DIM200WHS12-E000 Datasheet
177Kb / 8P
   Half Bridge IGBT Module
logo
SemiWell Semiconductor
SIM200D12SV3 SEMIWELL-SIM200D12SV3 Datasheet
496Kb / 7P
   HALF-BRIDGE IGBT MODULE
logo
Dynex Semiconductor
DIM400PHM17-A000 DYNEX-DIM400PHM17-A000_15 Datasheet
460Kb / 8P
   IGBT Half Bridge Module
DIM100PHM33-F000 DYNEX-DIM100PHM33-F000_15 Datasheet
356Kb / 8P
   Half Bridge IGBT Module
DIM250PHM33-TS000 DYNEX-DIM250PHM33-TS000_15 Datasheet
396Kb / 8P
   Half Bridge IGBT Module
GP200MHS18 DYNEX-GP200MHS18 Datasheet
135Kb / 10P
   Half Bridge IGBT Module
GP350MHB06S DYNEX-GP350MHB06S Datasheet
126Kb / 10P
   Half Bridge IGBT Module
DIM250PHM33-TL000 DYNEX-DIM250PHM33-TL000 Datasheet
360Kb / 8P
   Half Bridge IGBT Module
DIM250PHM33-TL000 DYNEX-DIM250PHM33-TL000_15 Datasheet
360Kb / 8P
   Half Bridge IGBT Module
DIM200PHM33-F000 DYNEX-DIM200PHM33-F000 Datasheet
143Kb / 9P
   Half Bridge IGBT Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com