Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1472 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1472
Description  Protected PCMCIA VCC and VPP Switching Matrix
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1472 Datasheet(HTML) 5 Page - Linear Technology

  LTC1472_15 Datasheet HTML 1Page - Linear Technology LTC1472_15 Datasheet HTML 2Page - Linear Technology LTC1472_15 Datasheet HTML 3Page - Linear Technology LTC1472_15 Datasheet HTML 4Page - Linear Technology LTC1472_15 Datasheet HTML 5Page - Linear Technology LTC1472_15 Datasheet HTML 6Page - Linear Technology LTC1472_15 Datasheet HTML 7Page - Linear Technology LTC1472_15 Datasheet HTML 8Page - Linear Technology LTC1472_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LTC1472
1472fa
VPPIN SUPPLY VOLTAGE
0
80
100
120
610
LTC1472 TPC12
60
40
24
812
14
20
0
TA = 25°C
VPPIN = 12V
NO LOAD
VPPOUT PROGRAMMED
TO VCC(IN)
VPPOUT PROGRAMMED
TO VPPIN
TYPICAL PERFORMANCE CHARACTERISTICS
VPPIN SUPPLY VOLTAGE
0
3
4
5
610
LTC1472 TPC11
2
1
24
812
14
0
–1
TA = 25°C
VPPOUT PROGRAMMED
TO 0V OR Hi-Z
VCC(IN) Supply Current (No Load)
VPPIN Supply Current (OFF)
VPPIN Supply Current (No Load)
VDD Supply Current (ON)
VCC(IN) SUPPLY VOLTAGE (V)
0
–20
0
20
40
60
100
1
23
4
LTC1472 TPC10
56
80
VPPOUT PROGRAMMED
TO 0V OR Hi-Z
VPPOUT PROGRAMMED
TO VPPIN OR VCC(IN)
TA = 25°C
VDD Supply Current (OFF)
VDD Supply Current (No Load)
(VPP Section) VCC EN0 = VCC EN1 = 0V
VDD SUPPLY VOLTAGE (V)
0
–1
0
1
2
3
5
1
23
4
LTC1472 TPC13
56
4
TA = 25°C
VPPOUT PROGRAMMED
TO 0V OR Hi-Z
VDD SUPPLY VOLTAGE (V)
0
0
20
40
60
80
120
1
23
4
LTC1472 TPC14
56
100
TA = 25°C
VPPOUT PROGRAMMED
TO VPPIN, NO LOAD
VDD SUPPLY VOLTAGE (V)
0
0
20
40
60
80
120
1
23
4
LTC1472 TPC15
56
100
TA = 25°C
VPPOUT PROGRAMMED
TO VPPIN, NO LOAD
VPPIN = 0V
VPPIN = 12V
Switch Resistances
TEMPERATURE (°C)
020
40
60
80
0.1
1
100
LTC1472 TPC16
10
VCCIN TO VPPOUT
VPPIN TO VPPOUT


Similar Part No. - LTC1472_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1472 LINER-LTC1472_1 Datasheet
199Kb / 16P
   Protected PCMCIA VCC and VPP Switching Matrix
More results

Similar Description - LTC1472_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1472 LINER-LTC1472_1 Datasheet
199Kb / 16P
   Protected PCMCIA VCC and VPP Switching Matrix
LTC1472 LINER-LTC1472 Datasheet
300Kb / 16P
   Protected PCMCIA VCC and VPP Switching Matrix
logo
Micrel Semiconductor
MIC2561 MICREL-MIC2561_05 Datasheet
474Kb / 12P
   PCMCIA Card Socket VCC and VPP Switching Matrix
MIC2560 MICREL-MIC2560 Datasheet
58Kb / 12P
   PCMCIA Card Socket VCC and VPP Switching Matrix
MIC2560 MICREL-MIC2560_06 Datasheet
198Kb / 8P
   PCMCIA Card Socket VCC and VPP Switching Matrix
MIC2561 MICREL-MIC2561 Datasheet
50Kb / 8P
   PCMCIA Card Socket VCC & VPP Switching Matrix
MIC2557 MICREL-MIC2557 Datasheet
51Kb / 6P
   PCMCIA Card Socket VPP Switching Matrix
logo
Maxim Integrated Produc...
MAX157 MAXIM-MAX157 Datasheet
169Kb / 12P
   Dual-Channel CardBus and PCMCIA VCC/VPP Power-Switching Networks
19-1388; Rev 0; 11/98
MAX1602 MAXIM-MAX1602 Datasheet
130Kb / 12P
   Single-Channel CardBus and PCMCIA VCC/VPP Power-Switching Network
19-1125; Rev 0; 9/96
logo
Micrel Semiconductor
MIC2558 MICREL-MIC2558 Datasheet
61Kb / 6P
   PCMCIA Dual Card Socket VPP Switching Matrix
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com