Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1346A Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1346A
Description  10Mbps DCE/DTE V.35 Transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1346A Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1346A_15 Datasheet HTML 4Page - Linear Technology LTC1346A_15 Datasheet HTML 5Page - Linear Technology LTC1346A_15 Datasheet HTML 6Page - Linear Technology LTC1346A_15 Datasheet HTML 7Page - Linear Technology LTC1346A_15 Datasheet HTML 8Page - Linear Technology LTC1346A_15 Datasheet HTML 9Page - Linear Technology LTC1346A_15 Datasheet HTML 10Page - Linear Technology LTC1346A_15 Datasheet HTML 11Page - Linear Technology LTC1346A_15 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
LTC1346A
1346afa
APPLICATIONS INFORMATION
LTC485
7V TO – 7V
GND POTENTIAL DIFFERENCE
VCC1
5V
100
9
100
9
AA
B
B
GND
LTC1346A • F09
LTC1346A
VCC2
5V
GND
TTL
IN
TTL
OUT
VEE
–5V
–+
Figure 9. RS422/RS485 Receiver Interface
LTC1346 • F10
RECEIVER
OUTPUT
5V/DIV
A
B
–10V
–5V
0V
0V
5V
RECEIVER
INPUT
5V/DIV
RECEIVER
OUTPUT
5V/DIV
15V
5V
0V
LTC1346 • F11
10V
5V
0V
A
B
RECEIVER
INPUT
5V/DIV
Figure 10. – 7V Common Mode
Figure 11. 12V Common Mode
Multiprotocol Application
The LTC1346A can be used in multiprotocol applications
where V.35, RS232 and RS422 (used in RS530, RS449
among others) signals may appear at the same port. The
LTC1346A switched current source driver is not compatible
with RS232 or RS422. However, the outputs when disabled
can share lines with RS232 drivers with a Shutdown feature
such as the LT1030 and RS422 drivers with a disable
feature such as the LTC486/LTC487 (Figure 12a).
The LTC1346A driver will not be damaged or load the
shared lines when disabled. The LTC1346A receiver can
receive V.35, RS232 and RS422 signals as shown in Figure
12b. The LTC1346A receiver is directly compatible with
V.35 and RS422. For RS232 signal, the noninverting input
of the receiver should be grounded. Because the line
termination for each of the protocols is different, some
form of termination switching should be included, either
the connector (as shown in Figures 12a and 12b) or on the
PCB.


Similar Part No. - LTC1346A_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1346AC LINER-LTC1346AC Datasheet
316Kb / 12P
   10Mbps DCE/DTE V.35 Transceiver
LTC1346ACSW LINER-LTC1346ACSW Datasheet
316Kb / 12P
   10Mbps DCE/DTE V.35 Transceiver
LTC1346AI LINER-LTC1346AI Datasheet
316Kb / 12P
   10Mbps DCE/DTE V.35 Transceiver
LTC1346AISW LINER-LTC1346AISW Datasheet
316Kb / 12P
   10Mbps DCE/DTE V.35 Transceiver
More results

Similar Description - LTC1346A_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1346A LINER-LTC1346A Datasheet
316Kb / 12P
   10Mbps DCE/DTE V.35 Transceiver
logo
Maxim Integrated Produc...
MAX212 MAXIM-MAX212 Datasheet
132Kb / 12P
   Programmable DTE/DCE, 5V RS-232 Transceiver
19-0199; Rev 1; 8/95
logo
Linear Technology
LTC1318 LINER-LTC1318_15 Datasheet
281Kb / 8P
   DCE Transceiver
logo
Sipex Corporation
SP508 SIPEX-SP508_05 Datasheet
248Kb / 30P
   Rugged 20Mbps, 8 Channel Multi-Protocol Transceiver with Programmable DCE/DTE and Termination Resistors
SP508 SIPEX-SP508 Datasheet
246Kb / 27P
   Rugged 40Mbps, 8 Channel Multiprotocol Transceiver with Programmable DCE/DTE and Termination Resistors
SP509 SIPEX-SP509 Datasheet
258Kb / 29P
   Rugged 40Mbps, 8 Channel Multi-Protocol Transceiver with Programmable DCE/DTE and Termination Resistors
logo
Exar Corporation
SP3508 EXAR-SP3508 Datasheet
914Kb / 36P
   Rugged 3.3V, 20Mbps, 8 Channel Multiprotocol Transceiver with Programmable DCE/DTE and Termination Resistors
logo
Sipex Corporation
SP509 SIPEX-SP509_05 Datasheet
256Kb / 29P
   Rugged 40Mbps, 8 Channel Multi-Protocol Transceiver with Programmable DCE/DTE and Termination Resistors
logo
Exar Corporation
SP508E EXAR-SP508E Datasheet
833Kb / 29P
   Rugged 20Mbps, 8 Channel Multi-Protocol Transceiver with Programmable DCE/DTE and Termination Resistors
logo
Sipex Corporation
SP3508 SIPEX-SP3508 Datasheet
313Kb / 33P
   Rugged 3.3V, 20Mbps, 8 Channel Multiprotocol Transceiver with Programmable DCE/DTE and Termination Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com