Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DFM1200AXM45-TS000 Datasheet(PDF) 5 Page - Dynex Semiconductor

Part # DFM1200AXM45-TS000
Description  Fast Recovery Diode Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DFM1200AXM45-TS000 Datasheet(HTML) 5 Page - Dynex Semiconductor

  DFM1200AXM45-TS000_15 Datasheet HTML 1Page - Dynex Semiconductor DFM1200AXM45-TS000_15 Datasheet HTML 2Page - Dynex Semiconductor DFM1200AXM45-TS000_15 Datasheet HTML 3Page - Dynex Semiconductor DFM1200AXM45-TS000_15 Datasheet HTML 4Page - Dynex Semiconductor DFM1200AXM45-TS000_15 Datasheet HTML 5Page - Dynex Semiconductor DFM1200AXM45-TS000_15 Datasheet HTML 6Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
DFM1200AXM45-TS000
5/6
www.dynexsemi.com
PACKAGE DETAILS
For further package information, please visit our website or contact Customer Services.
All dimensions in mm, unless stated otherwise.
DO NOT SCALE.
Nominal Weight: 1700g
Module Outline Type Code:
A
Fig. 7 Module outline drawing
screwing depth
max. 16
external connection
external connection
3(C)
2(G)
1(E)
5(C)
7(C)
4(E)
6(E)
9(C)
8(E)
61.2±0.3
screwing depth
max. 8
8 x
7
3 x M4
6 x M8
DIM...ASM.......
external connection
external connection
3(C)
2(G)
1(E)
7(C)
9(C)
6(E)
8(E)
5(A)
4(C)
DIM...ACM.......
7
61.2±0.3
59.2 ±0.2
14 ±0.2
12 ±0.2
Ø
190 ±0.5
171±0.15
57 ±0.1
38 ±0.5


Similar Part No. - DFM1200AXM45-TS000_15

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DFM1200AXM45-TS000 DYNEX-DFM1200AXM45-TS000 Datasheet
259Kb / 6P
   Fast Recovery Diode Module
More results

Similar Description - DFM1200AXM45-TS000_15

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DFM200PXM33-A000 DYNEX-DFM200PXM33-A000_10 Datasheet
249Kb / 6P
   Fast Recovery Diode Module
DFM800NXM33-A000 DYNEX-DFM800NXM33-A000_10 Datasheet
255Kb / 6P
   Fast Recovery Diode Module
DFM1200NXM33-F000 DYNEX-DFM1200NXM33-F000 Datasheet
259Kb / 6P
   Fast Recovery Diode Module
DFM800XXM45-TS001 DYNEX-DFM800XXM45-TS001 Datasheet
261Kb / 6P
   Fast Recovery Diode Module
DFM200PXM33-F000 DYNEX-DFM200PXM33-F000_15 Datasheet
240Kb / 6P
   Fast Recovery Diode Module
DFM1200AXM45-TS001 DYNEX-DFM1200AXM45-TS001_15 Datasheet
296Kb / 6P
   Fast Recovery Diode Module
DFM1200EXM18-A000 DYNEX-DFM1200EXM18-A000_15 Datasheet
265Kb / 6P
   Fast Recovery Diode Module
DFM1200EXS12-A000 DYNEX-DFM1200EXS12-A000_15 Datasheet
269Kb / 6P
   Fast Recovery Diode Module
DFM1200FXM12-A000 DYNEX-DFM1200FXM12-A000_15 Datasheet
251Kb / 6P
   Fast Recovery Diode Module
DFM1200FXM18-A000 DYNEX-DFM1200FXM18-A000_15 Datasheet
291Kb / 6P
   Fast Recovery Diode Module
DFM1200XXM45-TS001 DYNEX-DFM1200XXM45-TS001_15 Datasheet
294Kb / 6P
   Fast Recovery Diode Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com