Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN1042 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN1042
Description  ST7 ROUTINE FOR I2C SLAVE MODE MANAGEMENT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1042 Datasheet(HTML) 2 Page - STMicroelectronics

  AN1042 Datasheet HTML 1Page - STMicroelectronics AN1042 Datasheet HTML 2Page - STMicroelectronics AN1042 Datasheet HTML 3Page - STMicroelectronics AN1042 Datasheet HTML 4Page - STMicroelectronics AN1042 Datasheet HTML 5Page - STMicroelectronics AN1042 Datasheet HTML 6Page - STMicroelectronics AN1042 Datasheet HTML 7Page - STMicroelectronics AN1042 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2/8
ST7 ROUTINE FOR I2C SLAVE MODE MANAGEMENT
1.3 TRANSFER SEQUENCING
Figure 1. I2C Slave Transfer Sequencing Diagram
Legend:S=Start, P=Stop, A=Acknowledge, NA=Non-Acknowledge, EVx=Event (with interruptif ITE=1).
EV1: EVF=1, ADSL=1, cleared by reading SR1 register.
EV2: EVF=1, BTF=1, cleared by reading SR1 register followed by reading DR register.
EV3: EVF=1, BTF=1, cleared by reading SR1 register followed by writing DR register.
EV3_1: EVF=1, AF=1, cleared by reading SR1 register.
EV4: EVF=1, STOPF=1, cleared by reading SR2 register.
In blue are events sent by the master whereas blank ones are events sent by the slave.
These frames are sequential and as the SDA line is bidirectional, this line is held sometimes
by the master and sometimes by the slave.
1.4 SLAVE EVENT FLAGS AND INTERRUPT GENERATION
Figure 2. Slave Interrupt Events Diagram
7-bit Slave receiver:
7-bit Slave transmitter:
10-bit Slave receiver:
10-bit Slave transmitter:
1
S Address
A
Data1
A
Data2
A
.....
DataN
A
P
EV1
EV2
EV2
EV2
EV4
S Address
A
Data1
A
Data2
A
.....
DataN
NA
P
EV1 EV3
EV3
EV3
EV3-1
EV4
S HeaderA
Address
A
Data1
A
.....
DataN
A
P
EV1
EV2
EV2
EV4
Sr Header A
Data1
A
....
.
DataN
AP
EV1 EV3
EV3
EV3-1
EV4
EVF
INTERRUPT
ITE
*
* EVF can also be set by EV6 or an error from the SR2 register.
BTF
ADSL
BERR
AF
STOPF
2
S


Similar Part No. - AN1042

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AN1042 ONSEMI-AN1042 Datasheet
96Kb / 12P
   High Fidelity Switching Audio Amplifiers Using TMOS Power MOSFETs
August, 2002 ??Rev. 3
AN1042D ONSEMI-AN1042D Datasheet
96Kb / 12P
   High Fidelity Switching Audio Amplifiers Using TMOS Power MOSFETs
August, 2002 ??Rev. 3
More results

Similar Description - AN1042

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1713 STMICROELECTRONICS-AN1713 Datasheet
48Kb / 4P
   SMBus SLAVE DRIVER FOR ST7 I2C PERIPHERAL
AN2038 STMICROELECTRONICS-AN2038 Datasheet
295Kb / 23P
   I2C emulation with ST7MC in slave mode
logo
Cypress Semiconductor
CY7C65221 CYPRESS-CY7C65221 Datasheet
534Kb / 24P
   Dual I2C Slave Bridge
logo
Future Technology Devic...
FT201XQ-T FTDI-FT201XQ-T Datasheet
1Mb / 49P
   USB I2C SLAVE IC
logo
Digital Core Design
DI2CS DCD-DI2CS Datasheet
140Kb / 4P
   I2C Bus Interface - Slave
logo
Synaptics Incorporated.
CX20745 CONEXANT-CX20745 Datasheet
612Kb / 2P
   Control Interface: I2C slave only
logo
Digital Core Design
DI2CMS DCD-DI2CMS Datasheet
153Kb / 6P
   I2C Bus Interface - Master/Slave
logo
STMicroelectronics
AN1445 STMICROELECTRONICS-AN1445 Datasheet
71Kb / 7P
   USING THE ST7 SPI TO EMULATE A 16-BIT SLAVE
logo
Linear Technology
LTC3870-1 LINER-LTC3870-1 Datasheet
1Mb / 20P
   PolyPhase Step-Down Slave Controller for Digital Power System Management
LTC3870 LINER-LTC3870 Datasheet
911Kb / 22P
   PolyPhase Step-Down Slave Controller for Digital Power System Management
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com