Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN980 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN980
Description  ST7 KEYPAD DECODING TECHNIQUES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN980 Datasheet(HTML) 3 Page - STMicroelectronics

  AN980 Datasheet HTML 1Page - STMicroelectronics AN980 Datasheet HTML 2Page - STMicroelectronics AN980 Datasheet HTML 3Page - STMicroelectronics AN980 Datasheet HTML 4Page - STMicroelectronics AN980 Datasheet HTML 5Page - STMicroelectronics AN980 Datasheet HTML 6Page - STMicroelectronics AN980 Datasheet HTML 7Page - STMicroelectronics AN980 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3/8
ST7 KEYPAD DECODING TECHNIQUES, IMPLEMENTING WAKE-UP ON KEYSTROKE
2 ST72F264 CONFIGURATION
The application has been validated with a ST72F264. Its configuration is described in this part.
Refer to your datasheet for more details.
2.1 I/O CONTROL
Rows are connected to pins configured as inputs (Port C as input with pull up and interrupts).
Columns are connected to pins configured as outputs (Port A).
External interrupts are caused by a low level applied to a pin of Port C (caused by a key
pressed), they wake up the MCU which was in HALT mode.
Port B is configured as outputs to send the value of the pressed key on LEDS.
Please, refer to the Data Book to configure pins properly.
2.2 MISCELLANEOUS REGISTER
Bits 7 and 6 have to be set to configure events correctly: the external interrupt (EI1) has here
to be caused by a falling edge only.
Please, refer to the datasheet for more details.
2.3 HALT MODE
The HALT instruction places the ST72F264 in its lowest power consumption mode. The core
and all peripherals are frozen. In this mode, the internal oscillator is turned off, causing all in-
ternal processing to be halted. The data remain unchanged. During the HALT mode, external
interrupts are still enabled. The MCU stays in this state until an external interrupt or a reset oc-
curs. Then the internal oscillator is restarted and the core waits for 4096 CPU clock cycles
(512 µs for a fCPU = 8MHz) before running the external interrupt subroutine. Then the MCU
comes back to the main program (in our application to the HALT state).
Please, refer to the datasheet for more details.


Similar Part No. - AN980

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AN983 ETC-AN983 Datasheet
2Mb / 91P
   PCI/miniPCI-to-Ethernet LAN Controller
AN983B ETC-AN983B Datasheet
2Mb / 91P
   PCI/miniPCI-to-Ethernet LAN Controller
logo
Infineon Technologies A...
AN983B INFINEON-AN983B Datasheet
4Mb / 116P
   PCI/Mini PCI-to-Ethernet LAN; PQFP - 128Pin
Data Sheet, Rev. 1.81, Dec. 2005
logo
Pulse A Technitrol Comp...
AN983B PULSE-AN983B Datasheet
253Kb / 12P
   LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
logo
Infineon Technologies A...
AN983BX INFINEON-AN983BX Datasheet
4Mb / 116P
   PCI/Mini PCI-to-Ethernet LAN; PQFP - 128Pin
Data Sheet, Rev. 1.81, Dec. 2005
More results

Similar Description - AN980

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST72251 STMICROELECTRONICS-ST72251 Datasheet
43Kb / 10P
   ST7 KEYPAD DECODING TECHNIQUES, IMPLEMENTING WAKE-UP ON KEYSTROKE
AN1711 STMICROELECTRONICS-AN1711 Datasheet
646Kb / 40P
   SOFTWARE TECHNIQUES FOR COMPENSATING ST7 ADC ERRORS
logo
Cherry Semiconductor Co...
G844700LPBUS2 CHERRY-G844700LPBUS2 Datasheet
159Kb / 2P
   Keypad
logo
List of Unclassifed Man...
MCAK304NSSBWPMM ETC2-MCAK304NSSBWPMM Datasheet
206Kb / 2P
   Keypad
logo
Schurter Inc.
PIEZOKEYPADS SCHURTER-PIEZOKEYPADS Datasheet
547Kb / 4P
   Piezo Keypad
logo
SHENZHEN FUMAN ELECTRON...
GC2272B FUMAN-GC2272B Datasheet
285Kb / 9P
   Remote decoding circuit
logo
STMicroelectronics
PM0018 STMICROELECTRONICS-PM0018 Datasheet
158Kb / 10P
   ST7 Flash programming
logo
ON Semiconductor
NLSF2500 ONSEMI-NLSF2500 Datasheet
138Kb / 5P
   Keypad Multiplexer
June, 2006 ??Rev. 2
logo
STMicroelectronics
UM0144 STMICROELECTRONICS-UM0144 Datasheet
786Kb / 92P
   ST7 Assembler Linker
AN1048 STMICROELECTRONICS-AN1048 Datasheet
231Kb / 21P
   ST7 software LCD driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com