Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN871 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN871
Description  In power electronics the choice of the switch to be used is always very important
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN871 Datasheet(HTML) 1 Page - STMicroelectronics

  AN871 Datasheet HTML 1Page - STMicroelectronics AN871 Datasheet HTML 2Page - STMicroelectronics AN871 Datasheet HTML 3Page - STMicroelectronics AN871 Datasheet HTML 4Page - STMicroelectronics AN871 Datasheet HTML 5Page - STMicroelectronics AN871 Datasheet HTML 6Page - STMicroelectronics AN871 Datasheet HTML 7Page - STMicroelectronics AN871 Datasheet HTML 8Page - STMicroelectronics AN871 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1/13
June 2004
AN871
APPLICATION NOTE
SCR’s AND TRIACS IN AUTOMOTIVE APPLICATIONS
REV. 2
INTRODUCTION
In power electronics the choice of the switch to be used is always very important for the designer: cost,
reliability, ruggedness and easiness to be driven must be permanently kept in mind. This is specially im-
portant in automotive where the designer has to optimize the numerous switching devices implemented
for a wide field of applications: ignition circuits, various electric motor controls, actuators in security sys-
tems, etc...
In the large family of electronic switches, the thyristor must be considered as a low cost and powerful de-
vice for many functions in a car. This paper reminds the reader of the main characteristics of the thyristors
and their advantages in certain automotive applications.
Some examples are presented to illustrate how SCR’s and triacs can bring innovative solutions in new
electronic designs.
THE THYRISTOR
In fact the term "thyristor" defines a silicon bipolar semi-conductor family including any switch whose
bistable action depends on PN-PN regenerative feed back. The main members of this family are the SCR
and the Triac (see appended table).
On the other hand, this structure is also widely used in the new product family integrating several "discrete"
components to build various power functions.
This new integrated circuits range is called ASD™ (Application Specific Discrete).
MAIN CHARACTERISTICS AND BENEFITS
Switching on
One of the major advantages of the thyristor is its ability to switch from off-state to on-state in response to
a low gate current.
According to the type of device used, a gate current of a few tens of microampere or a few milliampere is
sufficient to turn the switch on.
The triggering signal can be a short duration pulse in the range of 100 microseconds or less. As soon as
the latching current through the device is reached, the switch remains ON and the gate current can be
removed. This "memory" effect can be used in a broad area of applications, reducing the consumption of
drivers and saving auxiliary components.
An important point worth noting here is the four quadrants triggering capability of triacs. Whatever the po-
larity of the current through the device, it can be fired either with positive or negative gate current.
This characteristic allows a wide flexibility in the circuitry (see Figure 1).


Similar Part No. - AN871

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
AN87196CA INTEL-AN87196CA Datasheet
453Kb / 33P
   ADVANCED 16-BIT CHMOS MICROCONTROLLER WITH INTEGRATED CAN 2.0
AN87196CB INTEL-AN87196CB Datasheet
453Kb / 33P
   ADVANCED 16-BIT CHMOS MICROCONTROLLER WITH INTEGRATED CAN 2.0
More results

Similar Description - AN871

ManufacturerPart #DatasheetDescription
logo
Analog Devices
UG-291 AD-UG-291 Datasheet
278Kb / 16P
   The SDP-S board is designed to be used in conjunction
logo
Littelfuse
RM2000 LITTELFUSE-RM2000 Datasheet
383Kb / 2P
   The RM2000 Series is a motor-monitoring device to be used in conjunction with the 777 family of products
logo
STMicroelectronics
AN2252 STMICROELECTRONICS-AN2252 Datasheet
439Kb / 21P
   The flyback converter is a popular choice in applications where the required power
logo
Littelfuse
RM1000 LITTELFUSE-RM1000 Datasheet
502Kb / 2P
   The RM-1000 Series is a motor-monitoring device to be used in conjunction with the 777 family of products
logo
STMicroelectronics
UM1865 STMICROELECTRONICS-UM1865 Datasheet
1Mb / 132P
   The purpose of this document is to describe the design of the application
UM1755 STMICROELECTRONICS-UM1755 Datasheet
1Mb / 123P
   The purpose of this document is to describe the design of the application
logo
Silicon Laboratories
1202231 SILABS-1202231 Datasheet
43Kb / 2P
   The behavior of the Si3462 is similar functionally to the Si3461
logo
SHENZHEN YONGERJIA INDU...
ZTA50MX WINNERJOIN-ZTA50MX Datasheet
95Kb / 5P
   This specification is applied to the ceramics resonator used for the clock Oscillation of Microprocessor
logo
List of Unclassifed Man...
73CWPT ETC2-73CWPT Datasheet
357Kb / 3P
   THE PROFESSIONALS CHOICE
logo
SHENZHEN YONGERJIA INDU...
ZTA40MX WINNERJOIN-ZTA40MX Datasheet
95Kb / 5P
   This specification is applied to the ceramics resonator used for the clock Oscillation of Microprocessor.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com