Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN863 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN863
Description  Improved sensorless control with the ST62 MCU for universal motor
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN863 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN863 Datasheet HTML 2Page - STMicroelectronics AN863 Datasheet HTML 3Page - STMicroelectronics AN863 Datasheet HTML 4Page - STMicroelectronics AN863 Datasheet HTML 5Page - STMicroelectronics AN863 Datasheet HTML 6Page - STMicroelectronics AN863 Datasheet HTML 7Page - STMicroelectronics AN863 Datasheet HTML 8Page - STMicroelectronics AN863 Datasheet HTML 9Page - STMicroelectronics AN863 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
6/22
IMPROVED SENSORLESS CONTROL WITH THE ST62 MCU FOR UNIVERSAL MOTOR
fying the triac firing delay. Moving from Figure 2 to Figure 3, we can see two effects
of the inductive term. First effect: at triac turn-on, the motor current does not exhibit a
discontinuity, but changes gradually from 0 to a finite value. Second effect: at mains
voltage zero crossing, the motor current does not reach zero immediately, but keeps
trailing for a few milliseconds. This trailing gives us more freedom to chose the meas-
urement time t0. We can even chose the zero crossing instant, which is the easiest
time for the micro-controller (no need to measure time t0 with the timer, we can use
the mains zero-crossing as an interrupt to the micro, which is necessary anyway for
other matters). This is illustrated in Figure 3, where the arrow shows that the current
is constant at the zero-crossing time while the motor load changes, provided that the
speed is kept constant by adjustment of the firing delay td. For a detailed mathemat-
ical discussion, see annex 1.
To summarize, if we want to regulate the speed at a pre-defined set speed, for ex-
ample 1000 rpm, we must measure the instantaneous motor current on every mains
period at the same time t0 (for example, on every mains voltage zero crossing fol-
lowing the positive half-cycle), and maintain this measured current at a fixed set cur-
rent, 1 ampere for example. For a different set speed, 2000 rpm, we need to regulate
the current around a different value, 0.5 ampere for example (note that a lower cur-
rent corresponds to a higher speed).
The regulation is performed by adjustment of the triac firing delay td.
The above described method gives very good results at medium and high speeds.
At very low speeds, we have a second order effect coming into the picture: Figure 4
is identical to Figure 3, except for the presence of a fourth current curve, corre-
sponding to a very large firing delay td (this corresponds to a very low speed, com-
bined with a low load). We can see on this fourth curve that the current at time t0 is
smaller than i0, current of the other 3 curves at this time. This effect is described in
detail in annex 1. We have two solutions to cope with it. The simplest one is to limit
the maximum firing delay (below values in the range of 7 mS, depending on the motor
type). This means limiting the minimum speed which can be regulated. If the applica-
tion cannot tolerate this reduction in its speed dynamic range, a second and more
complex solution is to compensate this current measurement distortion, by means of
look-up tables memorized in the micro-controller memory. When the current i(t0) is
measured, if td is larger than a limit value (7 mS for example), i(t0) is increased by a
compensation value extracted from a memory table before it is used to calculate the
current error. This value is a function of the triac firing delay td, and is determined ex-
perimentally by characterizing the motor. The regulation system is not very sensitive
to this value, so it is enough to characterize one motor of a given type, it is not neces-


Similar Part No. - AN863

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8612NSB PANASONIC-AN8612NSB Datasheet
65Kb / 7P
   SCSI active terminator IC
AN8612NSR PANASONIC-AN8612NSR Datasheet
56Kb / 5P
   SCSI Active Terminator IC
logo
Infineon Technologies A...
AN86233 INFINEON-AN86233 Datasheet
880Kb / 59P
   PSoC™ 4 MCU: PSoC™ 4100S Max
Rev. E 2022-10-14
logo
Silicon Laboratories
AN865 SILABS-AN865 Datasheet
1Mb / 7P
   APPLYING DUTY-CYCLE CONTROL TO SAVE POWER
logo
List of Unclassifed Man...
AN868-915A-1-IP67 ETC1-AN868-915A-1-IP67 Datasheet
764Kb / 5P
   IP67 Base Station for Outdoor LoRa® Deployments US915 for North America
2021-08
More results

Similar Description - AN863

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
AN031102-0311 ZILOG-AN031102-0311 Datasheet
2Mb / 26P
   Sensorless Brushless DC Motor Control with the Z16FMC MCU
logo
International Rectifier
IRMCK341 IRF-IRMCK341 Datasheet
642Kb / 36P
   Sensorless Motor Control IC for Appliances
IRMCK371 IRF-IRMCK371 Datasheet
562Kb / 33P
   Sensorless Motor Control IC for Appliances
IRMCF343 IRF-IRMCF343 Datasheet
741Kb / 34P
   Sensorless Motor Control IC for Appliances
IRMCF371 IRF-IRMCF371_07 Datasheet
582Kb / 30P
   Sensorless Motor Control IC for Appliances
IRMCF341 IRF-IRMCF341_15 Datasheet
659Kb / 32P
   Sensorless Motor Control IC for Appliances
IRMCF343 IRF-IRMCF343_15 Datasheet
748Kb / 34P
   Sensorless Motor Control IC for Appliances
IRMCF371 IRF-IRMCF371_15 Datasheet
582Kb / 30P
   Sensorless Motor Control IC for Appliances
IRMCF371 IRF-IRMCF371 Datasheet
398Kb / 8P
   Sensorless Motor Control IC for Appliances
IRMCK343 IRF-IRMCK343 Datasheet
659Kb / 35P
   Sensorless Motor Control IC for Appliances
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com