Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN441 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN441
Description  Inductive load control with AC switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN441 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN441 Datasheet HTML 5Page - STMicroelectronics AN441 Datasheet HTML 6Page - STMicroelectronics AN441 Datasheet HTML 7Page - STMicroelectronics AN441 Datasheet HTML 8Page - STMicroelectronics AN441 Datasheet HTML 9Page - STMicroelectronics AN441 Datasheet HTML 10Page - STMicroelectronics AN441 Datasheet HTML 11Page - STMicroelectronics AN441 Datasheet HTML 12Page - STMicroelectronics AN441 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AN441
Typical examples of inrush current reduction
Doc ID 3579 Rev 3
9/16
Triac turn on at peak mains voltage allows the reduction of the peak inrush current by 75%
compared to a zero voltage switch on as shown in Figure 8.
The reduction of first peak current allows:
Use of a lower Triac range (lower IT(RMS) range),
Safer margin for the Triac (ITSM).
3.2
Transformer for lighting
A Triac could be used to dim SELV (safety extra low voltage) halogen lamps. In this case the
lamps are connected at the secondary winding of a 220 V to 12 V step-down transformer.
The Triac is then connected on this transformer in series with the primary winding (Figure 9).
The power applied to the lamp is controlled by the variation of the conducting angle of the
Triac and allows dimming the brightness of the lamp.
Figure 9.
Typical schematic of a light dimmer for SELV halogen lamps
Like microwave oven transformers, transformers for lighting application present an
overcurrent if they are switched on at zero voltage due to magnetizing current.
This inrush current is increased if the lamp filament is cold. Filament resistance decreases
when the temperature decreases.
The high current due to the cold filament effect could cause transformer magnetic core
saturation, which then drastically increases the primary winding inrush current.
To reduce the inrush current, an appropriate triggering needs to be used. Table 1 shows
different halogen lamp test results used with a transformer. The table shows that the
maximum peak current is lower when the load is triggered at zero current.
Indeed the ratio between peak current at zero voltage and at peak voltage triggering is in the
range of 2 to 4. It should also be noted that, in case of triggering at peak voltage, some
transformers (transformer 1 and 2) have a peak inrush current close to 13 times the steady
state peak current whereas others feature a ratio lower than 7 (transformer 3). This is linked
to the low-saturation level of some low-quality transformers.
V
MAINS


Similar Part No. - AN441

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4414 STMICROELECTRONICS-AN4414 Datasheet
619Kb / 20P
   Anti-tampering ferrite less power supply for 3-phase energy meter
AN4415 STMICROELECTRONICS-AN4415 Datasheet
5Mb / 30P
   This document focuses on a demonstration board design
AN4417 STMICROELECTRONICS-AN4417 Datasheet
271Kb / 22P
   This document provides an overview
More results

Similar Description - AN441

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4290 ANALOGICTECH-AAT4290 Datasheet
231Kb / 12P
   I/O Expander Load Switches with Serial Control
logo
Advanced Analog Technol...
AAT4290 AAT-AAT4290 Datasheet
246Kb / 12P
   I/O Expander Load Switches with Serial Control
logo
Advanced Analogic Techn...
AAT4290 ANALOGICTECH-AAT4290_06 Datasheet
246Kb / 12P
   I/O Expander Load Switches with Serial Control
logo
Kersemi Electronic Co.,...
MJE13003L-R-X-T92-B KERSEMI-MJE13003L-R-X-T92-B Datasheet
428Kb / 3P
   Reverse biased SOA with inductive load
logo
Pepperl+Fuchs Inc.
NBB5-18GM50-E2-10M PF-NBB5-18GM50-E2-10M Datasheet
140Kb / 1P
   Inductive proximity switches
2019-09-04
NJ20-40-A2 PF-NJ20-40-A2 Datasheet
37Kb / 1P
   Inductive proximity switches
NJ3-V3-N-Y30018 PF-NJ3-V3-N-Y30018 Datasheet
72Kb / 2P
   Inductive proximity switches
logo
Panasonic Semiconductor
AQH3213A PANASONIC-AQH3213A Datasheet
1Mb / 3P
   Compact DIP type SSR Ideal for AC load control
logo
Pepperl+Fuchs Inc.
NJ2-12GM40-E2-V1-Y37715 PF-NJ2-12GM40-E2-V1-Y37715 Datasheet
118Kb / 1P
   Inductive proximity switches
NJ10-30GK50-E2-5M PF-NJ10-30GK50-E2-5M Datasheet
77Kb / 1P
   Inductive proximity switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com