Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN440 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN440
Description  QII and QIII TRIAC triggering with positive power supply
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN440 Datasheet(HTML) 3 Page - STMicroelectronics

  AN440 Datasheet HTML 1Page - STMicroelectronics AN440 Datasheet HTML 2Page - STMicroelectronics AN440 Datasheet HTML 3Page - STMicroelectronics AN440 Datasheet HTML 4Page - STMicroelectronics AN440 Datasheet HTML 5Page - STMicroelectronics AN440 Datasheet HTML 6Page - STMicroelectronics AN440 Datasheet HTML 7Page - STMicroelectronics AN440 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AN440
Gate current pulse width setting
3/8
2
Gate current pulse width setting
The TRIAC latching current (IL) is the minimum value of the main current which allows the
component to remain in the conducting state after the gate current IG has been removed.
That is to say the gate current has to be higher than IGT until the main current reaches the
latching current.
Example: for most of CW Snubberless TRIACs (refer to datasheet for further information):
Q1 – Q3: IL max = 50 mA
Q2: IL max = 60 mA
Example: for most BW Snubberless TRIACs:
Q1 – Q3: IL max = 70 mA
Q2: IL max = 80 mA
Figure 3.
Gate control principle
I
a1
I
g
I
Lmax
I
GM
t
t
2
I
GM
t
1
t
1
I
a1
I
g
I
Lmax
I
GM
t
t
2
I
GM
t
1
t
1


Similar Part No. - AN440

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4402 STMICROELECTRONICS-AN4402 Datasheet
663Kb / 39P
   Multichannel drivers driving inductive loads
AN4406 STMICROELECTRONICS-AN4406 Datasheet
658Kb / 27P
   new ST super-junction technology ideal for resonant topologies
logo
Panasonic Semiconductor
AN44063A PANASONIC-AN44063A Datasheet
300Kb / 11P
   Driver IC for Stepping Motor
AN44063A PANASONIC-AN44063A Datasheet
387Kb / 1P
   Stepper Motor Driver IC?셲 From Panasonic
AN44065A PANASONIC-AN44065A Datasheet
448Kb / 1P
   Driver IC for Stepping Motor
More results

Similar Description - AN440

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CLA40MT1200NPB IXYS-CLA40MT1200NPB Datasheet
175Kb / 5P
   Three Quadrants operation: QI - QIII 1~ Triac
CLA30MT1200NPB IXYS-CLA30MT1200NPB Datasheet
172Kb / 5P
   Three Quadrants operation: QI - QIII 1~ Triac
CLA30MT1200NPZ IXYS-CLA30MT1200NPZ Datasheet
454Kb / 5P
   Three Quadrants operation: QI - QIII 1~ Triac
CLA40MT1200NHR IXYS-CLA40MT1200NHR Datasheet
372Kb / 5P
   Three Quadrants operation: QI - QIII 1~ Triac
logo
NXP Semiconductors
TDA1023 PHILIPS-TDA1023 Datasheet
266Kb / 19P
   Proportional-control triac triggering circuit
May 1991
logo
LinkCom Manufacturing C...
TRI030U212CAN0 LINKCOM-TRI030U212CAN0 Datasheet
496Kb / 4P
   LED Power Supply With TRIAC and 0-10V Dimming
logo
NXP Semiconductors
TDA1024 PHILIPS-TDA1024 Datasheet
617Kb / 15P
   A MAIN-ZERO TRIAC-TRIGGERING CIRCUIT
jUNE 1976
logo
Keysight Technologies
N5391B KEYSIGHT-N5391B Datasheet
3Mb / 8P
   Triggering and Decode
N5462B KEYSIGHT-N5462B Datasheet
5Mb / 8P
   Triggering and Decode
N8817B KEYSIGHT-N8817B Datasheet
8Mb / 8P
   Triggering and decode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com