Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD4992GS-E2 Datasheet(PDF) 3 Page - NEC

Part # UPD4992GS-E2
Description  8-Bit Parallel I/O Calendar Clock
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD4992GS-E2 Datasheet(HTML) 3 Page - NEC

  UPD4992GS-E2 Datasheet HTML 1Page - NEC UPD4992GS-E2 Datasheet HTML 2Page - NEC UPD4992GS-E2 Datasheet HTML 3Page - NEC UPD4992GS-E2 Datasheet HTML 4Page - NEC UPD4992GS-E2 Datasheet HTML 5Page - NEC UPD4992GS-E2 Datasheet HTML 6Page - NEC UPD4992GS-E2 Datasheet HTML 7Page - NEC UPD4992GS-E2 Datasheet HTML 8Page - NEC UPD4992GS-E2 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
µPD4992
3
ABSOLUTE MAXIMUM RATINGS (VSS = 0 V)
Item
Symbol
Ratings
Unit
Supply voltage
VDD
–0.3 to 7.0
V
Input voltage range
VIN
–0.3 to VDD + 0.3
V
Output pin withstand voltage
VOUT
7.0
V
Low level output current
IOUT
30
mA
(N ch Open Drain)
Operating temperature range
Topt
–40 to +85
°C
Storage temperature range
Tstg
–65 to +125
°C
ELECTRICAL CHARACTERISTICS
(VSS = 0 V, f = 32.768 kHz, CG = CD = 20 pF, Ci = 20k ohms, Ta = –40 to +85
°C)
Item
Symbol
Condition
MIN.
TYP.*
MAX.
Unit
Operating voltage range
VDD
2.4
5.5
V
High level input voltage
VIH
0.7 VDD
VDD
V
Low level input voltage
VIL
VSS
0.3 VDD
V
Supply current
IDD
VDD = 5.5 V, VIN = VSS
26
µA
Supply current
IDD
VDD = 2.4 V, VIN = VSS
0.6
2
µA
Input leakage current
ILI
VDD = 5.5 V, VIN = VDD or VSS
±1 × 10–5
±1.0
µA
High level output voltage
VOH
IOH = –1.0 mA
2.4
4.3
V
Low level output voltage
VOL1
IOL = 2.0 mA
0.1
0.4
V
Low level output voltage
VOL2
IOL = 1.0 mA (N ch Open Drain)
0.4
V
High level leakage current
ILOH
TPout = VDD (N ch Open Drain)
4
× 10–5
1.0
µA
*: Ta = +25
°C
SWITCHING CHARACTERISTICS
WRITE CYCLE (unless otherwise specified VDD = 5 V
± 10 %, Ta = –40 to +85 °C)
Item
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Cycle time
tWC
150
CS-WR reset time
tCW
120
Address - WR reset time
tAW
120
Address - WR set up time
tAS
0
Write pulse width
tWP
90
ns
Address hold time
tWR
20
Input data set up time
tDW
50
Input data hold time
tDH
0
WR - output floating time
tWHZ
50


Similar Part No. - UPD4992GS-E2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD4992GS-E2 RENESAS-UPD4992GS-E2 Datasheet
299Kb / 18P
   MOS INTEGRATED CIRCUIT
1992
More results

Similar Description - UPD4992GS-E2

ManufacturerPart #DatasheetDescription
logo
NEC
UPD4991A NEC-UPD4991A Datasheet
133Kb / 32P
   4-BIT PARALLEL I/O CALENDAR CLOCK
UPD1990AC NEC-UPD1990AC Datasheet
793Kb / 13P
   SERIAL I/O CALENDAR & CLOCK CMOS LSI
UPD4990A NEC-UPD4990A Datasheet
129Kb / 20P
   SERIAL I/O CALENDAR & CLOCK CMOS LSI
logo
NXP Semiconductors
PCF8583 PHILIPS-PCF8583 Datasheet
162Kb / 28P
   Clock/calendar with 240 x 8-bit RAM
1997 Jul 15
logo
Integral Corp.
IN74HC299 INTEGRAL-IN74HC299 Datasheet
194Kb / 8P
   8-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER WITH PARALLEL I/O
logo
System Logic Semiconduc...
SL74HC299 SLS-SL74HC299 Datasheet
84Kb / 8P
   8-Bit Bidirectional Universal Shift Register with Parallel I/O
logo
Motorola, Inc
MC74HC299 MOTOROLA-MC74HC299 Datasheet
123Kb / 8P
   8-Bit Bidirectional Universal Shift Register with Parallel I/O
logo
Integral Corp.
IN74ACT323 INTEGRAL-IN74ACT323 Datasheet
238Kb / 7P
   8-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER WITH PARALLEL I/O
logo
System Logic Semiconduc...
SL74HC323 SLS-SL74HC323 Datasheet
61Kb / 7P
   8-Bit Bidirectional Universal Shift Register with Parallel I/O
logo
Integral Corp.
IN74ACT299 INTEGRAL-IN74ACT299 Datasheet
243Kb / 7P
   8-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER WITH PARALLEL I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com