Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD45128841G5-A10B-9JF Datasheet(PDF) 6 Page - NEC

Part # UPD45128841G5-A10B-9JF
Description  128M-bit Synchronous DRAM 4-bank, LVTTL
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD45128841G5-A10B-9JF Datasheet(HTML) 6 Page - NEC

Back Button UPD45128841G5-A10B-9JF Datasheet HTML 2Page - NEC UPD45128841G5-A10B-9JF Datasheet HTML 3Page - NEC UPD45128841G5-A10B-9JF Datasheet HTML 4Page - NEC UPD45128841G5-A10B-9JF Datasheet HTML 5Page - NEC UPD45128841G5-A10B-9JF Datasheet HTML 6Page - NEC UPD45128841G5-A10B-9JF Datasheet HTML 7Page - NEC UPD45128841G5-A10B-9JF Datasheet HTML 8Page - NEC UPD45128841G5-A10B-9JF Datasheet HTML 9Page - NEC UPD45128841G5-A10B-9JF Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 92 page
background image
Data Sheet M12650EJBV0DS00
6
µµµµPD45128441, 45128841, 45128163
[
µµµµPD45128163]
54-pin Plastic TSOP (II) (10.16mm (400))
2M words
×××× 16 bits ×××× 4 banks
VCC
DQ0
VCCQ
DQ1
DQ2
VSSQ
DQ3
DQ4
VCCQ
DQ5
DQ6
VSSQ
DQ7
VCC
LDQM
/WE
/CAS
/RAS
/CS
BA0(A13)
BA1(A12)
A10
A0
A1
A2
A3
VCC
Vss
DQ15
VssQ
DQ14
DQ13
VccQ
DQ12
DQ11
VssQ
DQ10
DQ9
VccQ
DQ8
Vss
NC
UDQM
CLK
CKE
NC
A11
A9
A8
A7
A6
A5
A4
Vss
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
A0 to A11
Note
: Address inputs
BA0(A13), BA1(A12): Bank select
DQ0 to DQ15
: Data inputs / outputs
CLK
: Clock input
CKE
: Clock enable
/CS
: Chip select
/RAS
: Row address strobe
/CAS
: Column address strobe
/WE
: Write enable
LDQM
: Lower DQ mask enable
UDQM
: Upper DQ mask enable
VCC
: Supply voltage
VSS
: Ground
VCCQ
: Supply voltage for DQ
VSSQ
: Ground for DQ
NC
: No connection
Note A0 to A11 : Row address inputs
A0 to A8 : Column address inputs


Similar Part No. - UPD45128841G5-A10B-9JF

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
UPD45128163-A75L ELPIDA-UPD45128163-A75L Datasheet
821Kb / 86P
   128M-bit Synchronous DRAM 4-bank, LVTTL
UPD45128163-E ELPIDA-UPD45128163-E Datasheet
932Kb / 86P
   128M-bit Synchronous DRAM 4-bank, LVTTL
UPD45128163-I ELPIDA-UPD45128163-I Datasheet
785Kb / 86P
   128M-bit Synchronous DRAM 4-bank, LVTTL WTR (Wide Temperature Range)
UPD45128163-I-E ELPIDA-UPD45128163-I-E Datasheet
962Kb / 86P
   128M-bit Synchronous DRAM 4-bank, LVTTL WTR (Wide Temperature Range)
UPD45128163-T ELPIDA-UPD45128163-T Datasheet
774Kb / 86P
   128M-bit Synchronous DRAM 4-bank, LVTTL WTR (Wide Temperature Range)
More results

Similar Description - UPD45128841G5-A10B-9JF

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
UPD45128163-E ELPIDA-UPD45128163-E Datasheet
932Kb / 86P
   128M-bit Synchronous DRAM 4-bank, LVTTL
UPD45128163-A75L ELPIDA-UPD45128163-A75L Datasheet
821Kb / 86P
   128M-bit Synchronous DRAM 4-bank, LVTTL
PD45128441-T ELPIDA-PD45128441-T Datasheet
713Kb / 89P
   128M-bit Synchronous DRAM 4-bank, LVTTL WTR (Wide Temperature Range)
UPD45128163-I ELPIDA-UPD45128163-I Datasheet
785Kb / 86P
   128M-bit Synchronous DRAM 4-bank, LVTTL WTR (Wide Temperature Range)
UPD45128163-T ELPIDA-UPD45128163-T Datasheet
774Kb / 86P
   128M-bit Synchronous DRAM 4-bank, LVTTL WTR (Wide Temperature Range)
PD45128441-I ELPIDA-PD45128441-I Datasheet
710Kb / 89P
   128M-bit Synchronous DRAM 4-bank, LVTTL WTR (Wide Temperature Range)
PD45128163-SU ELPIDA-PD45128163-SU Datasheet
701Kb / 87P
   128M-bit Synchronous DRAM 4-bank, LVTTL WTR (Wide Temperature Range)
UPD45128163-I-E ELPIDA-UPD45128163-I-E Datasheet
962Kb / 86P
   128M-bit Synchronous DRAM 4-bank, LVTTL WTR (Wide Temperature Range)
logo
NEC
UPD4564323 NEC-UPD4564323 Datasheet
1Mb / 84P
   64M-bit Synchronous DRAM 4-bank, LVTTL
logo
Elpida Memory
UPD4564163 ELPIDA-UPD4564163 Datasheet
919Kb / 85P
   64M-bit Synchronous DRAM 4-bank, LVTTL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com