Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KRC857 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KRC857
Description  EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KRC857 Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KRC857 Datasheet HTML 1Page - KEC(Korea Electronics) KRC857 Datasheet HTML 2Page - KEC(Korea Electronics) KRC857 Datasheet HTML 3Page - KEC(Korea Electronics) KRC857 Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2002. 1. 24
2/4
KRC857U~KRC859U
Revision No : 2
ELECTRICAL CHARACTERISTICS (Ta=25 )
Note : * Characteristic of Transistor Only.
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Output Cut-off Current
KRC857U 859U
IO(OFF)
VO=50V, VI=0
-
-
500
nA
DC Current Gain
KRC857U
GI
VO=5V, IO=10mA
80
150
-
KRC858U
80
150
-
KRC859U
70
140
-
Output Voltage
KRC857U 859U
VO(ON)
IO=10mA, II=0.5mA
-
0.1
0.3
V
Input Voltage (ON)
KRC857U
VI(ON)
VO=0.2V, IO=5mA
-
1.2
1.8
V
KRC858U
-
1.8
2.6
KRC859U
-
3.0
5.8
Input Votlage (OFF)
KRC857U
VI(OFF)
VO=5V, IO=0.1mA
0.5
0.75
-
V
KRC858U
0.6
0.88
-
KRC859U
1.5
1.82
-
Transition Frequency
KRC857U 859U
fT *
VO=10V, IO=5mA
-
200
-
MHz
Input Current
KRC857U
II
VI=5V
-
-
0.88
mA
KRC858U
-
-
0.36
KRC859U
-
-
0.16
Switching
Time
Rise
Time
KRC857U
tr
VO=5V, VIN=5V
RL=1k
-
0.05
-
S
KRC858U
-
0.12
-
KRC859U
-
0.26
-
Storage
Time
KRC857U
tstg
-
2.0
-
KRC858U
-
2.4
-
KRC859U
-
1.5
-
Fall
Time
KRC857U
tf
-
0.36
-
KRC858U
-
0.4
-
KRC859U
-
0.41
-


Similar Part No. - KRC857

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KRC857 KEC-KRC857 Datasheet
89Kb / 4P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC857E KEC-KRC857E Datasheet
89Kb / 4P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
More results

Similar Description - KRC857

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KRC851U KEC-KRC851U Datasheet
114Kb / 6P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC860E KEC-KRC860E Datasheet
50Kb / 4P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC860U KEC-KRC860U Datasheet
50Kb / 4P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC866U KEC-KRC866U Datasheet
69Kb / 6P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC830E KEC-KRC830E Datasheet
50Kb / 4P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC836E KEC-KRC836E Datasheet
69Kb / 6P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC401 KEC-KRC401 Datasheet
657Kb / 6P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC657U KEC-KRC657U Datasheet
89Kb / 4P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC666E KEC-KRC666E Datasheet
69Kb / 6P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KTD2092 KEC-KTD2092 Datasheet
398Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC660E KEC-KRC660E Datasheet
50Kb / 4P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com