Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLP2USBF Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # TLP2USBF
Description  Protect It 230V Surge Protector with 2 French/Belgian Outlets, 0.33M Cord, 380 Joules, French plug
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

TLP2USBF Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  TLP2USBF Datasheet HTML 1Page - Tripp Lite. All Rights Reserved TLP2USBF Datasheet HTML 2Page - Tripp Lite. All Rights Reserved TLP2USBF Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Product Warranty Period (Worldwide)
Lifetime limited warranty
© 2015 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
http://www.tripplite.com/products/product-certification-agencies
3 / 3


Similar Part No. - TLP2USBF

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
TLP2USBD TRIPPLITE-TLP2USBD Datasheet
493Kb / 3P
   Protect It 230V Surge Protector with 2 Schuko Type F Outlets, 0.33M Cord, 380 Joules, German plug
More results

Similar Description - TLP2USBF

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
TLP82F TRIPPLITE-TLP82F Datasheet
500Kb / 2P
   Protect It 230V Surge Protector with 8 French/Belgian Outlets, French Plug, 2280 Joules
TLP61F TRIPPLITE-TLP61F Datasheet
482Kb / 3P
   Protect It 230V Surge Protector with 6 French/Belgian Outlets, 2M Cord, 1140 Joules,French plug
TLP51F TRIPPLITE-TLP51F Datasheet
486Kb / 2P
   Protect It 230V Surge Protector with 5 French/Belgian Outlets, 1M Cord, 280 Joules,French plug, Diagnostic LED
TLP82NSATF TRIPPLITE-TLP82NSATF Datasheet
501Kb / 3P
   Protect It 230V Surge Protector with 8 French/Belgian Outlets, French Plug, 2280 Joules, Tel/Coax Protection
TLP82MASF TRIPPLITE-TLP82MASF Datasheet
505Kb / 3P
   Protect It 230V Surge Protector with 8 French/Belgian Outlets, French Plug, 1140 Joules, Tel/Coax Protection
TLP2USBD TRIPPLITE-TLP2USBD Datasheet
493Kb / 3P
   Protect It 230V Surge Protector with 2 Schuko Type F Outlets, 0.33M Cord, 380 Joules, German plug
SUPER6OMNID TRIPPLITE-SUPER6OMNID Datasheet
487Kb / 3P
   Protect It 230V 6-Universal Outlet Surge Protector, 1.8M Cord, German/French Plug, 750 Joules
TLP82D TRIPPLITE-TLP82D Datasheet
500Kb / 2P
   Protect It 230V Surge Protector with 8 Schuko Type F Outlets, German Plug, 2280 Joules
TLP51D TRIPPLITE-TLP51D Datasheet
488Kb / 2P
   Protect It 230V Surge Protector with 5Schuko Type F Outlets, 1M Cord, 280 Joules, German plug,Diagnostic LED
SUPER6OMNIB TRIPPLITE-SUPER6OMNIB Datasheet
160Kb / 3P
   Protect It! 230V 6-Universal Outlet Surge Protector, 1.8M Cord, British Plug, 750 Joules
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com