Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DWT2655XE Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # DWT2655XE
Description  Tilt Wall-Mount for 26 to 55 Flat-Screen Displays
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

DWT2655XE Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  DWT2655XE Datasheet HTML 1Page - Tripp Lite. All Rights Reserved DWT2655XE Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Distance from Wall (in.)
1.77
Distance from Wall (cm)
4.5
Maximum Weight Capacity (lbs.)
165
Maximum Weight Capacity (kg)
75
FEATURES & SPECIFICATIONS
Tools Necessary
Yes
Cord Management
No
WARRANTY
Product Warranty Period (U.S. &
Canada)
5-year limited warranty
© 2015 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
http://www.tripplite.com/products/product-certification-agencies
2 / 2


Similar Part No. - DWT2655XE

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
DWT2655XP TRIPPLITE-DWT2655XP Datasheet
519Kb / 2P
   Tilt Wall-Mount for 26 to 55 Flat-Screen Displays
More results

Similar Description - DWT2655XE

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
DWT2655XP TRIPPLITE-DWT2655XP Datasheet
519Kb / 2P
   Tilt Wall-Mount for 26 to 55 Flat-Screen Displays
DWF2655X TRIPPLITE-DWF2655X Datasheet
510Kb / 2P
   Fixed Wall-Mount for 26 to 55 Flat-Screen Displays
DWM2655M TRIPPLITE-DWM2655M Datasheet
521Kb / 2P
   Full-Motion Wall-Mount for 26 to 55 Flat-Screen Displays
DWT3270X TRIPPLITE-DWT3270X Datasheet
499Kb / 2P
   Tilt Wall-Mount for 32 to 70 Flat-Screen Displays
DWT3770X TRIPPLITE-DWT3770X Datasheet
498Kb / 2P
   Tilt Wall-Mount for 37 to 70 Flat-Screen Displays
DWT4585X TRIPPLITE-DWT4585X Datasheet
503Kb / 2P
   Tilt Wall-Mount for 45 to 85 Flat-Screen Displays
DWT1327S TRIPPLITE-DWT1327S Datasheet
523Kb / 2P
   Tilt Wall-Mount for 13 to 27 Flat-Screen Displays
DWT60100XX TRIPPLITE-DWT60100XX Datasheet
506Kb / 2P
   Tilt Wall Mount for 60 to 100 Flat-Screen Displays
DWF1327M TRIPPLITE-DWF1327M Datasheet
518Kb / 2P
   Fixed Wall-Mount for 13 to 27 Flat-Screen Displays
DWF3770L TRIPPLITE-DWF3770L Datasheet
487Kb / 2P
   Fixed Wall-Mount for 37 to 70 Flat-Screen Displays
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com