Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KRC853U Datasheet(PDF) 6 Page - KEC(Korea Electronics)

Part # KRC853U
Description  EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KRC853U Datasheet(HTML) 6 Page - KEC(Korea Electronics)

  KRC853U Datasheet HTML 1Page - KEC(Korea Electronics) KRC853U Datasheet HTML 2Page - KEC(Korea Electronics) KRC853U Datasheet HTML 3Page - KEC(Korea Electronics) KRC853U Datasheet HTML 4Page - KEC(Korea Electronics) KRC853U Datasheet HTML 5Page - KEC(Korea Electronics) KRC853U Datasheet HTML 6Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
2002. 1. 24
6/6
KRC851U~KRC856U
Revision No : 2
G - I
O
OUTPUT CURRENT I
(mA)
O
OUTPUT CURRENT I
(mA)
O
OUTPUT CURRENT I
(mA)
O
OUTPUT CURRENT I
(mA)
0.5
1
3
10
5
IO
G - I
IO
G - I
IO
O
OUTPUT CURRENT I
(mA)
O
OUTPUT CURRENT I
(mA)
G - I
IO
G - I
IO
G - I
IO
30
100
10
30
50
100
300
V =5V
O
O
V =5V
300
100
50
30
10
100
30
5
10
3
1
0.5
O
V =5V
300
100
50
30
10
100
30
5
10
3
1
0.5
O
V =5V
300
100
50
30
10
100
30
5
10
3
1
0.5
0.5
1
3
10
5
30
100
10
30
50
100
300
V =5V
O
0.5
1
3
10
5
30
100
10
30
50
100
300
V =5V
O
Ta=100 C
Ta=25 C
Ta=-25 C
Ta=100 C
Ta=25 C
Ta=-25 C
Ta=100 C
Ta=25 C
Ta=-25 C
Ta=100 C
Ta=25 C
Ta=-25 C
Ta=100 C
Ta=25 C
Ta=-25 C
Ta=100 C
Ta=-25 C
Ta=25 C
KRC851U
KRC852U
KRC853U
KRC854U
KRC855U
K
RC856U


Similar Part No. - KRC853U

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KRC853E KEC-KRC853E Datasheet
113Kb / 6P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
More results

Similar Description - KRC853U

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KRC860E KEC-KRC860E Datasheet
50Kb / 4P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC860U KEC-KRC860U Datasheet
50Kb / 4P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC866U KEC-KRC866U Datasheet
69Kb / 6P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC830E KEC-KRC830E Datasheet
50Kb / 4P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC836E KEC-KRC836E Datasheet
69Kb / 6P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC401 KEC-KRC401 Datasheet
657Kb / 6P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC657U KEC-KRC657U Datasheet
89Kb / 4P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC666E KEC-KRC666E Datasheet
69Kb / 6P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KTD2092 KEC-KTD2092 Datasheet
398Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC660E KEC-KRC660E Datasheet
50Kb / 4P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com