Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DDR1327SQFC Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # DDR1327SQFC
Description  Quad Full-Motion Flex Arm Desk Clamp for 13" to 27" Flat-Screen Displays
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

DDR1327SQFC Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  DDR1327SQFC Datasheet HTML 1Page - Tripp Lite. All Rights Reserved DDR1327SQFC Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Quad Full-Motion Flex Arm Desk Clamp for 13" to
27" Flat-Screen Displays
MODEL NUMBER: DDR1327SQFC
Description
Tripp Lite’s VESA-compliant DDR1327SQFC Flex Arm Quad Desk Clamp frees up valuable space in your
workstation. The unique flexible design offers an exceptional range of motion. Increase workday productivity with
flexible arms that allow monitors to be placed back to back for use by more than one person. You can bring the
screen closer with you need or move out of the way when you don't and space between the monitors is also fully adjustable. It features convenient one-touch
display adjustment with tilt, swivel and rotation capabilities and fits most 13- to 27-inch flat-panel displays. Its durable, all-metal frame with scratch-resistant,
powder-coat finish withstands the stress of repeated use and blends easily into any décor. It comes with all necessary mounting hardware, and each mount
supports weights of up to 22 lbs. For peace of mind, the DDR1327SQFC comes backed by a 5-year warranty.
Features
Tripp Lite’s VESA-compliant DDR1327SQFC Flex Arm Quad Flat-Screen Desk Clamp frees up valuable space in your workstation and increases workday
productivity with flexible arms that allow monitors to be placed back to back for use by more than one person.
Unique flexible design offers an exceptional range of motion
Convenient one-touch display adjustment with tilt, swivel and rotation capabilities and fits most 13- to 27-inch flat-panel displays
Durable, all-metal frame with scratch-resistant, powder-coat finish withstands the stress of repeated use and blends easily into any décor
Includes all necessary mounting hardware, and each mount supports weights of up to 22 lbs
5-year warranty
Specifications
PHYSICAL
Mounting Location
Desk Clamp
Unit Dimensions (hwd / in.)
34.65 x 33.62 x 4.53
Unit Dimensions (hwd / cm)
88.01 x 85.39 x 11.50
Highlights
Increases available desk/table
space in office workstation
applications
Quad mounts fit most flat-panel
displays from 13” to 27”
Convenient one-touch display
adjustment for easy view
optimization and improved
ergonomics
Wide range of motion with -15° to
+15° tilt, 180° swivel and 360°
rotation capability
Each mount supports up to 22 lbs.
5-year warranty
Package Includes
DDR1327SQFC Flex Arm Dual
Flat-Screen Desk Clamp
Mounting Hardware
Owner’s Manual
1 / 2


Similar Part No. - DDR1327SQFC

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
DDR1327S TRIPPLITE-DDR1327S Datasheet
497Kb / 2P
   Full-Motion Desk Mount for 13" to 27" Flat-Screen Displays
DDR1327SDD TRIPPLITE-DDR1327SDD Datasheet
166Kb / 3P
   Dual-Monitor Desktop Mount Stand for 13" to 27" Flat-Screen Displays
DDR1327SDFC TRIPPLITE-DDR1327SDFC Datasheet
504Kb / 2P
   Dual Full-Motion Flex Arm Desk Clamp for 13" to 27" Flat-Screen Displays
DDR1327SFC TRIPPLITE-DDR1327SFC Datasheet
496Kb / 2P
   Full-Motion Flex Arm Desk Clamp for 13" to 27" Flat-Screen Displays
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com