Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DDR1326SD Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # DDR1326SD
Description  Dual Desk Mount for 13" to 26" Flat-Screen Displays
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

DDR1326SD Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  DDR1326SD Datasheet HTML 1Page - Tripp Lite. All Rights Reserved DDR1326SD Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dual Desk Mount for 13" to 26" Flat-Screen Displays
MODEL NUMBER: DDR1326SD
Description
Tripp Lite’s VESA-compliant DDR1326SD Dual Flat-Screen Desk Stand frees up valuable space in your
workstation and increases workday productivity by enabling the suspension of 2 flat-panel displays on a single
base. It features convenient one-touch display adjustment with tilt, swivel and rotation capabilities and fits most
13- to 26-inch flat-panel displays. Its durable, all-metal frame with scratch-resistant, powder-coat finish
withstands the stress of repeated use and blends easily into any décor. It comes with all necessary mounting
hardware, and each mount supports weights of up to 30 lbs. For peace of mind, the DDR1326SD comes backed
by a 5-year warranty.
Features
Tripp Lite’s VESA-compliant DDR1326SD Dual Flat-Screen Desk Stand frees up valuable space in your workstation and increases workday productivity
by enabling the suspension of 2 flat-panel displays on a single base
Convenient one-touch display adjustment with tilt, swivel and rotation capabilities and fits most 13- to 26-inch flat-panel displays
Durable, all-metal frame with scratch-resistant, powder-coat finish withstands the stress of repeated use and blends easily into any décor
Includes all necessary mounting hardware, and each mount supports weights of up to 30 lbs
5-year warranty
Specifications
PHYSICAL
Mounting Location
Desktop
Unit Weight (lbs.)
11.55
Unit Weight (kg)
5.98
Color
Black; Silver
Screen Size Compatibility (in.)
13 - 26
Highlights
REPLACES MODEL
DDR1323SD
Increases available desk/table
space in office workstation
applications
Dual mounts fit most flat-panel
displays from 13” to 26”
Convenient one-touch display
adjustment for easy view
optimization and improved
ergonomics
Wide range of motion with -15° to
+15° tilt, 180° swivel and 360°
rotation capability
Each mount supports up to 30 lb
5-year warranty
Package Includes
DDR1326SD Full-Motion
Flat-Screen Desk Mount
Mounting Hardware
Owner’s Manual
1 / 2


Similar Part No. - DDR1326SD

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
DDR1327DCS TRIPPLITE-DDR1327DCS Datasheet
509Kb / 2P
   Dual Full-Motion Flex Arm Desk Clamp for 13" to 27" Flat-Screen Displays
DDR1327NBMSC TRIPPLITE-DDR1327NBMSC Datasheet
515Kb / 2P
   Full Motion Dual Desk Clamp for 13 to 27" monitors and laptops up to 15"||" "696120
Full-Motion Desk Mount for 13" to 27" Flat-Screen
DDR1327S TRIPPLITE-DDR1327S Datasheet
497Kb / 2P
   Full-Motion Desk Mount for 13" to 27" Flat-Screen Displays
DDR1327SDD TRIPPLITE-DDR1327SDD Datasheet
166Kb / 3P
   Dual-Monitor Desktop Mount Stand for 13" to 27" Flat-Screen Displays
DDR1327SDFC TRIPPLITE-DDR1327SDFC Datasheet
504Kb / 2P
   Dual Full-Motion Flex Arm Desk Clamp for 13" to 27" Flat-Screen Displays
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com