Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AVS5D Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # AVS5D
Description  230V Automatic Voltage Switch with Surge Protection, 190 Joules, Direct Plug-In
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

AVS5D Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  AVS5D Datasheet HTML 1Page - Tripp Lite. All Rights Reserved AVS5D Datasheet HTML 2Page - Tripp Lite. All Rights Reserved AVS5D Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
INPUT
Nominal Input Voltage(s) Supported
220V AC
Recommended Electrical Service
230V
Input Connection Type
BS 1363 UK plug
Input Cord Length (ft.)
0
Input Cord Length (m)
0.00
Input Cord Details
Direct Plug-In
Voltage Compatibility (VAC)
230
Maximum Surge Amps
4500kA
SURGE / NOISE SUPPRESSION
AC Suppression Joule Rating
190
AC Suppression Response Time
<1ns
DATALINE SURGE SUPPRESSION
Telephone/DSL Protection
Yes
Cable (Coax) Protection
No
Network (Ethernet) Protection
No
PHYSICAL
Unit Dimensions (hwd / in.)
5.20 x 2.52 x 1.88
Unit Dimensions (hwd / cm)
13.21 x 6.40 x 4.78
Material of Construction
Plastic
Housing Color
Black
Metal Case
No
SPECIAL FEATURES
Right-Angle Plug
No
CERTIFICATIONS
Certifications
CE
Approvals
RoHS
WARRANTY
2 / 3


Similar Part No. - AVS5D

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
AVS58-0 PF-AVS58-0 Datasheet
435Kb / 8P
   Singleturn absolute encoder
AVS58-H PF-AVS58-H Datasheet
467Kb / 8P
   Singleturn absolute encoder
AVS58-K PF-AVS58-K Datasheet
412Kb / 8P
   Singleturn absolute encoder
AVS58N-011YYRYGN-0014 PF-AVS58N-011YYRYGN-0014 Datasheet
245Kb / 4P
   Singleturn absolute encoder
More results

Similar Description - AVS5D

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
AVS30D TRIPPLITE-AVS30D Datasheet
526Kb / 2P
   230V Automatic Voltage Switch with Surge Protection, 380 Joules, Hardwired
logo
List of Unclassifed Man...
ISOBLOK2-0 ETC2-ISOBLOK2-0 Datasheet
533Kb / 4P
   2-outlet, Direct Plug-in, 1410 joules Isobar Surge Suppressor- Direct plug-in surge, spike and line
SK10TG ETC2-SK10TG Datasheet
538Kb / 4P
   1 Outlet, Direct Plug-In, 350 Joules, Timer - Protect It! Surge Suppressor
logo
Tripp Lite. All Rights ...
TLP82MASF TRIPPLITE-TLP82MASF Datasheet
505Kb / 3P
   Protect It 230V Surge Protector with 8 French/Belgian Outlets, French Plug, 1140 Joules, Tel/Coax Protection
TLP82NSATF TRIPPLITE-TLP82NSATF Datasheet
501Kb / 3P
   Protect It 230V Surge Protector with 8 French/Belgian Outlets, French Plug, 2280 Joules, Tel/Coax Protection
logo
List of Unclassifed Man...
TRAVELER ETC2-TRAVELER Datasheet
484Kb / 4P
   2 AC outlets, direct plug-in surge suppressor with modem/fax surge protection
logo
Tripp Lite. All Rights ...
TLP82NSATD TRIPPLITE-TLP82NSATD Datasheet
501Kb / 3P
   Protect It 230V Surge Protector with 8 Schuko Type F Outlets, German Plug, 2280 Joules, Tel/Coax Protection
TLP82F TRIPPLITE-TLP82F Datasheet
500Kb / 2P
   Protect It 230V Surge Protector with 8 French/Belgian Outlets, French Plug, 2280 Joules
TLP82MASD TRIPPLITE-TLP82MASD Datasheet
506Kb / 3P
   Protect It 230V Surge Protector with 8-Schuko Type F Outlets, German Plug, 1140 Joules, Coax/Network Protection
logo
List of Unclassifed Man...
LS604WM ETC2-LS604WM Datasheet
516Kb / 3P
   Line Conditioner - Automatic voltage regulation with surge protection
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com