Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1716 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1716
Description  SOT-23, 44V, Over-the-Top, Micropower, Precision Rail-to-Rail Comparator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1716 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1716 Datasheet HTML 3Page - Linear Technology LT1716 Datasheet HTML 4Page - Linear Technology LT1716 Datasheet HTML 5Page - Linear Technology LT1716 Datasheet HTML 6Page - Linear Technology LT1716 Datasheet HTML 7Page - Linear Technology LT1716 Datasheet HTML 8Page - Linear Technology LT1716 Datasheet HTML 9Page - Linear Technology LT1716 Datasheet HTML 10Page - Linear Technology LT1716 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LT1716
7
1716fa
TYPICAL PERFORMANCE CHARACTERISTICS
Output Sinking Current
vs Total Supply Voltage
Total Switching Time
vs Temperature
Total Switching Time
vs Overdrive
Total Switching Time
vs Total Supply Voltage
Total Switching Time
vs Pull-Up Resistor
Response Time
Output Leakage Current
vs Output Voltage
Reverse Supply Current
Output Sinking Current Limit
vs Temperature
OUTPUT VOLTAGE (V)
5
500
450
400
350
300
250
1716 G10
10
15
20
25
30
35
40
45
V+ = 5V
V= 0V
TA = 25°C
REVERSE VOLTAGE (V)
0
0.6
0.5
0.4
0.3
0.2
0.1
0
1716 G27
5
10
15
20
25
TA = 25°C
TEMPERATURE (°C)
–50
0
5
10
15
20
050
100
150
1716 G11
25
30
–25
25
75
125
OUTPUT SHORTED TO V+
VS = 5V
VS = ±15V
TOTAL SUPPLY VOLTAGE (V)
1
0
5
10
15
20
30
10
100
1716 G12
25
OUTPUT SHORTED TO V+
TA = 25°C
TEMPERATURE (°C)
0
1
10
100
50
100
25
75
125
1716 G13
–50 –25
150
RL = 10k
VOUT = 90% VFINAL (RISE)
VOUT = 10% VFINAL (FALL)
VSTEP = 100mV
VOVERDRIVE = 10mV
VS = ±15V
FALL
VS = ±15V
RISE
VS = ±2.5V
RISE
VS = ±2.5V
FALL
OVERDRIVE (mV)
10
30
100
1716 G14
1
10
20
100
90
80
70
60
50
40
0
RL = 10k
VOUT = 90% VFINAL (RISE)
VOUT = 10% VFINAL (FALL)
VSTEP = 100mV
TA = 25°C
±15V
RISE TIME
±15V
FALL TIME
±2.5V
FALL TIME
±2.5V
RISE TIME
TOTAL SUPPLY VOLTAGE (V)
10
1
10
100
20
30
1716 G15
0
40
RL = 10k
VOUT = 90% VFINAL (RISE)
VOUT = 10% VFINAL (FALL)
VCM = 1/2 VTOTALSUPPLY
VSTEP = 100mV
VOVERDRIVE = 10mV
FALL
RISE
PULL-UP RESISTOR (k)
1
10
1
10
100
100
1000
10000
1716 G16
VOUT = 90% VFINAL
VSTEP = 100mV
VOVERDRIVE = 10mV
TA = 25°C
VS = ±2.5V
RISE
VS = ±15V
RISE
30V
26V
5V
0V
TIME (μs)
VS = 5V, 0V
VOD = 10mV
RL = 10k, 100k, OPEN
VIN
+ = 26V TO 30V
VIN
= 29.99V
1716 G17
VIN
+
VOUT
RL = 10k
RL = 100k
RL = OPEN


Similar Part No. - LT1716

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1716 LINER-LT1716 Datasheet
353Kb / 12P
   SOT-23, 44V, Over-The-Top, Micropower, Precision Rail-to-Rail Comparator
LT1716CS5 LINER-LT1716CS5 Datasheet
353Kb / 12P
   SOT-23, 44V, Over-The-Top, Micropower, Precision Rail-to-Rail Comparator
LT1716HS5 LINER-LT1716HS5 Datasheet
353Kb / 12P
   SOT-23, 44V, Over-The-Top, Micropower, Precision Rail-to-Rail Comparator
LT1716IS5 LINER-LT1716IS5 Datasheet
353Kb / 12P
   SOT-23, 44V, Over-The-Top, Micropower, Precision Rail-to-Rail Comparator
More results

Similar Description - LT1716

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1716 LINER-LT1716 Datasheet
353Kb / 12P
   SOT-23, 44V, Over-The-Top, Micropower, Precision Rail-to-Rail Comparator
LT1782 LINER-LT1782 Datasheet
212Kb / 12P
   Micropower, Over-The-Top SOT-23, Rail-to-Rail Input and Output Op Amp
LT1782 LINER-LT1782_15 Datasheet
519Kb / 16P
   Micropower, Over-The-Top SOT-23, Rail-to-Rail Input and Output Op Amp
LT1782 LINER-LT1782_1 Datasheet
261Kb / 16P
   Micropower, Over-The-Top SOT-23, Rail-to-Rail Input and Output Op Amp
LT1783IS5 LINER-LT1783IS5 Datasheet
164Kb / 16P
   1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
LT1783 LINER-LT1783 Datasheet
211Kb / 12P
   1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
logo
Linear Dimensions Semic...
LT1783IS5-TRMPBF LINEAR_DIMENSIONS-LT1783IS5-TRMPBF Datasheet
184Kb / 16P
   1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
logo
Linear Technology
LT1783 LINER-LT1783_1 Datasheet
172Kb / 16P
   1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
LT1783 LINER-LT1783_15 Datasheet
184Kb / 16P
   1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
LT1636 LINER-LT1636_1 Datasheet
393Kb / 16P
   Over-The-Top Micropower Rail-to-Rail Input and Output Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com