Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1641 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1641
Description  Positive High Voltage Hot Swap Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1641 Datasheet(HTML) 2 Page - Linear Technology

  LT1641 Datasheet HTML 1Page - Linear Technology LT1641 Datasheet HTML 2Page - Linear Technology LT1641 Datasheet HTML 3Page - Linear Technology LT1641 Datasheet HTML 4Page - Linear Technology LT1641 Datasheet HTML 5Page - Linear Technology LT1641 Datasheet HTML 6Page - Linear Technology LT1641 Datasheet HTML 7Page - Linear Technology LT1641 Datasheet HTML 8Page - Linear Technology LT1641 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LT1641
1641fd
Supply Voltage (VCC) ...............................– 0.3V to 100V
Input Voltage (SENSE) .............................– 0.3V to 100V
Input Voltage (TIMER) ...............................– 0.3V to 44V
Input Voltage (FB, ON) ...............................– 0.3V to 60V
Output Voltage (PWRGD) ........................– 0.3V to 100V
Output Voltage (GATE) ............................– 0.3V to 100V
Operating Temperature Range
LT1641CS8 ............................................. 0
°C to 70°C
LT1641IS8 .......................................... – 40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
The
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. Vcc = 24V
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
VCC Operating Range
980
V
ICC
VCC Supply Current
ON = 3V
2
5.5
mA
VLKO
VCC Undervoltage Lockout
7.5
8.3
8.8
V
VFBH
FB Pin High Voltage Threshold
FB Low to High Transition
1.280
1.313
1.345
V
VFBL
FB Pin Low Voltage Threshold
FB High to Low Transition
1.221
1.233
1.245
V
VFBHST
FB Pin Hysteresis Voltage
80
mV
IINFB
FB Pin Input Current
VFB = GND
– 1
µA
∆VFB
FB Pin Threshold Line Regulation
9V
≤ VCC ≤ 80V
0.05
mV/V
VSENSETRIP
SENSE Pin Trip Voltage (VCC – VSENSE)VFB = 0V
812
17
mV
VFB = 1V
39
47
55
mV
IGATEUP
GATE Pin Pull-Up Current
Charge Pump On, VGATE = 7V
–5
– 10
– 20
µA
IGATEDN
GATE Pin Pull-Down Current
Any Fault Condition, VGATE = 2V
35
70
100
mA
∆VGATE
External N-Channel Gate Drive
VGATE – VCC, VCC = 10.8V to 20V
4.5
18
V
VCC = 20V to 80V
10
18
V
ITIMERUP
TIMER Pin Pull-Up Current
VTIMER = 0V
– 24
– 80
– 132
µA
ITIMERON
TIMER Pin Pull-Down Current
VTIMER = 1V
1.5
3
5
µA
VONH
ON Pin High Threshold
ON Low to High Transition
1.280
1.313
1.345
V
VONL
ON Pin Low Threshold
ON High to Low Transition
1.221
1.233
1.245
V
VONHYST
ON Pin Hysteresis
80
mV
IINON
ON Pin Input Current
VON = GND
– 1
µA
VOL
PWRGD Output Low Voltage
IO = 2mA
0.4
V
IO = 4mA
2.5
V
IOH
PWRGD Pin Leakage Current
VPWRGD = 80V
10
µA
DC ELECTRICAL CHARACTERISTICS
TJMAX = 125°C, θJA = 110°C/W
1641
1641I
LT1641CS8
LT1641IS8
1
2
3
4
8
7
6
5
TOP VIEW
VCC
SENSE
GATE
TIMER
ON
FB
PWRGD
GND
S8 PACKAGE
8-LEAD PLASTIC SO
NOT RECOMMENDED FOR NEW DESIGNS
SEE LT1641-1/LT1641-2
ORDER PART NUMBER
S8 PART MARKING
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/


Similar Part No. - LT1641

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1641 LINER-LT1641 Datasheet
187Kb / 12P
   Positive High Voltage Hot Swap Controller
LT1641-1 LINER-LT1641-1 Datasheet
179Kb / 12P
   Positive High Voltage Hot Swap Controllers
LT1641-1 LINER-LT1641-1 Datasheet
322Kb / 40P
   Hot Swap Controller
LT1641-1 LINER-LT1641-1 Datasheet
319Kb / 36P
   Negative Voltage Hot Swap Controllers
LT1641-1 LINER-LT1641-1 Datasheet
310Kb / 34P
   ??8V Hot Swap Controllers
More results

Similar Description - LT1641

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1641 LINER-LT1641 Datasheet
187Kb / 12P
   Positive High Voltage Hot Swap Controller
logo
Texas Instruments
TPS2490 TI1-TPS2490_17 Datasheet
1Mb / 36P
[Old version datasheet]   Positive High-Voltage Power-Limiting Hot Swap Controller
logo
Micrel Semiconductor
MIC2587 MICREL-MIC2587 Datasheet
536Kb / 16P
   Single-Channel, Positive High-Voltage Hot Swap Controller
MIC2587 MICREL-MIC2587_13 Datasheet
1,007Kb / 22P
   Single-Channel, Positive High-Voltage Hot Swap Controller
logo
Maxim Integrated Produc...
MAX5933A MAXIM-MAX5933A Datasheet
269Kb / 15P
   Positive High-Voltage, Hot-Swap Controllers
Rev 1; 7/04
logo
Micrel Semiconductor
MIC2586 MICREL-MIC2586 Datasheet
601Kb / 17P
   Single-Channel, Positive High-Voltage Hot Swap Controller/Sequencer
logo
Linear Technology
LT4256-2 LINER-LT4256-2_15 Datasheet
219Kb / 16P
   Positive High Voltage Hot Swap Controllers
LT1641-1 LINER-LT1641-1 Datasheet
179Kb / 12P
   Positive High Voltage Hot Swap Controllers
LT4256-1 LINER-LT4256-1_15 Datasheet
219Kb / 16P
   Positive High Voltage Hot Swap Controllers
LT1641-1 LINER-LT1641-1_15 Datasheet
185Kb / 12P
   Positive High Voltage Hot Swap Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com