Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1640H Datasheet(PDF) 1 Page - Linear Technology

Part # LT1640H
Description  Negative Voltage Hot Swap Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1640H Datasheet(HTML) 1 Page - Linear Technology

  LT1640H Datasheet HTML 1Page - Linear Technology LT1640H Datasheet HTML 2Page - Linear Technology LT1640H Datasheet HTML 3Page - Linear Technology LT1640H Datasheet HTML 4Page - Linear Technology LT1640H Datasheet HTML 5Page - Linear Technology LT1640H Datasheet HTML 6Page - Linear Technology LT1640H Datasheet HTML 7Page - Linear Technology LT1640H Datasheet HTML 8Page - Linear Technology LT1640H Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LT1640L/LT1640H
1640lhfb
Negative Voltage
Hot Swap Controller
s
Allows Safe Board Insertion and Removal
from a Live – 48V Backplane
s
Operates from –10V to – 80V
s
Programmable Inrush Current
s
Programmable Electronic Circuit Breaker
s
Programmable Overvoltage Protection
s
Programmable Undervoltage Lockout
s
Power Good Control Output
The LT
®1640L/LT1640H is an 8-pin, negative voltage Hot
Swap
TM controller that allows a board to be safely inserted
and removed from a live backplane. Inrush current is
limited to a programmable value by controlling the gate
voltage of an external N-channel pass transistor. The pass
transistor is turned off if the input voltage is less than the
programmable undervoltage threshold or greater than the
overvoltage threshold. A programmable electronic circuit
breaker protects the system against shorts. The PWRGD
(LT1640L) or PWRGD (LT1640H) signal can be used to
directly enable a power module. The LT1640L is designed
for modules with a low enable input and the LT1640H for
modules with a high enable input.
The LT1640L/LT1640H is available in 8-pin PDIP and SO
packages.
s
Central Office Switching
s
– 48V Distributed Power Systems
s
Negative Power Supply Control
Hot Swap is a trademark of Linear Technology Corporation.
, LTC and LT are registered trademarks of Linear Technology Corporation.
Input Inrush Current
1640 F06b
VEE
VDD
LT1640L
SENSE
C1
150nF
25V
C2
3.3nF
100V
C3
0.1
µF
100V
C4
100
µF
100V
Q1
IRF530
R2
10
5%
R3
18k
5%
1N4148
R4
562k
1%
R5
9.09k
1%
R6
10k
1%
R1
0.02
5%
4
OV
GND
GND
(SHORT PIN)
3
2
– 48V
OV = 71V
*
* DIODES INC. SMAT70A
THESE COMPONENTS ARE APPLICATION
SPECIFIC AND MUST BE SELECTED BASED
UPON OPERATING CONDITIONS AND DESIRED
PERFORMANCE. SEE APPLICATIONS
INFORMATION.
UV = 37V
UV
56
8
7
1
GATE
DRAIN
PWRGD
1640 TA01
VOUT
+
SENSE +
TRIM
SENSE
VOUT
VIN
ON/OFF
LUCENT
JW050A1-E
VIN
+
2
9
5V
8
7
6
5
1
4
+
C5
100
µF
16V
+
4
3
2
1
APPLICATIO S
FEATURES
TYPICAL APPLICATIO
DESCRIPTIO
INRUSH
CURRENT
1A/DIV
GATE – VEE
10V/DIV
DRAIN
50V/DIV
VEE
50V/DIV
5ms/DIV
CONTACT
BOUNCE


Similar Part No. - LT1640H

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1640H LINER-LT1640H Datasheet
292Kb / 12P
   Negative Voltage Hot Swap Controller
LT1640HCN8 LINER-LT1640HCN8 Datasheet
292Kb / 12P
   Negative Voltage Hot Swap Controller
LT1640HCN8 LINER-LT1640HCN8 Datasheet
192Kb / 16P
   Negative Voltage Hot Swap Controller
LT1640HCS8 LINER-LT1640HCS8 Datasheet
292Kb / 12P
   Negative Voltage Hot Swap Controller
LT1640HCS8 LINER-LT1640HCS8 Datasheet
192Kb / 16P
   Negative Voltage Hot Swap Controller
More results

Similar Description - LT1640H

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5068 TI1-LM5068_14 Datasheet
1Mb / 30P
[Old version datasheet]   Negative Voltage Hot Swap Controller
logo
Linear Technology
LT1640AL LINER-LT1640AL Datasheet
320Kb / 16P
   Negative Voltage Hot Swap Controller
logo
Semtech Corporation
SC4250 SEMTECH-SC4250 Datasheet
260Kb / 12P
   Negative Voltage Hot Swap Controller
logo
National Semiconductor ...
LM5068 NSC-LM5068 Datasheet
42Kb / 1P
   NEGATIVE VOLTAGE HOT SWAP CONTROLLER
logo
Linear Technology
LT1640L LINER-LT1640L_1 Datasheet
192Kb / 16P
   Negative Voltage Hot Swap Controller
LT1640L LINER-LT1640L Datasheet
292Kb / 12P
   Negative Voltage Hot Swap Controller
LT1640L LINER-LT1640L_15 Datasheet
198Kb / 16P
   Negative Voltage Hot Swap Controller
logo
Semtech Corporation
SC4150 SEMTECH-SC4150 Datasheet
352Kb / 12P
   Negative Voltage Hot Swap Controller
SC4250 SEMTECH-SC4250_05 Datasheet
251Kb / 12P
   Negative Voltage Hot Swap Controller
logo
Linear Technology
LT1640AL LINER-LT1640AL_15 Datasheet
326Kb / 16P
   Negative Voltage Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com