Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1585A-3.3 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1585A-3.3
Description  5A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1585A-3.3 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1585A-3.3_15 Datasheet HTML 4Page - Linear Technology LT1585A-3.3_15 Datasheet HTML 5Page - Linear Technology LT1585A-3.3_15 Datasheet HTML 6Page - Linear Technology LT1585A-3.3_15 Datasheet HTML 7Page - Linear Technology LT1585A-3.3_15 Datasheet HTML 8Page - Linear Technology LT1585A-3.3_15 Datasheet HTML 9Page - Linear Technology LT1585A-3.3_15 Datasheet HTML 10Page - Linear Technology LT1585A-3.3_15 Datasheet HTML 11Page - Linear Technology LT1585A-3.3_15 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
LT1585A/LT1585A-3.3
1585afa
APPLICATIONS INFORMATION
load regulation is obtained when the top of resistor divider
R1 connects directly to the regulator output and not to the
load. Figure 5 illustrates this point. If R1 connects to the
load, the effective resistance between the regulator and
the load is:
RP(1 + R2/R1), RP = Parasitic Line Resistance
The connection shown in Figure 5 does not multiply RP by
the divider ratio. As an example, RPisaboutfourmilliohms
per foot with 16-gauge wire. This translates to 4mV per
foot at 1A load current. At higher load currents, this drop
represents a significant percentage of the overall regula-
tion. It is important to keep the positive lead between the
regulator and the load as short as possible and to use large
wire or PC board traces.
Load Regulation
It is not possible to provide true remote load sensing
because the LT1585A/LT1585A-3.3 are 3-terminal de-
vices. Load regulation is limited by the resistance of the
wire connecting the regulators to the load. Load regula-
tion per the data sheet specification is measured at the
bottom of the package.
For fixed voltage devices, negative side sensing is a true
Kelvin connection with the ground pin of the device
returned to the negative side of the load. This is illustrated
in Figure 4.
For adjustable voltage devices, negative side sensing is a
true Kelvin connection with the bottom of the output
divider returned to the negative side of the load. The best
LT1585A-3.3
RP
PARASITIC
LINE RESISTANCE
GND
VIN
RL
IN
OUT
LT1585A • F04
Figure 4. Connection for Best Load Regulation
LT1585A
OUT
IN
VIN
ADJ
RP
PARASITIC
LINE RESISTANCE
R1*
*CONNECT R1 TO CASE
CONNECT R2 TO LOAD
LT1585A • F05
RL
R2*
Figure 5. Connection for Best Load Regulation


Similar Part No. - LT1585A-3.3_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1585A-1.5 LINER-LT1585A-1.5 Datasheet
148Kb / 8P
   Fixed 1.5V, 4.6A and 5A Low Dropout, Fast Response GTL Regulators
LT1585A-1.5 LINER-LT1585A-1.5 Datasheet
157Kb / 8P
   Fixed 1.5V, 4.6A and 5A Low Dropout, Fast Response GTL Regulators
LT1585A-1.5 LINER-LT1585A-1.5_15 Datasheet
157Kb / 8P
   Fixed 1.5V, 4.6A and 5A Low Dropout, Fast Response GTL Regulators
More results

Similar Description - LT1585A-3.3_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1585A LINER-LT1585A Datasheet
253Kb / 12P
   5A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1585A LINER-LT1585A_15 Datasheet
170Kb / 12P
   5A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
logo
ON Semiconductor
LT1585A ONSEMI-LT1585A Datasheet
152Kb / 9P
   5A LOW DROPOUT FAST RESPONSE POSITIVE ADJUSTABLE AND FIXED VOLTAGE REGULATOR
1999 Rev 0
logo
Anpec Electronics Corop...
APL1084 ANPEC-APL1084_11 Datasheet
220Kb / 14P
   5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
logo
STMicroelectronics
LD1585C STMICROELECTRONICS-LD1585C_05 Datasheet
439Kb / 25P
   5A Low dropout fast response positive voltage regulator adjustable and fixed
logo
Anpec Electronics Corop...
APL1084 ANPEC-APL1084 Datasheet
241Kb / 12P
   5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
logo
STMicroelectronics
LD1585C STMICROELECTRONICS-LD1585C Datasheet
501Kb / 17P
   5A LOW DROPOUT FAST RESPONSE POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
logo
Linear Technology
LT1584CT-33 LINER-LT1584CT-33 Datasheet
226Kb / 16P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1585 LINER-LT1585_15 Datasheet
226Kb / 16P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1584 LINER-LT1584_1 Datasheet
220Kb / 16P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com