Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1534-1 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1534-1
Description  Ultralow Noise 2A Switching Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1534-1 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1534-1 Datasheet HTML 6Page - Linear Technology LT1534-1 Datasheet HTML 7Page - Linear Technology LT1534-1 Datasheet HTML 8Page - Linear Technology LT1534-1 Datasheet HTML 9Page - Linear Technology LT1534-1 Datasheet HTML 10Page - Linear Technology LT1534-1 Datasheet HTML 11Page - Linear Technology LT1534-1 Datasheet HTML 12Page - Linear Technology LT1534-1 Datasheet HTML 13Page - Linear Technology LT1534-1 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LT1534/LT1534-1
APPLICATIONS INFORMATION
Thermal Considerations
Computing power dissipation for this IC requires careful
attention to detail. Reduced output slewing causes the part
to dissipate more power than would occur with fast edges.
However, much improvement in noise can be produced
with modest decrease in supply efficiency.
Power dissipation is a function of topology, input voltage,
switch current and slew rates. It is impractical to come up
with an all-encompassing formula. It is therefore recom-
mended that package temperature be measured in each
application. The part has an internal thermal shutdown to
prevent device destruction, but this should not replace
careful thermal design.
1. Dissipation due to input current:
PV
mA
I
VIN
IN
=+


11
60
where I is the average switch current.
2. Dissipation due to the driver saturation:
PVSAT = (VSAT)(I)(DCMAX)
where VSAT is the output saturation voltage which is
approximately 0.1 + (0.2)(I), DCMAX is the maximum
duty cycle.
3. Dissipation due to output slew using approximations
for slew rates:
P
VI
I
R
IV
V
Rf
SLEW
IN
CSL
IN
SAT
VSL
OSC
=
() +


()
()+
()
()
()


()
2
2
9
2
2
9
4
33 10
4
220 10
Note if VSAT and ∆I are small with respect to VIN and I,
then:
P
IR
V
R
fV
I
SLEW
CSL
IN
VSL
OSC
IN
= ()(
)
()
+ ()()
()
()( )()
33 10
220 10
99
One word of caution. Sometimes a feedback zero is added
to the control loop by placing a capacitor across R1 above.
If the feedback zero capacitively pulls the FB pin above the
internal regulator voltage (2.4V typ), output regulation
may be disrupted. A series resistance with the feedback
pin can eliminate this potential problem.
Negative Output Voltage Setting
Negative output voltage can be sensed using the NFB pin.
In this case regulation will occur when the NFB pin is at
– 2.5V. The input bias current for the NFB pin is –25
µA
(INFB) and must be accounted for when selecting divider
resistor values.
Figure 3
NFB PIN
INFB
1534 F02
–VOUT
R2
R1
Referring to Figure 3, R1 is chosen such that:
RR
V
RA
OUT
12
25
25
2 25
=
.
.•
A suggested value for R2 is 2.5k. The NFB pin is normally
left open if the FB pin is being used.
Dual Polarity Output Voltage Sensing
Certain applications may benefit from sensing both posi-
tive and negative output voltages. When doing this each
output voltage resistor divider is individually set as previ-
ously described. When both FB and NFB pins are used, the
LT1534 will act to prevent either output from going
beyond its set output voltage. The highest output (lightest
load) will dominate control of the regulator. This technique
would prevent either output from going unregulated high
at no load. However, this technique will also compromise
output load regulation.
Shutdown
If the shutdown pin is pulled low, the regulator will turn off.
The supply current will be reduced to less than 20
µA.


Similar Part No. - LT1534-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1534-1 LINER-LT1534-1 Datasheet
222Kb / 16P
   Ultralow Noise 2A Switching Regulators
More results

Similar Description - LT1534-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1534 LINER-LT1534 Datasheet
222Kb / 16P
   Ultralow Noise 2A Switching Regulators
LT1534 LINER-LT1534_15 Datasheet
216Kb / 16P
   Ultralow Noise 2A Switching Regulators
LT1533 LINER-LT1533 Datasheet
379Kb / 20P
   Ultralow Noise 1A Switching Regulator
LT1533 LINER-LT1533_15 Datasheet
328Kb / 20P
   Ultralow Noise 1A Switching Regulator
logo
Gamma Microelectronics ...
GM2576 GAMMA-GM2576 Datasheet
154Kb / 9P
   2A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7109 GAMMA-GM7109 Datasheet
153Kb / 9P
   150KHz, 2A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
Linear Technology
LTM8032 LINER-LTM8032 Datasheet
310Kb / 20P
   Ultralow Noise EMC Compliant 36V, 2A DC/DC 關Module
logo
Texas Instruments
TPS78930DBVTG4 TI-TPS78930DBVTG4 Datasheet
481Kb / 20P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79015 TI-TPS79015 Datasheet
315Kb / 17P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS789 TI-TPS789 Datasheet
481Kb / 20P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 100-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com