Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD6600A Datasheet(PDF) 2 Page - NEC

Part # UPD6600A
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR REMOTE CONTROL TRANSMISSION
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6600A Datasheet(HTML) 2 Page - NEC

  UPD6600A Datasheet HTML 1Page - NEC UPD6600A Datasheet HTML 2Page - NEC UPD6600A Datasheet HTML 3Page - NEC UPD6600A Datasheet HTML 4Page - NEC UPD6600A Datasheet HTML 5Page - NEC UPD6600A Datasheet HTML 6Page - NEC UPD6600A Datasheet HTML 7Page - NEC UPD6600A Datasheet HTML 8Page - NEC UPD6600A Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
µPD6124A, 6600A
2
ORDERING INFORMATION
Part Number
Package
µPD6124ACS-XXX
20-pin plastic shrink DIP (300 mil)
µPD6124AGS-XXX
20-pin plastic SOP (300 mil)
µPD6600ACS-XXX
20-pin plastic shrink DIP (300 mil)
µPD6600AGS-XXX
20-pin plastic SOP (300 mil)
Remark
XXX indicates ROM code suffix.
PIN CONFIGURATION (TOP VIEW)
K
K
S-IN
S-OUT
REM
V
OSC-OUT
OSC-IN
V
AC
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
K
K
K
K
K
K
K
K
K
K
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
I0
I1
I2
I3
I/O1
I/O0
DD
SS


Similar Part No. - UPD6600A

ManufacturerPart #DatasheetDescription
logo
NEC
UPD6604 NEC-UPD6604 Datasheet
268Kb / 64P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
logo
Renesas Technology Corp
UPD6604 RENESAS-UPD6604 Datasheet
415Kb / 66P
   MOS INTEGRATED CIRCUIT
1996
logo
NEC
UPD6604GS NEC-UPD6604GS Datasheet
268Kb / 64P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
More results

Similar Description - UPD6600A

ManufacturerPart #DatasheetDescription
logo
NEC
UPD6125A NEC-UPD6125A Datasheet
286Kb / 40P
   4-BIT SINGLE CHIP MICROCONTROLLER FOR REMOTE CONTROL TRANSMISSION
UPD61P24 NEC-UPD61P24 Datasheet
252Kb / 36P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR REMOTE CONTROL TRANSMISSION
logo
Renesas Technology Corp
PD6124A RENESAS-PD6124A_15 Datasheet
312Kb / 38P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR REMOTE CONTROL TRANSMISSION
logo
NEC
UPD62A NEC-UPD62A Datasheet
377Kb / 62P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD6132 NEC-UPD6132 Datasheet
264Kb / 64P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD6133 NEC-UPD6133 Datasheet
410Kb / 64P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD62 NEC-UPD62 Datasheet
300Kb / 64P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD6P5 NEC-UPD6P5 Datasheet
232Kb / 32P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
logo
Renesas Technology Corp
PD62 RENESAS-PD62_15 Datasheet
419Kb / 66P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
logo
NEC
UPD64A NEC-UPD64A Datasheet
399Kb / 64P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com