Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD6121G-001 Datasheet(PDF) 5 Page - NEC

Part # UPD6121G-001
Description  REMOTE CONTROL TRANSMISSION CMOS IC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6121G-001 Datasheet(HTML) 5 Page - NEC

  UPD6121G-001 Datasheet HTML 1Page - NEC UPD6121G-001 Datasheet HTML 2Page - NEC UPD6121G-001 Datasheet HTML 3Page - NEC UPD6121G-001 Datasheet HTML 4Page - NEC UPD6121G-001 Datasheet HTML 5Page - NEC UPD6121G-001 Datasheet HTML 6Page - NEC UPD6121G-001 Datasheet HTML 7Page - NEC UPD6121G-001 Datasheet HTML 8Page - NEC UPD6121G-001 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
µPD6121, 6122
5
2.
NEC TRANSMISSION FORMAT (REM OUTPUT)
The NEC transmission format consists of the transmission of a leader code, 16-bit custom codes (Custom
Code, Custom Code’), and 16-bit data codes (Data Code, Data Code) at one time, as shown in Figure 2-1.
Also refer to 4. REMOTE OUTPUT WAVEFORM.
Data Code is the inverted code of Data Code.
The leader code consists of a 9-ms carrier waveform and a 4.5-ms OFF waveform and is used as leader for
the ensuing code to facilitate reception detection.
Codes use the PPM (Pulse Position Modulation) method, and the signals “1” and “0” are fixed by the interval
between pulses.
Figure 2-1. REM Output Code
Cautions 1. Use any of the possible 256 kinds of custom codes specified with 00xxH (diode not
connected), as desired. If intending to use custom codes other than 00xxH, please consult
NEC in order to avoid various types of errors from occurring between systems.
2. When receiving data in the NEC transmission format, check that the 32 bits made up of the
16-bit custom code (Custom Code, Custom Code’) and the 16-bit data code (Data Code, Data
Code) are fully decoded, and that there are no signals with the 33rd bit and after (be sure
to check also Data Code).
C0 C1 C2 C3 C4 C5 C6 C7 C0’C1’C2’C3’C4’C5’C6’C7’ D0 D1 D2 D3 D4 D5 D6 D7 D0 D1 D2 D3 D4 D5 D6 D7
C0 C1 C2 C3 C4 C5 C6 C7
or
C0
or or or or or or or
C1 C2 C3 C4 C5 C6 C7
Custom Code
Custom Code’
Data Code
Data Code
Leader Code


Similar Part No. - UPD6121G-001

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD6121G-001 RENESAS-UPD6121G-001 Datasheet
348Kb / 30P
   MOS INTEGRATED CIRCUIT
1994
UPD6121G-001 RENESAS-UPD6121G-001 Datasheet
312Kb / 30P
   MOS INTEGRATED CIRCUIT
1984
More results

Similar Description - UPD6121G-001

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9243APG TOSHIBA-TC9243APG Datasheet
287Kb / 10P
   Infrared Remote-Control Signal Transmission LSI
TC9243P TOSHIBA-TC9243P Datasheet
344Kb / 9P
   INFRARED REMOTE CONTROL SIGNAL TRANSMISSION LSI
logo
Renesas Technology Corp
M16C26A-RCT RENESAS-M16C26A-RCT Datasheet
538Kb / 18P
   Sample Program (Remote Control Transmission/Reception)
logo
NEC
UPD6102G NEC-UPD6102G Datasheet
655Kb / 9P
   MULTI-PURPOSE REMOTE CONTROL TRANMITTER IC CMOS LSI
logo
Silan Microelectronics ...
SC2128A SILAN-SC2128A Datasheet
221Kb / 15P
   REMOTE FAN CONTROL IC
logo
Princeton Technology Co...
PT2607 PTC-PT2607 Datasheet
73Kb / 3P
   Remote Control Encoder IC
logo
Unisonic Technologies
RBA8206 UTC-RBA8206_15 Datasheet
171Kb / 7P
   REMOTE FAN CONTROL IC
logo
Princeton Technology Co...
PT2264 PTC-PT2264 Datasheet
260Kb / 18P
   Remote Control Encoder IC
PT2607 PTC-PT2607_10 Datasheet
652Kb / 28P
   Remote Control Encoder IC
PT2249A PTC-PT2249A_07 Datasheet
488Kb / 23P
   Remote Control Receiver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com