Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1534 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1534
Description  Ultralow Noise 2A Switching Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1534 Datasheet(HTML) 5 Page - Linear Technology

  LT1534_15 Datasheet HTML 1Page - Linear Technology LT1534_15 Datasheet HTML 2Page - Linear Technology LT1534_15 Datasheet HTML 3Page - Linear Technology LT1534_15 Datasheet HTML 4Page - Linear Technology LT1534_15 Datasheet HTML 5Page - Linear Technology LT1534_15 Datasheet HTML 6Page - Linear Technology LT1534_15 Datasheet HTML 7Page - Linear Technology LT1534_15 Datasheet HTML 8Page - Linear Technology LT1534_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LT1534/LT1534-1
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 3.3V
500
µs/DIV
1534 G10
VOUT = 5V (NODE A)
ILOAD = 0.1A TO 0.5A
FIGURE 1 CIRCUIT
ILOAD
0.5A/DIV
VOUT
100mV/DIV
Load Transient Response
TEMPERATURE (
°C)
1534 G09
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
–50
25
75
–25
0
50
100 125
VC PIN CLAMP
VOLTAGE
VC PIN
THRESHOLD
VC Pin Threshold and Clamp
Voltage vs Temperature
Percent Change in Oscillator
Frequency vs Temperature (NPO
Cap and Metal Film R)
Typical Output Switch Voltage
and Current Slew Rates vs Slew
Setting Resistance (RVSL = RCSL)
TEMPERATURE (
°C)
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
1534 G12
–50
0
50
75
–25
25
100
125
1/R (mmho)
40
35
30
25
20
15
10
5
0
4
3
2
1
0
1534 G11
0
1/20k
1/10k
1/6.7k
1/5k
VFALL
VRISE
IFALL
IRISE
TA = 25°C
Load Regulation
LOAD CURRENT (mA)
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
1534-1 G13
0
200
400
500
100
300
600
700
FIGURE 1 CIRCUIT


Similar Part No. - LT1534_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1534-1 LINER-LT1534-1 Datasheet
222Kb / 16P
   Ultralow Noise 2A Switching Regulators
LT1534-1 LINER-LT1534-1 Datasheet
216Kb / 16P
   Ultralow Noise 2A Switching Regulators
LT1534-1 LINER-LT1534-1_15 Datasheet
216Kb / 16P
   Ultralow Noise 2A Switching Regulators
More results

Similar Description - LT1534_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1534 LINER-LT1534 Datasheet
222Kb / 16P
   Ultralow Noise 2A Switching Regulators
LT1534-1 LINER-LT1534-1_15 Datasheet
216Kb / 16P
   Ultralow Noise 2A Switching Regulators
LT1533 LINER-LT1533 Datasheet
379Kb / 20P
   Ultralow Noise 1A Switching Regulator
LT1533 LINER-LT1533_15 Datasheet
328Kb / 20P
   Ultralow Noise 1A Switching Regulator
logo
Gamma Microelectronics ...
GM2576 GAMMA-GM2576 Datasheet
154Kb / 9P
   2A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7109 GAMMA-GM7109 Datasheet
153Kb / 9P
   150KHz, 2A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
Linear Technology
LTM8032 LINER-LTM8032 Datasheet
310Kb / 20P
   Ultralow Noise EMC Compliant 36V, 2A DC/DC 關Module
logo
Texas Instruments
TPS78930DBVTG4 TI-TPS78930DBVTG4 Datasheet
481Kb / 20P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79015 TI-TPS79015 Datasheet
315Kb / 17P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS789 TI-TPS789 Datasheet
481Kb / 20P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 100-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com