Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1360 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1360
Description  50MHz, 800V/s Op Amp
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1360 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1360 Datasheet HTML 4Page - Linear Technology LT1360 Datasheet HTML 5Page - Linear Technology LT1360 Datasheet HTML 6Page - Linear Technology LT1360 Datasheet HTML 7Page - Linear Technology LT1360 Datasheet HTML 8Page - Linear Technology LT1360 Datasheet HTML 9Page - Linear Technology LT1360 Datasheet HTML 10Page - Linear Technology LT1360 Datasheet HTML 11Page - Linear Technology LT1360 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LT1360
TYPICAL PERFORMANCE CHARACTERISTICS
Frequency Response vs
Capacitive Load
Power Supply Rejection Ratio
vs Frequency
Common Mode Rejection Ratio
vs Frequency
Undistorted Output Swing vs
Frequency (
±5V)
Undistorted Output Swing vs
Frequency (
±15V)
Total Harmonic Distortion
vs Frequency
FREQUENCY (Hz)
1M
–8
–4
–6
12
100M
1360 G19
4
0
10M
8
–2
6
2
10
VS = ±15V
TA = 25°C
AV = –1
C = 1000pF
C = 500pF
C = 100pF
C = 50pF
C = 0
FREQUENCY (Hz)
0
40
20
100
80
60
100k
1M
1k
10k
100
10M
100M
1360 G20
VS = ±15V
TA = 25°C
+PSRR
– PSRR
FREQUENCY (Hz)
0
40
20
120
100
80
60
1k
100M
10M
1M
100k
10k
1360 G21
VS = ±15V
TA = 25°C
SUPPLY VOLTAGE (
±V)
0
600
400
200
2000
1800
1600
1400
1200
1000
800
015
10
5
1360 G22
TA = 25°C
AV = –1
RF = RG = 1k
SR =
SR+ + SR
—————
2
TEMPERATURE (
°C)
200
400
300
1000
900
800
500
600
700
– 50
–25
25
100
125
50
75
0
1360 G23
SR + + SR
SR = —————
2
VS = ±5V
VS = ±15V
AV = –2
INPUT LEVEL (VP-P)
0
400
600
200
2000
1800
1600
1400
800
1200
1000
0
8
16
20
12
4
210
18
14
6
1360 G24
TA = 25°C
VS = ±15V
AV = –1
RF = RG = 1k
SR =
SR + + SR
—————
2
FREQUENCY (Hz)
100k
1M
0
30
10M
1360 G26
15
5
10
25
20
AV = –1
AV = 1
VS = ±15V
RL = 1k
AV = 1, 1% MAX DISTORTION
AV = –1, 2% MAX DISTORTION
FREQUENCY (Hz)
10
0.0001
0.01
100
100k
1360 G25
1k
0.001
10k
AV = –1
AV = 1
TA = 25°C
VO = 3VRMS
RL = 500Ω
FREQUENCY (Hz)
100k
1M
0
10
10M
1360 G27
6
2
4
8
AV = –1
AV = 1
VS = ±5V
RL = 1k
2% MAX DISTORTION
Slew Rate vs Input Level
Slew Rate vs Temperature
Slew Rate vs Supply Voltage


Similar Part No. - LT1360

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1360 LINER-LT1360 Datasheet
263Kb / 16P
   50MHz, 800V/us Op Amp
LT1360 LINER-LT1360 Datasheet
1Mb / 20P
   90MHz, 2200V/關s 30V Low Power Op Amps
LT1360CN8 LINER-LT1360CN8 Datasheet
263Kb / 16P
   50MHz, 800V/us Op Amp
LT1360CS8 LINER-LT1360CS8 Datasheet
263Kb / 16P
   50MHz, 800V/us Op Amp
More results

Similar Description - LT1360

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1360 LINER-LT1360 Datasheet
263Kb / 16P
   50MHz, 800V/us Op Amp
LT1362 LINER-LT1362_15 Datasheet
235Kb / 12P
   Dual and Quad 50MHz, 800V/s Op Amps
LT1361 LINER-LT1361 Datasheet
220Kb / 12P
   Dual and Quad 50MHz, 800V/us Op Amps
LT1361 LINER-LT1361_15 Datasheet
235Kb / 12P
   Dual and Quad 50MHz, 800V/ms Op Amps
LTC6244 LINER-LTC6244 Datasheet
455Kb / 24P
   Dual 50MHz, Low Noise, Rail-to-Rail, CMOS Op Amp
LTC6244 LINER-LTC6244_15 Datasheet
364Kb / 26P
   Dual 50MHz, Low Noise, Rail-to-Rail, CMOS Op Amp
LT1354 LINER-LT1354_15 Datasheet
264Kb / 12P
   12MHz, 400V/s Op Amp
LT1357 LINER-LT1357_15 Datasheet
261Kb / 12P
   25MHz, 600V/s Op Amp
LT1363 LINER-LT1363_15 Datasheet
219Kb / 12P
   70MHz, 1000V/s Op Amp
logo
Maxim Integrated Produc...
MAX44280 MAXIM-MAX44280 Datasheet
2Mb / 16P
   1.8V, 50MHz, Low-Offset, Low-Power, Rail-to-Rail I/O Op Amp
Rev 1; 4/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com