Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1194 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1194
Description  Video Difference Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1194 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1194_15 Datasheet HTML 4Page - Linear Technology LT1194_15 Datasheet HTML 5Page - Linear Technology LT1194_15 Datasheet HTML 6Page - Linear Technology LT1194_15 Datasheet HTML 7Page - Linear Technology LT1194_15 Datasheet HTML 8Page - Linear Technology LT1194_15 Datasheet HTML 9Page - Linear Technology LT1194_15 Datasheet HTML 10Page - Linear Technology LT1194_15 Datasheet HTML 11Page - Linear Technology LT1194_15 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
LT1194
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
SI PLIFIED SCHE ATIC
+
VOUT
BIAS
V
LT1194 • TA15
VBIAS
CFF
+V
CM
+V
3
2
6
*
V+
7
V
4
* SUBSTRATE DIODE, DO NOT FORWARD BIAS
1
BAL
8
BAL
5
REF
500
4.5k
PACKAGE DESCRIPTIO
OBSOLETE PACKAGE
J8 1298
0.014 – 0.026
(0.360 – 0.660)
0.200
(5.080)
MAX
0.015 – 0.060
(0.381 – 1.524)
0.125
3.175
MIN
0.100
(2.54)
BSC
0.300 BSC
(0.762 BSC)
0.008 – 0.018
(0.203 – 0.457)
0
° – 15°
0.045 – 0.068
(1.143 – 1.727)
FULL LEAD
OPTION
0.023 – 0.045
(0.584 – 1.143)
HALF LEAD
OPTION
CORNER LEADS OPTION
(4 PLCS)
0.045 – 0.065
(1.143 – 1.651)
0.005
(0.127)
MIN
0.405
(10.287)
MAX
0.220 – 0.310
(5.588 – 7.874)
12
3
4
87
65
0.025
(0.635)
RAD TYP
NOTE: LEAD DIMENSIONS APPLY TO SOLDER DIP/PLATE
OR TIN PLATE LEADS
J8 Package
8-Lead CERDIP (Narrow .300 Inch, Hermetic)
(Reference LTC DWG # 05-08-1110)


Similar Part No. - LT1194_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1194C LINER-LT1194C Datasheet
1Mb / 21P
   Video Difference Amplifier?
LT1194CJ8 LINER-LT1194CJ8 Datasheet
1Mb / 21P
   Video Difference Amplifier?
LT1194CJ8 LINER-LT1194CJ8 Datasheet
246Kb / 12P
   Video Difference Amplifier
LT1194CN8 LINER-LT1194CN8 Datasheet
1Mb / 21P
   Video Difference Amplifier?
LT1194CN8 LINER-LT1194CN8 Datasheet
246Kb / 12P
   Video Difference Amplifier
More results

Similar Description - LT1194_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1193 LINER-LT1193 Datasheet
565Kb / 12P
   Video Difference Amplifier
LT1193 LINER-LT1193_01 Datasheet
433Kb / 12P
   Video Difference Amplifier
LT1194 LINER-LT1194_01 Datasheet
246Kb / 12P
   Video Difference Amplifier
LT1193 LINER-LT1193_15 Datasheet
442Kb / 12P
   Video Difference Amplifier
LT1194 LINER-LT1194 Datasheet
1Mb / 21P
   Video Difference Amplifier?
logo
Analog Devices
AD830 AD-AD830 Datasheet
333Kb / 16P
   High Speed, Video Difference Amplifier
REV. A
logo
Linear Technology
LT1187 LINER-LT1187 Datasheet
385Kb / 12P
   Low Power Video Difference Amplifier
LT1189 LINER-LT1189_15 Datasheet
316Kb / 12P
   Low Power Video Difference Amplifier
logo
Analog Devices
AD830 AD-AD830_10 Datasheet
363Kb / 20P
   High Speed, Video Difference Amplifier
REV. C
AD830 AD-AD830_17 Datasheet
540Kb / 20P
   High Speed, Video Difference Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com