Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1123 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1123
Description  Low Dropout Regulator Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1123 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1123 Datasheet HTML 3Page - Linear Technology LT1123 Datasheet HTML 4Page - Linear Technology LT1123 Datasheet HTML 5Page - Linear Technology LT1123 Datasheet HTML 6Page - Linear Technology LT1123 Datasheet HTML 7Page - Linear Technology LT1123 Datasheet HTML 8Page - Linear Technology LT1123 Datasheet HTML 9Page - Linear Technology LT1123 Datasheet HTML 10Page - Linear Technology LT1123 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LT1123
1123fb
The following assumptions were made in calculating the
data for the curves. Resistors are 5% tolerance and the
values shown on the curve are nominal.
For 20mA drive current assume:
VBE = 0.95V at IC = 1A
VDRIVE = 1.75V
For 50mA drive current assume:
VBE = 1.2V at IC = 2A
VDRIVE = 1.9V
For 120mA drive current assume:
VBE = 1.4V at IC = 4A
VDRIVE = 2.1V
The RD Selection Chart lists the recommended values for
RD for the most useful range of input voltage and output
current. The chart includes a number for power dissipa-
tion for the LT1123 and RD.
Current Limit
For regulator circuits using the LT1123, current limiting is
achieved by limiting the base drive to the external PNP
pass transistor. This means that the actual system current
limit will be a function of both the current limit of the
LT1123 and the Beta of the external PNP. Beta-based
current limit schemes are normally not practical because
of uncertainties in the Beta of the pass transistor. Here the
drive characteristics of the LT1123 combined with the
Beta characteristics of the MJE1123 can provide reliable
Beta-based current limiting. This is shown in Figure 5
where the current limit of 30 randomly selected transis-
tors is plotted. The spread of current limit is reasonably
well controlled.
5.5V
RD
120
43
––
Power (LT1123)
0.05W
0.14W
––
Power (RD)
0.12W
0.32W
––
6.0V
RD
150
51
20
Power (LT1123)
0.05W
0.15W
0.37W
Power (RD)
0.13W
0.35W
0.76W
7.0V
RD
180
75
27
Power (LT1123)
0.06W
0.14W
0.38W
Power (RD)
0.16W
0.36W
0.89W
8.0V
RD
240
91
36
Power (LT1123)
0.06W
0.15W
0.38W
Power (RD)
0.17W
0.42W
0.97W
9.0V
RD
270
110
43
Power (LT1123)
0.20W
0.16W
0.41W
Power (RD)
0.07W
0.47W
1.11W
10.0V
RD
330
130
51
Power (LT1123)
0.22W
0.17W
0.43W
Power (RD)
0.07W
0.52W
1.25W
INPUT
VOLTAGE
0A to 4A
0.75V
OUTPUT CURRENT:
DROPOUT VOLTAGE:
0A to 1A
0.3V
0A to 2A
0.4V
RD Selection Chart
Note that in some conditions RD may be replaced with a
short. This is possible in circuits where an overload is
unlikely and the input voltage and drive requirements are
low. See the section on Thermal Considerations for more
information.
Figure 6. MJE1123 IC vs IB
Figure 5. Short-Circuit Current for 30 Random Devices
OUTPUT CURRENT (A)
4.00
3
4
5
4.75
5.25
6.00
LT1123 F05
2
1
0
4.25 4.50
5.00
5.50 5.75
6
7
8
9
10
11
12
13
14
15
IB (A)
0
0
1
3
4
5
0.10
9
LT1123 F06
2
0.05
0.15
6
7
8
APPLICATIO S I FOR ATIO


Similar Part No. - LT1123

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1123 LINER-LT1123 Datasheet
241Kb / 12P
   Low Dropout Regulator Driver
LT1123 LINER-LT1123 Datasheet
157Kb / 16P
   Low Dropout Regulator Driver
LT1123CST LINER-LT1123CST Datasheet
157Kb / 16P
   Low Dropout Regulator Driver
LT1123CZ LINER-LT1123CZ Datasheet
241Kb / 12P
   Low Dropout Regulator Driver
LT1123CZ LINER-LT1123CZ Datasheet
157Kb / 16P
   Low Dropout Regulator Driver
More results

Similar Description - LT1123

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1123 LINER-LT1123 Datasheet
241Kb / 12P
   Low Dropout Regulator Driver
LT1123 LINER-LT1123_05 Datasheet
157Kb / 16P
   Low Dropout Regulator Driver
RH1573K-DICE LINER-RH1573K-DICE_15 Datasheet
73Kb / 4P
   Low Dropout PNP Regulator Driver
LT1573 LINER-LT1573 Datasheet
200Kb / 16P
   Low Dropout PNP Regulator Driver
RH1573K LINER-RH1573K Datasheet
61Kb / 2P
   Low Dropout PNP Regulator Driver
LT1573 LINER-LT1573_15 Datasheet
184Kb / 16P
   Low Dropout PNP Regulator Driver
RH1573K LINER-RH1573K_12 Datasheet
239Kb / 13P
   RH1573K LOW DROPOUT PNP REGULATOR DRIVER DICE
LND-7800 LINER-LND-7800 Datasheet
19Kb / 1P
   LOW DROPOUT REGULATOR
logo
Austin Semiconductor
AS1185 AUSTIN-AS1185 Datasheet
487Kb / 7P
   Low Dropout Regulator
logo
Wing Shing Computer Com...
LM2931-5.0 WINGS-LM2931-5.0 Datasheet
359Kb / 6P
   Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com