Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L2N7002KDW1T1G Datasheet(PDF) 1 Page - Leshan Radio Company

Part # L2N7002KDW1T1G
Description  Small Signal MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

L2N7002KDW1T1G Datasheet(HTML) 1 Page - Leshan Radio Company

  L2N7002KDW1T1G_15 Datasheet HTML 1Page - Leshan Radio Company L2N7002KDW1T1G_15 Datasheet HTML 2Page - Leshan Radio Company L2N7002KDW1T1G_15 Datasheet HTML 3Page - Leshan Radio Company L2N7002KDW1T1G_15 Datasheet HTML 4Page - Leshan Radio Company L2N7002KDW1T1G_15 Datasheet HTML 5Page - Leshan Radio Company L2N7002KDW1T1G_15 Datasheet HTML 6Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
LESHAN RADIO COMPANY, LTD.
S-L2N7002KDW1T1G
Device
Marking
Shipping
ORDERING INFORMATION
3000 Tape & Reel
Dual N–Channel SC88
Small Signal MOSFET
380 mAmps, 60 Volts
(Top View)
Simplified Schematic
We declare that the material of product are Halogen Free and
compliance with RoHS requirements.
ESD Protected
Low RDS(on)
Surface Mount Package
This is a Pb−Free Device
Low Side Load Switch
Level Shift Circuits
DC−DC Converter
Portable Applications i.e. DSC, PDA, Cell Phone, etc.
MAXIMUM RATINGS (TJ = 25°C unless otherwise stated)
Rating
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
60
V
Gate−to−Source Voltage
VGS
±20
V
Drain Current (Note 1)
Steady State
TA = 25°C
TA = 85°C
t < 5 s
TA = 25°C
TA = 85°C
ID
320
230
380
270
mA
Power Dissipation (Note 1)
Steady State
t < 5 s
PD
300
420
mW
Pulsed Drain Current (tp = 10 ms)
IDM
1.5
A
Operating Junction and Storage
Temperature Range
TJ, TSTG
−55 to
+150
°C
Source Current (Body Diode)
IS
300
mA
Lead Temperature for Soldering Purposes
(1/8″ from case for 10 s)
TL
260
°C
Gate−Source ESD Rating
(HBM, Method 3015)
ESD
2000
V
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Junction−to−Ambient − Steady State
(Note 1)
RqJA
417
°C/W
Junction−to−Ambient − t ≤ 5 s (Note 1)
RqJA
300
1. Surface−mounted on FR4 board using 1 in sq pad size (Cu area = 1.127 in
sq [1 oz] including traces)
60 V
2.3 W @ 10 V
RDS(on) MAX
380 mA
ID MAX
(Note 1)
V(BR)DSS
2.7 W @ 5.0 V
L2N7002KDW1T1G
72K
Rev .C 1/6
S
1
D
1
D
2
S
2
G
1
G
2
1
2
3
4
5
6
L2N7002KDW1T1G
S-L2N7002KDW1T1G
S- Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC-Q101
Qualified and PPAP Capable.
FEATURES
APPLICATIONS


Similar Part No. - L2N7002KDW1T1G_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L2N7002KDW1T1G LRC-L2N7002KDW1T1G Datasheet
602Kb / 6P
   Small Signal MOSFET380 mAmps, 60 Volts N?밅hannel SC-88
More results

Similar Description - L2N7002KDW1T1G_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BS170 ONSEMI-BS170 Datasheet
52Kb / 4P
   Small Signal MOSFET Small Signal MOSFET Small Signal MOSFET
April, 2004 ??Rev. 4
logo
List of Unclassifed Man...
CMT2N7000 ETC1-CMT2N7000 Datasheet
118Kb / 5P
   Small Signal MOSFET
logo
Leshan Radio Company
L2N7002KWT1G LRC-L2N7002KWT1G_15 Datasheet
685Kb / 6P
   Small Signal MOSFET
LNTA7002NT1G LRC-LNTA7002NT1G_15 Datasheet
410Kb / 5P
   Small Signal MOSFET
logo
ON Semiconductor
NTR5103N ONSEMI-NTR5103N_16 Datasheet
133Kb / 5P
   Small Signal MOSFET
October, 2016 ??Rev. 1
NTNS41006PZ ONSEMI-NTNS41006PZ Datasheet
80Kb / 6P
   Small Signal MOSFET
May, 2017 ??Rev. 1
logo
SEMTECH ELECTRONICS LTD...
2N7000 SEMTECH_ELEC-2N7000 Datasheet
148Kb / 2P
   Small Signal MOSFET
logo
ON Semiconductor
NTNS3C94NZ ONSEMI-NTNS3C94NZ_16 Datasheet
71Kb / 6P
   Small Signal MOSFET
December, 2016 ??Rev. 1
NTJS4405N ONSEMI-NTJS4405N_11 Datasheet
135Kb / 5P
   Small Signal MOSFET
October, 2011 ??Rev. 6
NTJD4158C ONSEMI-NTJD4158C_15 Datasheet
91Kb / 7P
   Small Signal MOSFET
Febuary, 2015 ??Rev. 5
NTJD4001N ONSEMI-NTJD4001N_15 Datasheet
72Kb / 5P
   Small Signal MOSFET
May, 2015 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com