Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1754-5 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1754-5
Description  Micropower, Regulated 3.3V/5V Charge Pump with Shutdown in SOT-23
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1754-5 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1754-5_15 Datasheet HTML 3Page - Linear Technology LTC1754-5_15 Datasheet HTML 4Page - Linear Technology LTC1754-5_15 Datasheet HTML 5Page - Linear Technology LTC1754-5_15 Datasheet HTML 6Page - Linear Technology LTC1754-5_15 Datasheet HTML 7Page - Linear Technology LTC1754-5_15 Datasheet HTML 8Page - Linear Technology LTC1754-5_15 Datasheet HTML 9Page - Linear Technology LTC1754-5_15 Datasheet HTML 10Page - Linear Technology LTC1754-5_15 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LTC1754-3.3/LTC1754-5
range. The capacitor manufacturer’s data sheet should be
consulted to determine what style and value of capacitor
is needed to ensure 0.6
µF at all temperatures.
Output Ripple
Low frequency
regulation mode ripple exists due to the
hysteresis in the sense comparator and propagation delay
in the charge pump control circuit. The amplitude and
frequency of this ripple are heavily dependent on the load
current, the input voltage and the output capacitor size.
For large VIN the ripple voltage can become substantial
because the increased strength of the charge pump causes
fast edges that may outpace the regulation circuitry.
Generally the regulation ripple has a sawtooth shape
associated with it.
A high frequency ripple component may also be present
on the output capacitor due to the charge transfer action
of the charge pump. In this case the output can display a
voltage pulse during the charging phase. This pulse
results from the product of the charging current and the
ESR of the output capacitor. It is proportional to the input
voltage, the value of the flying capacitor and the ESR of the
output capacitor.
Typical combined output ripple for the LTC1754-5 with
VIN = 3V under maximum load is 65mVP-P using a low ESR
10
µF output capacitor. A smaller output capacitor and/or
larger output current load will result in higher ripple due to
higher output voltage slew rates.
There are several ways to reduce output voltage ripple. For
applications requiring higher VIN or lower peak-to-peak
ripple, a larger COUT capacitor (22µF or greater) is recom-
mended. A larger capacitor will reduce both the low and
high frequency ripple due to the lower charging and
discharging slew rates, as well as the lower ESR typically
found with higher value (larger case size) capacitors. A low
ESR ceramic output capacitor will minimize the high
frequency ripple, but will not reduce the low frequency
ripple unless a high capacitance value is used. To reduce
both the low and high frequency ripple, a reasonable
compromise is to use a 10
µF to 22µF tantalum capacitor
in parallel with a 1
µF to 3.3µF ceramic capacitor on VOUT.
An R-C filter may also be used to reduce high frequency
voltage spikes (see Figure 1).
Figure 1. Output Ripple Reduction Techniques
In low load or high VIN applications, smaller values for the
flying capacitor may be used to reduce output ripple. A
smaller flying capacitor (0.01
µF to 0.47µF) delivers less
charge per clock cycle to the output capacitor resulting in
lower output ripple. However, with a smaller flying capaci-
tor, the maximum available output current will be reduced
along with the efficiency.
Note that when using a larger output capacitor the turn on
time of the device will increase.
Inrush Currents
During normal operation VIN will experience current tran-
sients in the 50mA to 100mA range whenever the charge
pump is enabled. However during start-up, inrush cur-
rents may approach 250mA. For this reason it is important
to minimize the source impedance between the input
supply and the VIN pin. Too much source impedance may
result in regulation problems or prevent start-up.
Ultralow Quiescent Current Regulated Supply
The LTC1754 contains an internal resistor divider (refer to
the Simplified Block Diagram) that typically draws 1.5
µA
from VOUT. During no-load conditions, this internal load
causes a droop rate of only 150mV per second on VOUT
with COUT = 10µF. Applying a 2Hz to 100Hz, 2% to 5% duty
cycle signal to the SHDN pin ensures that the circuit of
Figure 2 comes out of shutdown frequently enough to
maintain regulation. Since the LTC1754 spends nearly the
entire time in shutdown, the no-load quiescent current is
approximately (VOUT)(1.5µA)/(ηVIN).
The LTC1754 must be out of shutdown for a minimum
duration of 200
µstoallowenoughtimetosensetheoutput
voltage and keep it in regulation. A 2Hz, 2% duty cycle
LTC1754-X
15
µF
TANTALUM
VOUT
VOUT
VOUT
1
µF
CERAMIC
LTC1754-X
2
10
µF
TANTALUM
10
µF
TANTALUM
VOUT
1754 F01
+
+
+
APPLICATIO S I FOR ATIO


Similar Part No. - LTC1754-5_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1754-5 LINER-LTC1754-5 Datasheet
205Kb / 12P
   Micropower, Regulated 3.3V/5V Charge Pump with Shutdown in SOT-23
More results

Similar Description - LTC1754-5_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1754-3.3 LINER-LTC1754-3.3 Datasheet
205Kb / 12P
   Micropower, Regulated 3.3V/5V Charge Pump with Shutdown in SOT-23
LTC1754-3.3 LINER-LTC1754-3.3_15 Datasheet
216Kb / 12P
   Micropower, Regulated 3.3V/5V Charge Pump with Shutdown in SOT-23
logo
List of Unclassifed Man...
AIC1845 ETC2-AIC1845 Datasheet
687Kb / 13P
   Regulated 5V Charge Pump In SOT-23
logo
Analog Intergrations Co...
AIC1848 AIC-AIC1848 Datasheet
336Kb / 10P
   Regulated 5V Charge Pump In SOT-23
logo
Linear Technology
LTC1517-5 LINER-LTC1517-5_15 Datasheet
161Kb / 8P
   Micropower, Regulated 5V Charge Pump in a 5-Pin SOT-23 Package
LTC1517-5 LINER-LTC1517-5 Datasheet
210Kb / 8P
   Micropower, Regulated 5V Charge Pump in a 5-Pin SOT-23 Package
LTC1517-3.3 LINER-LTC1517-3.3_15 Datasheet
161Kb / 8P
   Micropower, Regulated 3.3V Charge Pump in a 5-Pin SOT-23 Package
logo
Linear Integrated Syste...
LTC1517ES5-5 LINEAR-LTC1517ES5-5 Datasheet
144Kb / 8P
   Micropower, Regulated 3.3V Charge Pump in a 5-Pin SOT-23 Package
logo
Semtech Corporation
SC1517-5 SEMTECH-SC1517-5 Datasheet
111Kb / 10P
   MICROPOWER, REGULATED 5V CHARGE PUMP
logo
SG Micro Corp
SGM3110 SGMICRO-SGM3110 Datasheet
424Kb / 7P
   MicroPower Regulated Charge Pump
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com