Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1754-3.3 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1754-3.3
Description  Micropower, Regulated 3.3V/5V Charge Pump with Shutdown in SOT-23
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1754-3.3 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1754-3.3 Datasheet HTML 4Page - Linear Technology LTC1754-3.3 Datasheet HTML 5Page - Linear Technology LTC1754-3.3 Datasheet HTML 6Page - Linear Technology LTC1754-3.3 Datasheet HTML 7Page - Linear Technology LTC1754-3.3 Datasheet HTML 8Page - Linear Technology LTC1754-3.3 Datasheet HTML 9Page - Linear Technology LTC1754-3.3 Datasheet HTML 10Page - Linear Technology LTC1754-3.3 Datasheet HTML 11Page - Linear Technology LTC1754-3.3 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
LTC1754-3.3/LTC1754-5
Layout Considerations
Due to high switching frequency and high transient cur-
rents produced by the LTC1754, careful board layout is
necessary. A true ground plane and short connections to
all capacitors will improve performance and ensure proper
regulation under all conditions. Figure 4 shows the recom-
mended layout configuration
Figure 4. Recommended Layout
signal will keep VOUT in regulation under no-load condi-
tions. As the VOUT load current increases, the frequency
with which the LTC1754 is taken out of shutdown must
also be increased.
Figure 2. Ultralow Quiescent Current Regulated Supply
Figure 3. No-Load Supply Current vs Supply Voltage
for the Circuit Shown in Figure 2
SUPPLY VOLTAGE (V)
2.0
4
5
6
3.5
4.5
1754 F03
3
2
2.5
3.0
4.0
5.0
5.5
1
0
TA = 25°C
IOUT = 0µA
CFLY = 1µF
LTC1754-5
LTC1754-3.3
LTC1754-X
VIN
VOUT
GND
1754-5 F04
SHDN
10
µF
10
µF
1
µF
C +
1
2
3
6
5
4
LTC1754-X
VIN
C
VOUT
1754 F02
VIN
VOUT
LOW IQ MODE (2Hz TO 100Hz, 2% TO 5% DUTY CYCLE)
10
µF
1
µF
10
µF
SHDN PIN
WAVEFORM
GND
SHDN
Thermal Management
For higher input voltages and maximum output current,
there can be substaintial power dissipation in the LTC1754.
If the junction temperature increases above approximately
150
°C, the thermal shutdown circuitry will automatically
deactivate the output. To reduce the maximum junction
temperature, a good thermal connection to the PC board
is recommended. Connecting the GND pin (Pin 2) to a
ground plane and maintaining a solid ground plane under
the device on at least two layers of the PC board can reduce
the thermal resistance of the package and PC board
system to about 150
°C/W.
APPLICATIO S I FOR ATIO


Similar Part No. - LTC1754-3.3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1754-3.3 LINER-LTC1754-3.3 Datasheet
205Kb / 12P
   Micropower, Regulated 3.3V/5V Charge Pump with Shutdown in SOT-23
More results

Similar Description - LTC1754-3.3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1754-5 LINER-LTC1754-5_15 Datasheet
216Kb / 12P
   Micropower, Regulated 3.3V/5V Charge Pump with Shutdown in SOT-23
LTC1754-3.3 LINER-LTC1754-3.3 Datasheet
205Kb / 12P
   Micropower, Regulated 3.3V/5V Charge Pump with Shutdown in SOT-23
logo
List of Unclassifed Man...
AIC1845 ETC2-AIC1845 Datasheet
687Kb / 13P
   Regulated 5V Charge Pump In SOT-23
logo
Analog Intergrations Co...
AIC1848 AIC-AIC1848 Datasheet
336Kb / 10P
   Regulated 5V Charge Pump In SOT-23
logo
Linear Technology
LTC1517-5 LINER-LTC1517-5_15 Datasheet
161Kb / 8P
   Micropower, Regulated 5V Charge Pump in a 5-Pin SOT-23 Package
LTC1517-5 LINER-LTC1517-5 Datasheet
210Kb / 8P
   Micropower, Regulated 5V Charge Pump in a 5-Pin SOT-23 Package
LTC1517-3.3 LINER-LTC1517-3.3_15 Datasheet
161Kb / 8P
   Micropower, Regulated 3.3V Charge Pump in a 5-Pin SOT-23 Package
logo
Linear Integrated Syste...
LTC1517ES5-5 LINEAR-LTC1517ES5-5 Datasheet
144Kb / 8P
   Micropower, Regulated 3.3V Charge Pump in a 5-Pin SOT-23 Package
logo
Semtech Corporation
SC1517-5 SEMTECH-SC1517-5 Datasheet
111Kb / 10P
   MICROPOWER, REGULATED 5V CHARGE PUMP
logo
SG Micro Corp
SGM3110 SGMICRO-SGM3110 Datasheet
424Kb / 7P
   MicroPower Regulated Charge Pump
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com