Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUPDMB6KIEC Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # SUPDMB6KIEC
Description  Detachable PDU option for compatible SmartOnline UPS Systems, Hardwired Input-C19 Outlets
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SUPDMB6KIEC Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  SUPDMB6KIEC Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SUPDMB6KIEC Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Detachable PDU option for compatible SmartOnline
UPS Systems, Hardwired Input/C19 Outlets
MODEL NUMBER: SUPDMB6KIEC
Description
The SUPDMB6KIEC UPS backplate with manual transfer switch serves as a replacement for the original
backplate provided with SU6000RT4UHVG configurations. Can also be used to convert any high voltage UPS
configuration using the SU6000RT4UHVPM power module to support hardwire input and 4 C19 output
receptacles. Manual bypass feature ensures maximum availability of connected equipment while UPS
maintenance occurs. Can accept input voltages of 200-240 VAC. Hardwire input / 4 C19 output connections.
Features
Specifications
OUTPUT
Frequency Compatibility
50 / 60 Hz
Output Receptacles
(2) C19
Output Nominal Voltage
200, 208, 220, 230, 240 VAC
Overload Protection
2 double pole 20A breakers protect 2 C19 outlets each
INPUT
Nominal Input Voltage(s) Supported
200V AC; 208V AC; 230V AC; 240V AC; 220V AC
Input Connection Type
Hardwire
Voltage Compatibility (VAC)
200; 208; 220; 230; 240
Highlights
Detachable PDU backplate with
manual bypass switch serves as
a replacement PDU for
configured SU6000RT4UHVG
UPS systems
Can also be used to convert any
high voltage UPS configuration
using the SU6000RT4UHVPM
power module to include C19
outlets
4 C19 output receptacles
Hardwire input supported
Attaches via unit-specific back
panel electrical and bolt-on
connections
Manual bypass feature ensures
maximum equipment availability
System Requirements
Requires SU6000RT4UHVPM
UPS power module in any
200-240V AC configuration
Package Includes
SUPDMB6KIEC detachable PDU
1 / 2


Similar Part No. - SUPDMB6KIEC

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SUPDMB6KHW TRIPPLITE-SUPDMB6KHW Datasheet
496Kb / 2P
   Detachable PDU option for compatible SmartOnline UPS Systems, Hardwired Input-Output
More results

Similar Description - SUPDMB6KIEC

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SUPDMB6KHW TRIPPLITE-SUPDMB6KHW Datasheet
496Kb / 2P
   Detachable PDU option for compatible SmartOnline UPS Systems, Hardwired Input-Output
SUPDMB20KIEC TRIPPLITE-SUPDMB20KIEC Datasheet
495Kb / 2P
   Detachable redundant PDU option for select SmartOnline UPS - Hardwired input - C19 output
SUPDMB20K TRIPPLITE-SUPDMB20K Datasheet
499Kb / 2P
   Detachable redundant PDU option for select SmartOnline UPS - Hardwired input - L6-30R, C19 output
SUPDMB710IEC TRIPPLITE-SUPDMB710IEC Datasheet
504Kb / 2P
   Detachable PDU option with IEC output connections for compatible SmartOnline UPS Systems
TLNETCARD TRIPPLITE-TLNETCARD Datasheet
546Kb / 2P
   Web Management Accessory Card for SmartPro or SmartOnline UPS Systems
RBC48S TRIPPLITE-RBC48S Datasheet
169Kb / 2P
   Replacement Battery Cartridge for Select 48V Tripp Lite SmartOnline UPS Systems
RBC72S TRIPPLITE-RBC72S Datasheet
161Kb / 2P
   Replacement Battery Cartridge for Select 72V Tripp Lite SmartOnline UPS Systems
SU10000RT3UG TRIPPLITE-SU10000RT3UG Datasheet
550Kb / 6P
   SmartOnline 200-240V 10kVA 9kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 6U Rack-Tower, C19 Outlets
logo
List of Unclassifed Man...
SU3000XL ETC2-SU3000XL Datasheet
536Kb / 7P
   SmartOnline 3kVA On-Line Double-Conversion UPS, Tower, 120V NEMA outlets
logo
Tripp Lite. All Rights ...
2POSTRMKITMB TRIPPLITE-2POSTRMKITMB Datasheet
81Kb / 2P
   2-Post Rack-Mount Installation Kit for Select Tripp Lite SmartOnline UPS Systems
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com