Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SU8000RT3UPM Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # SU8000RT3UPM
Description  SmartOnline 200-240V 8kVA 7.2kW Hot-Swap Spare Power Module - for redundant power applications
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SU8000RT3UPM Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  SU8000RT3UPM Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SU8000RT3UPM Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SU8000RT3UPM Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Product Warranty Period (Worldwide)
2-year limited warranty
© 2015 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
http://www.tripplite.com/products/product-certification-agencies
3 / 3


Similar Part No. - SU8000RT3UPM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SU8000RT3U ETC2-SU8000RT3U Datasheet
540Kb / 8P
   SmartOnline 8kVA On-Line Double-Conversion UPS, 6U Rack/Tower, 200-240V NEMA outlets
SU8000RT3U1TF ETC2-SU8000RT3U1TF Datasheet
544Kb / 8P
   SmartOnline 8kVA On-Line Double-Conversion UPS, 8U Rack/Tower, 208/120V NEMA outlets
logo
Tripp Lite. All Rights ...
SU8000RT3U1TF TRIPPLITE-SU8000RT3U1TF_15 Datasheet
536Kb / 6P
   SmartOnline 208/120V 8kVA 7.2kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 8U Rack/Tower, Bypass Switch
SU8000RT3UG TRIPPLITE-SU8000RT3UG Datasheet
548Kb / 6P
   SmartOnline 200-240V 8kVA 7.2kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 6U Rack/Tower, Bypass Switch, C19 Outlets
logo
List of Unclassifed Man...
SU8000RT3UHW ETC2-SU8000RT3UHW Datasheet
549Kb / 8P
   SmartOnline 8kVA On-Line Double-Conversion UPS, 6U Rack/Tower, 200-240V Hardwire output
More results

Similar Description - SU8000RT3UPM

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SU10000RT3UPM TRIPPLITE-SU10000RT3UPM Datasheet
492Kb / 3P
   SmartOnline 200-240V 10kVA 9kW UPS Spare - Redundant Power Module, 3U Rack-Tower
logo
Axiomtek Co., Ltd.
AX6156LE AXIOMTEK-AX6156LE Datasheet
704Kb / 2P
   Hot-swap redundant power supply supported
logo
Technology Dynamics Inc...
NTDM-HS-12-250 TECHNOLOGY-NTDM-HS-12-250 Datasheet
185Kb / 2P
   N1 REDUNDANT HOT SWAP POWER SYSTEMS
NTDM-4HS-12-500 TECHNOLOGY-NTDM-4HS-12-500 Datasheet
180Kb / 2P
   N1 REDUNDANT HOT SWAP POWER SYSTEMS
logo
Texas Instruments
TPS2350 TI1-TPS2350_15 Datasheet
1Mb / 27P
[Old version datasheet]   Hot Swap Power Manager for Redundant ??8-V Supplies
logo
Technology Dynamics Inc...
NTDM-6HS-12-750 TECHNOLOGY-NTDM-6HS-12-750 Datasheet
995Kb / 2P
   N1 REDUNDANT HOT SWAP POWER SYSTEMS
logo
Texas Instruments
TPS2350 TI-TPS2350 Datasheet
368Kb / 21P
[Old version datasheet]   HOT SWAP POWER MANAGER FOR REDUNDANT-48-V SUPPLIES
logo
Tripp Lite. All Rights ...
SU8000RT3UHW TRIPPLITE-SU8000RT3UHW_15 Datasheet
546Kb / 6P
   SmartOnline 200-240V 8kVA 7.2kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 6U Rack/Tower, Bypass Switch, Hardwire
SU8000RT3UG TRIPPLITE-SU8000RT3UG Datasheet
548Kb / 6P
   SmartOnline 200-240V 8kVA 7.2kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 6U Rack/Tower, Bypass Switch, C19 Outlets
SU6000RT4UHVPM TRIPPLITE-SU6000RT4UHVPM Datasheet
487Kb / 2P
   SmartOnline 6000VA Power Module - Hot-swappable replacement power module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com