Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC2003SR Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # NC2003SR
Description  Notebook Cooling Pad - Notebook-Laptop Computer Security and Stands
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

NC2003SR Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  NC2003SR Datasheet HTML 1Page - Tripp Lite. All Rights Reserved NC2003SR Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Notebook Cooling Pad - Notebook/Laptop
Computer Security & Stands
MODEL NUMBER: NC2003SR
Description
This portable model includes two built-in cooling fans for reducing the internal heat of hot-running notebooks.
Fan Specifications Bearing type: sleeve, MTBF: 20,000 hours, Noise level (in decibels): 25dB
Features
This portable model includes two built-in cooling fans for reducing the internal heat of hot-running notebooks
Fan Specifications Bearing type: sleeve
MTBF: 20,000 hours
Noise level (in decibels): 25dB
Specifications
PRODUCT OVERVIEW
Product Overview
Notebook Cooling Pad
PHYSICAL
Unit Dimensions (hwd / in.)
0.54 x 9 x 11.8
Unit Dimensions (hwd / cm)
1.37 x 22.86 x 29.97
Unit Weight (lbs.)
0.96
Unit Weight (kg)
0.44
Unit Dimensions (cm)
29.97 x 22.86 x 1.37
Material of Construction
Plastic
Color
Silver
Highlights
2 built-in cooling fans dissipate
heat away from the bottom of
your notebook and cool down the
overall temperature of your
system
USB-powered for use with any
computer USB port
Heavy-duty construction
withstands the constant pressure
of heavy notebooks
Compact size offers easier
portability while traveling
Applications
Notebook computers
System Requirements
USB port
1 / 2


Similar Part No. - NC2003SR

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
NC20 AVX-NC20 Datasheet
200Kb / 5P
   NTC SMD Thermistors
logo
Turck, Inc.
NC20-KT34-VP4X2 TURCK-NC20-KT34-VP4X2 Datasheet
254Kb / 3P
   Capacitive Sensor
11/07/2023
logo
AVX Corporation
NC20I00182 AVX-NC20I00182 Datasheet
200Kb / 5P
   NTC SMD Thermistors
NC20I00222 AVX-NC20I00222 Datasheet
200Kb / 5P
   NTC SMD Thermistors
NC20I00272 AVX-NC20I00272 Datasheet
200Kb / 5P
   NTC SMD Thermistors
More results

Similar Description - NC2003SR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NS2002BK ETC2-NS2002BK Datasheet
477Kb / 3P
   Articulating Notebook Arm - Notebook/Laptop Computer Security & Stands
logo
Tripp Lite. All Rights ...
NB1001BK TRIPPLITE-NB1001BK Datasheet
494Kb / 2P
   Profile Notebook Brief - Notebook-Laptop Computer Carrying Cases and Bags
logo
List of Unclassifed Man...
IN3005KB ETC2-IN3005KB Datasheet
488Kb / 3P
   Multimedia Keyboard - Notebook/Laptop Computer Peripheral Devices
IN3000WI ETC2-IN3000WI Datasheet
474Kb / 3P
   Mini Optical Mouse - Notebook/Laptop Computer Peripheral Devices
R9-NBC-XS2K-GP ETC2-R9-NBC-XS2K-GP Datasheet
490Kb / 2P
   Slim Laptop Cooling Pad
R9-NBS-ESEEK-GP ETC2-R9-NBS-ESEEK-GP Datasheet
430Kb / 2P
   Ergonomic Laptop Cooling Pad
R9-NBC-XL2K-GP ETC2-R9-NBC-XL2K-GP Datasheet
454Kb / 2P
   Slim Laptop Cooling Pad
R9-NBS-E32K-GP ETC2-R9-NBS-E32K-GP Datasheet
616Kb / 2P
   Ergonomic Laptop Cooling Pad
R9-NBC-LXLK-GP ETC2-R9-NBC-LXLK-GP Datasheet
223Kb / 2P
   Massive 230mm Laptop Cooling Pad
logo
Tripp Lite. All Rights ...
P012-006 TRIPPLITE-P012-006 Datasheet
474Kb / 3P
   Standard Laptop/Notebook Power Cord, 10A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com