Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC3223TB Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # PC3223TB
Description  5 V, SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PC3223TB Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button PC3223TB_15 Datasheet HTML 6Page - Renesas Technology Corp PC3223TB_15 Datasheet HTML 7Page - Renesas Technology Corp PC3223TB_15 Datasheet HTML 8Page - Renesas Technology Corp PC3223TB_15 Datasheet HTML 9Page - Renesas Technology Corp PC3223TB_15 Datasheet HTML 10Page - Renesas Technology Corp PC3223TB_15 Datasheet HTML 11Page - Renesas Technology Corp PC3223TB_15 Datasheet HTML 12Page - Renesas Technology Corp PC3223TB_15 Datasheet HTML 13Page - Renesas Technology Corp PC3223TB_15 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
TYPICAL CHARACTERISTICS (TA = +25
°C , unless otherwise specified)
30
25
20
15
10
5
0
01
23
4
5
6
0.1
1.1
2.1
5.1
0
− 10
− 20
− 30
− 40
− 50
10
0
− 10
− 20
− 30
− 40
25
23
21
19
17
15
No input signal
21
20
19
18
17
16
15
− 60 − 40 − 20
0
+20 +40 +60 +80 +100
VCC = 5.0 V
VCC = 4.5 to 5.5 V
VCC = 4.5 V
TA =
− 40˚C
TA =
+25˚C
TA =
+85˚C
VCC = 5.0 V
TA =
+25˚C
VCC = 5.5 V
3.1
4.1
0.1
1.1
2.1
5.1
10
0
− 10
− 20
− 30
− 40
TA =
+25˚C
VCC = 5.5 V
3.1
4.1
VCC = 5.0 to 5.5 V
VCC = 5.0 V
VCC = 4.5 V
0.1
1.1
2.1
5.1
3.1
4.1
TA =
+25˚C
0.1
1.1
2.1
5.1
3.1
4.1
VCC = 4.5 V
VCC = 5.0 V
VCC = 5.5 V
TA =
+25˚C
CIRCUIT CURRENT vs. SUPPLY VOLTAGE
Supply Voltage VCC (V)
CIRCUIT CURRENT vs.
OPERATING AMBIENT TEMPERATURE
Operating Ambient Temperature TA (
°C)
No input signal
POWER GAIN vs. FREQUENCY
Frequency f (GHz)
ISOLATION vs. FREQUENCY
Frequency f (GHz)
INPUT RETURN LOSS vs. FREQUENCY
Frequency f (GHz)
OUTPUT RETURN LOSS vs. FREQUENCY
Frequency f (GHz)
Remark The graphs indicate nominal characteristics.
Data Sheet PU10491EJ01V0DS
8
µPC3223TB


Similar Part No. - PC3223TB_15

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC322 PICKER-PC322 Datasheet
158Kb / 2P
   Subminiature PCB Telecom Relay
PC322-05AH PICKER-PC322-05AH Datasheet
147Kb / 2P
   Telecom Relay
PC322-05AJ PICKER-PC322-05AJ Datasheet
147Kb / 2P
   Telecom Relay
PC322-05AL PICKER-PC322-05AL Datasheet
147Kb / 2P
   Telecom Relay
PC322-05AM PICKER-PC322-05AM Datasheet
147Kb / 2P
   Telecom Relay
More results

Similar Description - PC3223TB_15

ManufacturerPart #DatasheetDescription
logo
NEC
UPC3223TB NEC-UPC3223TB Datasheet
94Kb / 15P
   5 V, SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
logo
California Eastern Labs
UPC3223TB CEL-UPC3223TB Datasheet
320Kb / 14P
   5 V, SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
logo
NEC
UPC3225TB NEC-UPC3225TB Datasheet
163Kb / 17P
   5 V, SILICON GERMANIUM MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC3232TB NEC-UPC3232TB Datasheet
161Kb / 15P
   5 V, SILICON GERMANIUM MMIC MEDIUM OUTPUT POWER AMPLIFIER
logo
California Eastern Labs
UPC3232TB CEL-UPC3232TB Datasheet
455Kb / 14P
   5 V, SILICON GERMANIUM MMIC MEDIUM OUTPUT POWER AMPLIFIER
logo
NEC
UPC3226TB NEC-UPC3226TB Datasheet
111Kb / 14P
   5 V, SILICON GERMANIUM MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC3236TK NEC-UPC3236TK Datasheet
256Kb / 22P
   5 V, SILICON GERMANIUM MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC2709TB NEC-UPC2709TB_1 Datasheet
93Kb / 16P
   5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC2776TB NEC-UPC2776TB_1 Datasheet
103Kb / 16P
   5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC2708TB NEC-UPC2708TB Datasheet
99Kb / 16P
   5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com