Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC5751 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SC5751
Description  NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (30 mW) FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5751 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SC5751_15 Datasheet HTML 1Page - Renesas Technology Corp 2SC5751_15 Datasheet HTML 2Page - Renesas Technology Corp 2SC5751_15 Datasheet HTML 3Page - Renesas Technology Corp 2SC5751_15 Datasheet HTML 4Page - Renesas Technology Corp 2SC5751_15 Datasheet HTML 5Page - Renesas Technology Corp 2SC5751_15 Datasheet HTML 6Page - Renesas Technology Corp 2SC5751_15 Datasheet HTML 7Page - Renesas Technology Corp 2SC5751_15 Datasheet HTML 8Page - Renesas Technology Corp 2SC5751_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
DATA SHEET
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
Document No. P15657EJ1V0DS00 (1st edition)
Date Published August 2001 NS CP(K)
Printed in Japan
©
2001
NPN SILICON RF TRANSISTOR
2SC5751
NPN SILICON RF TRANSISTOR FOR
MEDIUM OUTPUT POWER AMPLIFICATION (30 mW)
FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD
FEATURES
• Ideal for medium output power amplification
•PO (1 dB) = 15.0 dBm TYP. @ VCE = 2.8 V, f = 1.8 GHz, Pin = 1 dBm
• HFT3 technology (fT = 12 GHz) adopted
• High reliability through use of gold electrodes
• Flat-lead 4-pin thin-type super minimold package
ORDERING INFORMATION
Part Number
Quantity
Supplying Form
2SC5751
50 pcs (Non reel)
• 8 mm wide embossed taping
2SC5751-T2
3 kpcs/reel
• Pin 1 (Emitter), Pin 2 (Collector) face the perforation side of the tape
Remark To order evaluation samples, consult your NEC sales representative.
Unit sample quantity is 50 pcs.
ABSOLUTE MAXIMUM RATINGS (TA = +25
°°°°C)
Parameter
Symbol
Ratings
Unit
Collector to Base Voltage
VCBO
9.0
V
Collector to Emitter Voltage
VCEO
6.0
V
Emitter to Base Voltage
VEBO
2.0
V
Collector Current
IC
50
mA
Total Power Dissipation
Ptot
Note
205
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
−65 to +150
°C
Note Mounted on 1.08 cm
2
× 1.0 mm (t) glass epoxy PCB
Because this product uses high-frequency technology, avoid excessive static electricity, etc.


Similar Part No. - 2SC5751_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC5751-T2 RENESAS-2SC5751-T2 Datasheet
216Kb / 18P
   NPN SILICON RF TRANSISTOR
2001
More results

Similar Description - 2SC5751_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC5753 RENESAS-2SC5753_15 Datasheet
224Kb / 22P
   NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (60 mW) FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD
2SC5750 RENESAS-2SC5750_15 Datasheet
216Kb / 18P
   NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (30 mW) 4-PIN SUPER MINIMOLD
logo
NEC
2SC5754 NEC-2SC5754 Datasheet
89Kb / 13P
   NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (0.4 W) FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD (M04)
logo
Renesas Technology Corp
2SC5754 RENESAS-2SC5754_15 Datasheet
222Kb / 15P
   NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (0.4 W) FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD (M04)
2SC5752 RENESAS-2SC5752_15 Datasheet
225Kb / 22P
   NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (60 mW) 4-PIN SUPER MINIMOLD
logo
NEC
2SC5752 NEC-2SC5752 Datasheet
91Kb / 20P
   NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (60 mW) 4-PIN SUPER MINIMOLD
2SC5761 NEC-2SC5761 Datasheet
81Kb / 14P
   NPN SiGe RF TRANSISTOR FOR LOW NOISE & HIGH-GAIN AMPLIFICATION FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD (M04)
logo
California Eastern Labs
NESG3031M05-T1-A CEL-NESG3031M05-T1-A Datasheet
673Kb / 9P
   NPN SiGe RF TRANSISTOR FOR LOW NOISE, HIGH-GAIN AMPLIFICATION FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD (M05, 2012 PKG)
logo
NEC
NESG2101M16 NEC-NESG2101M16_1 Datasheet
135Kb / 13P
   NPN SiGe RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (125 mW) 6-PIN LEAD-LESS MINIMOLD (M16, 1208 PKG)
2SC5745 NEC-2SC5745 Datasheet
121Kb / 24P
   NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW NOISE FLAT-LEAD 3-PIN THIN-TYPE ULTRA SUPER MINIMOLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com