Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC5751 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # 2SC5751
Description  NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (30 mW) FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5751 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button 2SC5751_15 Datasheet HTML 3Page - Renesas Technology Corp 2SC5751_15 Datasheet HTML 4Page - Renesas Technology Corp 2SC5751_15 Datasheet HTML 5Page - Renesas Technology Corp 2SC5751_15 Datasheet HTML 6Page - Renesas Technology Corp 2SC5751_15 Datasheet HTML 7Page - Renesas Technology Corp 2SC5751_15 Datasheet HTML 8Page - Renesas Technology Corp 2SC5751_15 Datasheet HTML 9Page - Renesas Technology Corp 2SC5751_15 Datasheet HTML 10Page - Renesas Technology Corp 2SC5751_15 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Data Sheet P15657EJ1V0DS
5
2SC5751
VCE = 3.2 V
f = 0.9 GHz
ICq = 8 mA (RF OFF)
25
20
15
10
5
0
250
50
100
200
150
0
–20
–5
–10
–15
0
5
Input Power Pin (dBm)
OUTPUT POWER, POWER GAIN,
COLLECTOR CURRENT, COLLECTOR
EFFICIENCY vs. INPUT POWER
GP
Pout
IC
C
η
VCE = 2.8 V
f = 1.8 GHz
ICq = 8 mA (RF OFF)
25
20
15
10
5
0
250
50
100
200
150
0
–15
0
–5
–10
5
10
Input Power Pin (dBm)
OUTPUT POWER, POWER GAIN,
COLLECTOR CURRENT, COLLECTOR
EFFICIENCY vs. INPUT POWER
GP
Pout
IC
C
η
VCE = 3.2 V
f = 2.4 GHz
ICq = 8 mA (RF OFF)
25
20
15
10
5
0
250
50
100
200
150
0
–15
0
–5
–10
5
10
Input Power Pin (dBm)
OUTPUT POWER, POWER GAIN,
COLLECTOR CURRENT, COLLECTOR
EFFICIENCY vs. INPUT POWER
GP
Pout
IC
C
η
VCE = 3.2 V
f = 1.8 GHz
ICq = 8 mA (RF OFF)
25
20
15
10
5
0
250
50
100
200
150
0
–15
0
–5
–10
5
10
Input Power Pin (dBm)
OUTPUT POWER, POWER GAIN,
COLLECTOR CURRENT, COLLECTOR
EFFICIENCY vs. INPUT POWER
GP
Pout
IC
C
η


Similar Part No. - 2SC5751_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC5751-T2 RENESAS-2SC5751-T2 Datasheet
216Kb / 18P
   NPN SILICON RF TRANSISTOR
2001
More results

Similar Description - 2SC5751_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC5753 RENESAS-2SC5753_15 Datasheet
224Kb / 22P
   NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (60 mW) FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD
2SC5750 RENESAS-2SC5750_15 Datasheet
216Kb / 18P
   NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (30 mW) 4-PIN SUPER MINIMOLD
logo
NEC
2SC5754 NEC-2SC5754 Datasheet
89Kb / 13P
   NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (0.4 W) FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD (M04)
logo
Renesas Technology Corp
2SC5754 RENESAS-2SC5754_15 Datasheet
222Kb / 15P
   NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (0.4 W) FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD (M04)
2SC5752 RENESAS-2SC5752_15 Datasheet
225Kb / 22P
   NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (60 mW) 4-PIN SUPER MINIMOLD
logo
NEC
2SC5752 NEC-2SC5752 Datasheet
91Kb / 20P
   NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (60 mW) 4-PIN SUPER MINIMOLD
2SC5761 NEC-2SC5761 Datasheet
81Kb / 14P
   NPN SiGe RF TRANSISTOR FOR LOW NOISE & HIGH-GAIN AMPLIFICATION FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD (M04)
logo
California Eastern Labs
NESG3031M05-T1-A CEL-NESG3031M05-T1-A Datasheet
673Kb / 9P
   NPN SiGe RF TRANSISTOR FOR LOW NOISE, HIGH-GAIN AMPLIFICATION FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD (M05, 2012 PKG)
logo
NEC
NESG2101M16 NEC-NESG2101M16_1 Datasheet
135Kb / 13P
   NPN SiGe RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (125 mW) 6-PIN LEAD-LESS MINIMOLD (M16, 1208 PKG)
2SC5745 NEC-2SC5745 Datasheet
121Kb / 24P
   NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW NOISE FLAT-LEAD 3-PIN THIN-TYPE ULTRA SUPER MINIMOLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com